Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2402A21KTR-E1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2402A21KTR-E1
Description  DUAL 300mA LDO REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2402A21KTR-E1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2402A21KTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2402A21KTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2402A21KTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2402A21KTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2402A21KTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2402A21KTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2402A21KTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2402A21KTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2402A21KTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Data Sheet
8
Jul. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
DUAL 300mA LDO REGULATORS
AP2402
Typical Performance Characteristics (Continued)
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
Output Current (mA)
2.8V Channel
V
IN=3.8V
T
C=-40
oC
T
C=25
oC
T
C=85
oC
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
Output Current (mA)
2.5V Channel
V
IN=3.5V
T
C=-40
oC
T
C=25
oC
T
C=85
oC
Figure 9. Ground Current vs. Output Current
Figure 8. Ground Current vs. Output Current
Figure 10. Output Voltage vs. Output Current
Figure 11. Output Voltage vs. Output Current
0
30
60
90
120
150
180
210
240
270
300
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
Output Current (mA)
1.8V Channel
V
IN=2.8V
T
C=25
oC
0
30
60
90
120
150
180
210
240
270
300
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
Output Current (mA)
2.5V Channel
V
IN=3.5V
T
C=25
oC


Similar Part No. - AP2402A21KTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402A21KTR-E1 BCDSEMI-AP2402A21KTR-E1 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402A21KTR-E1 BCDSEMI-AP2402A21KTR-E1 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results

Similar Description - AP2402A21KTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Rohm
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com