Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVE104M50B12T-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AVE104M50B12T-F
Description  –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVE104M50B12T-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AVE104M50B12T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVE104M50B12T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVE104M50B12T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AVE104M50B12T-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type AVE –40 °C to 85 °C General Purpose SMT Capacitors
Aluminum Electrolytic Capacitors for Filtering and Bypass
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Specifications
–40 °C to +85 °C
4, 6.3, 10, 16, 25, 35, 50, 63 & 100 Vdc
0.1 µF to 1500 µF
±20% @ 120 Hz and +20 °C
0.01 CV or 3 µA @ +20 °C, after two minutes (whichever is greater)
Highlights
• +85 °C, Up to 2000 Hour Load Life
• Low Impedance
• Voltage Range: 4 Vdc to 100 Vdc
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Dissipation Factor:
Low Temperature
Characteristics @ 120 Hz:
Ripple Curent Multipliers:
Life Test:
2000 h @ 85 °C
∆ Capacitance ±20% (4 WV: ±30%)
DF: ≤ 200% of limit (4 WV: ±30%)
DCL: ≤ 100% of limit
Shelf Test:
1000 h @ 85 °C
∆ Capacitance ±20% (4 WV: ±30%)
DF: ≤ 200% of limit (4 WV: ±30%)
Type AVE capacitors are a great value for filter and bypass
applications not requiring wide temperature performance or high
ripple current. Their vertical cylindrical cases facilitate automatic
mounting and reflow soldering and offer a significant savings over
tantalum capacitors.
4V
6.3V
10 V
16 V
25 V
35 V
50 V
63 V
100 V
0.42
0.28
0.24
0.20
0.14
0.12
0.10
0.10
0.10
Frequency
50 Hz
120 Hz
1 kHz
10 kHz up
Vdc (V)
Multiplier
≤ 16
0.80
1.00
1.15
1.25
25 - 35
0.80
1.00
1.25
1.40
50 - 63
0.80
1.00
1.35
1.50
100
0.70
1.00
1.35
1.50
Outline Drawing
Case
Dimensions in millimeters (mm)
Code ∅ D
L
A
B
C
W
P±0.2
A
3
5.3±0.2
3.3
3.3
1.5 .45 ~ 0.75 0.8
B
4
5.3±0.2
4.3
4.3
2.0 0.5 to 0.8 1.0
C
5
5.3±0.2
5.3
5.3
2.3 0.5 to 0.8 1.5
D
6.3 5.3±0.2
6.6
6.6
2.7 0.5 to 0.8 2.0
X
6.3 7.7±0.3
6.6
6.6
2.7 0.5 to 0.8 2.0
E
8
6.5±0.3
8.4
8.4
3.4 0.5 to 0.8 2.3
F
8
10±0.5
8.4
8.4
3.0 0.7 to 1.1 3.1
G
10
10±0.5 10.4
10.4 3.3 0.7 to 1.1 4.7
Rated Voltage (Vdc)
4
6.3
10
16
25
35
50
63 100
Impedance Z(-25ºC)/Z(+20ºC) 7
4
3
2
2
2
2
2
2
Ratio
Z(-40ºC)/Z(+20ºC) 15
8
5
4
3
3
3
3
3
Complies with the EU Direc-
tive 2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - AVE104M50B12T-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
Level One
AVE-9200 LVL1-AVE-9200 Datasheet
905Kb / 3P
   Cat.5 Audio/Video Receiver (incl. Cable)
AVE-9201 LVL1-AVE-9201 Datasheet
791Kb / 2P
   1-port Cat.5 Audio/Video Broadcaster
AVE-9205 LVL1-AVE-9205 Datasheet
941Kb / 3P
   5-port Cat.5 Audio/Video Broadcaster
AVE-9300 LVL1-AVE-9300 Datasheet
1Mb / 4P
   Audio/Video Extenders
More results

Similar Description - AVE104M50B12T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS226M04A12T CDE-AVS226M04A12T Datasheet
303Kb / 5P
   SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
logo
Vishay Siliconix
500D VISHAY-500D Datasheet
89Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
Revision: 16-Apr-13
500D VISHAY-500D_V01 Datasheet
91Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
01-Jan-2022
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com