Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK15-E-1 Datasheet(PDF) 1 Page - Meder Electronic

Part # MK15-E-1
Description  Reed Sensors for SMD Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK15-E-1 Datasheet(HTML) 1 Page - Meder Electronic

  MK15-E-1 Datasheet HTML 1Page - Meder Electronic MK15-E-1 Datasheet HTML 2Page - Meder Electronic MK15-E-1 Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
242
www.meder.com
MEDER electronic
Reed Sensors for
SMD Mounting
DESCRIPTION
APPLICATIONS
MK15 Series
MK15 are magnetically operated Reed proximity
switches for SMD mounting.
Lead design 1: Flat, straight leads for PCB slot
mounting.
Lead design 2: Flat, bent SMD leads.
The sensors are supplied taped & reeled according
to IEC 286/part 3 suitable for auto-placement. The
special features of this series are the small dimensions
of only 19.5 x 2.5 x 2.5mm and the simple internal
structure (low-cost version).
Electronic PCB’s where all components are
surface mounted
Telecommunication applications Hook switch in
mobile and hard-wired phones
Switching element in microphones
DIMENSIONS
All dimensions in mm [inch]
FEATURES
Excellent for low power operations
High power switches available
Six operate sensitivities available
Tape and Reel available
No external power required for sensor operation
UL approved
Part Number Example
MK15 - B - 1
B is the magnetic sensitivity
1 is the lead design
ORDER INFORMATION
MAGNETIC SENSITIVITY
Sensitivity
class
Pull In
At Range
B
10 - 15
C
15 - 20
D
20 - 25
E
25 - 30
F
30 - 35
G
35 - 40
Series
Magnetic
Sensitivity
Lead
Design
MK15 -
X -
X
Options
B, C, D, E, F, G
1.2


Similar Part No. - MK15-E-1

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK15-E-1 MEDER-MK15-E-1 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK15-E-1_DE MEDER-MK15-E-1_DE Datasheet
73Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK15-E-1

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK23-35-B-2 MEDER-MK23-35-B-2_10 Datasheet
771Kb / 7P
   Open Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1_10 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com