Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK7-1A51D-500X Datasheet(PDF) 4 Page - Meder Electronic

Part # MK7-1A51D-500X
Description  Cylindrical Reed Sensors with M8 Thread
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK7-1A51D-500X Datasheet(HTML) 4 Page - Meder Electronic

  MK7-1A51D-500X Datasheet HTML 1Page - Meder Electronic MK7-1A51D-500X Datasheet HTML 2Page - Meder Electronic MK7-1A51D-500X Datasheet HTML 3Page - Meder Electronic MK7-1A51D-500X Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
185
CONTACT DATA
MEDER electronic
MK7 Series
Cylindrical Reed Sensors
with M8 Thread
www.meder.com
Germany # ++49-(0)7733-94870, USA # 800-870-5385
0
2
t
a
a
t
a
d
ll
A
0
C
>
--
l
e
d
o
M
h
c
t
i
w
S
>
--
m
r
o
F
t
c
a
t
n
o
C
1
8
h
c
t
i
w
S
A
m
r
o
F
0
9
h
c
t
i
w
S
C
/
B
m
r
o
F
s
g
n
i
t
a
R
t
c
a
t
n
o
C
s
n
o
i
t
i
d
n
o
C
.
n
i
M
.
p
y
T
.
x
a
M
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
r
e
w
o
P
g
n
i
h
c
t
i
w
S
A
&
V
f
o
n
o
i
t
a
n
i
b
m
o
c
C
D
y
n
A
l
a
u
d
i
v
i
d
n
i
r
i
e
h
t
d
e
e
c
x
e
o
t
t
o
n
s
'.
x
a
m
5
3
W
e
g
a
t
l
o
V
g
n
i
h
c
t
i
w
SC
A
k
a
e
p
r
o
C
D0
95
7
1V
t
n
e
r
r
u
C
g
n
i
h
c
t
i
w
S
C
A
k
a
e
p
r
o
C
D
5
.
0
5
2
.
0
A
t
n
e
r
r
u
C
y
r
r
a
CC
A
k
a
e
p
r
o
C
D0
.
12
.
1A
e
c
n
a
t
s
i
s
e
R
t
c
a
t
n
o
C
c
i
t
a
t
S
A
m
0
1
&
V
5
.
0
/
w
0
0
2
0
5
1
m
e
c
n
a
t
s
i
s
e
R
t
c
a
t
n
o
C
c
i
m
a
n
y
D
A
m
0
5
&
V
5
.
0
/
w
d
e
r
u
s
a
e
M
e
r
u
s
o
l
c
r
e
t
f
a
s
m
5
.
1
0
0
20
5
2m
s
s
o
r
c
a
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I
s
t
c
a
t
n
o
C
d
e
il
p
p
a
s
t
l
o
V
0
0
1
0
1 9
0
1 9
s
s
o
r
c
a
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
s
t
c
a
t
n
o
C
.
c
e
s
0
6
r
o
f
d
e
il
p
p
a
e
g
a
t
l
o
V
.
n
i
m
0
0
10
0
2C
D
V
e
c
n
u
o
B
.
l
c
n
i
,
e
m
i
T
e
t
a
r
e
p
O
e
v
i
r
d
r
e
v
o
%
0
0
1
/
w
d
e
r
u
s
a
e
M
5
.
0
7
.
0
s
m
e
m
i
T
t
e
s
e
R
l
i
o
c
o
n
/
w
d
e
r
u
s
a
e
M
n
o
i
s
s
e
r
p
p
u
s
1
.
05
.
1s
m
e
c
n
a
t
i
c
a
p
a
C
t
c
a
t
n
o
c
s
s
o
r
c
a
z
H
k
0
1
@
2
.
0
0
.
1
F
p
*
*
n
o
i
t
a
r
e
p
O
t
c
a
t
n
o
C
n
o
i
t
i
d
n
o
C
e
t
a
r
e
p
O
t
s
u
Md
l
e
i
f
e
t
a
t
s
y
d
a
e
t
S5
0
15
10
3T
A
n
o
i
t
i
d
n
o
C
t
e
s
e
R
t
s
u
M
d
l
e
i
f
e
t
a
t
s
y
d
a
e
t
S
2
9
6
7
2
T
A
a
t
a
D
l
a
t
n
e
m
n
o
r
i
v
n
E
e
c
n
a
t
s
i
s
e
R
k
c
o
h
Ss
m
1
1
n
o
i
t
a
r
u
d
e
v
a
w
e
n
i
s
2
/
10
30
5g
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
r
b
i
V
z
H
0
0
0
2
-
0
1
m
o
r
F
0
1
0
2
g
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A0
1 0
e
l
b
a
w
o
ll
a
.
x
a
m
e
t
u
n
i
m
/
C0
2
-5
80
2
-5
8
0C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
1 0
e
l
b
a
w
o
ll
a
.
x
a
m
e
t
u
n
i
m
/
C
5
3
-
5
8
5
3
-
5
8
0C
e
r
u
t
a
r
e
p
m
e
T
g
n
i
r
e
d
l
o
Sll
e
w
d
.
c
e
s
50
6
20
6
2
0C
.
h
c
t
i
w
s
e
v
i
t
i
s
n
e
s
e
r
o
m
a
g
n
i
s
u
n
e
h
w
s
d
r
a
w
n
w
o
d
y
r
a
v
n
a
c
d
n
a
s
e
u
l
a
v
m
u
m
i
x
a
m
e
r
a
a
t
a
d
l
a
c
i
r
t
c
e
l
e
d
e
t
a
c
i
d
n
i
e
h
T
:
e
t
o
n
e
s
a
e
l
P
e
r
o
m
f
i
y
r
o
t
c
a
f
t
l
u
s
n
o
C
.
n
o
i
t
c
e
s
h
c
t
i
w
S
d
e
e
R
r
u
o
n
i
d
e
b
i
r
c
s
e
d
s
e
h
c
t
i
w
S
d
e
e
R
d
e
i
f
i
d
o
m
n
u
/
t
u
c
n
u
e
h
t
o
t
r
e
f
e
r
s
e
g
n
a
r
e
s
e
h
T
*
*
.
d
e
r
i
u
q
e
r
s
i
l
i
a
t
e
d


Similar Part No. - MK7-1A51D-500X

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK70110 OKI-MK70110 Datasheet
206Kb / 16P
   Bluetooth Module
MK70120 OKI-MK70120 Datasheet
206Kb / 16P
   Bluetooth Module
MK70215 OKI-MK70215 Datasheet
211Kb / 14P
   Bluetooth module operates in the 2.4 GHz ISM band.
logo
Freescale Semiconductor...
MK70FN1M0VMJ12 FREESCALE-MK70FN1M0VMJ12 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
logo
NXP Semiconductors
MK70FN1M0VMJ12 NXP-MK70FN1M0VMJ12 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
More results

Similar Description - MK7-1A51D-500X

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MS-228-3 DBLECTRO-MS-228-3 Datasheet
29Kb / 2P
   Reed Sensor ??M8 thread
logo
PIC GmbH
MS-228-3 PIC-MS-228-3 Datasheet
29Kb / 2P
   Reed Sensor - M8 thread
logo
Meder Electronic
MK18-C-100W MEDER-MK18-C-100W_10 Datasheet
173Kb / 3P
   Cylindrical Reed Sensors
MK14-1A66C-200W MEDER-MK14-1A66C-200W Datasheet
537Kb / 1P
   Cylindrical Reed Sensors
MK18-B100W MEDER-MK18-B100W Datasheet
173Kb / 4P
   Cylindrical Reed Sensors
MK20-1-C-100W MEDER-MK20-1-C-100W_10 Datasheet
170Kb / 3P
   Cylindrical Reed Sensors
MK14-1A66B200W MEDER-MK14-1A66B200W Datasheet
174Kb / 5P
   Cylindrical Reed Sensors
MK18-C-100W MEDER-MK18-C-100W Datasheet
464Kb / 1P
   Cylindrical Reed Sensors
logo
PIC GmbH
MS-228-4 PIC-MS-228-4 Datasheet
52Kb / 2P
   Form C Reed Sensor - M8 thread
MS-228-6 PIC-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor - M8 thread
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com