Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3199EG393M063APA1 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 3199EG393M063APA1
Description  Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

3199EG393M063APA1 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  3199EG393M063APA1 Datasheet HTML 1Page - Cornell Dubilier Electronics 3199EG393M063APA1 Datasheet HTML 2Page - Cornell Dubilier Electronics 3199EG393M063APA1 Datasheet HTML 3Page - Cornell Dubilier Electronics 3199EG393M063APA1 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 3199 Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC • 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 3199 Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
Type 3199 Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
Part Numbering System
Insulation Dimensions
Code Clamp Insulation
Dimension Adders
Bracket
Type
D
L
H
Dimensions in Inches
P
no
0.008" PVC +0.02
+0.032 +0.024
H
no
0.012" PVC +0.03
+0.062 +0.045
N
no
none
R
yes
0.008" PVC +0.02
+0.032 +0.024
J
yes
0.012" PVC +0.03
+0.062 +0.045
X
yes
none
Ratings
3199
BA
393
M
7R5
B
P
A1
Case
Type
Code
Capacitance
Tolerance
Voltage
Terminal
Insulation
Construction*
3199
Case 393 = 39000 µF M = ±20%
7R5 = 7.5 Vdc A = high post
P = 0.008" PVC
A1 = potted
Code 125 = 1.2 F
S = –10 +30%
020 = 20 Vdc B = low post
H = 0.012" PVC
R1 = rilled
T = –10 +50%
D = high current N = none
S1 = stud & potted
U = –10 +75%
low post
With mounting
T1 - stud & rilled**
K = high currrent bracket:
* Construction code is also a sequence number, e.g., A1, A2, — A9,
high post
R = 0.008" PVC
B1, B2, —, for customer specifications. Sequence number 1 in A1, R1
M = M5 high post J = 0.012" PVC
S1 and T1 denotes the standard catalog capacitor with no special
J = M6 low post
X = None
requirements.
* Mounting stud not available for 1.375" diameter cases, case codes BA, BC and BE
Type 3199
ESR max
Ripple max
Case Size
Cap
Catalog
120 Hz 25 ºC
120 Hz 85 ºC
DxL
(µF)
Part Number
(mΩ)
potted(A) rilled(A)
(in)
7.5 Vdc (9 Volts Surge)
39000 3199BA393M7R5APA1
9.4
8.1
8.8 1.375x2.125
47000 3199BB473M7R5APA1
9.6
8.8
9.5 1.375x2.625
56000 3199BC563M7R5APA1
7.9
10.4
11.2 1.375x3.125
68000 3199BD683M7R5APA1
6.8
11.8
12.7 1.375x3.625
82000 3199BD823M7R5APA1
6.0
12.7
13.7 1.375x3.625
100000 3199BF104M7R5APA1
5.2
15.1
16.3 1.375x4.625
120000 3199BG124M7R5APA1
4.4
17.1
18.5 1.375x4.125
150000 3199DD154M7R5APA1
4.6
16.6
18.1 1.75x3.625
180000 3199DE184M7R5APA1
4.2
18.3
20.0 1.75x4.125
220000 3199DG224M7R5APA1
3.4
22.3
24.4 1.75x5.125
270000 3199EF274M7R5APA1
3.8
21.5
23.6 2.00x4.625
330000 3199EH334M7R5APA1
3.9
23.3
25.5 2.00x5.625
390000 3199FE394M7R5APA1
2.6
28.6
31.7 2.50x4.125
470000 3199FG474M7R5APA1
2.5
31.3
34.7 2.50x5.125
560000 3199FH564M7R5APA1
2.2
35.3
39.2 2.50x5.625
680000 3199GF684M7R5APA1
2.2
37.6
40.5 3.00x4.625
820000 3199GH824M7R5APA1
2.2
40.2
43.3 3.00x5.625
1200000 3199GN125M7R5APA1
1.9
46.4
50.0 3.00x8.625
Type 3199
ESR max
Ripple max
Case Size
Cap
Catalog
120 Hz 25 ºC
120 Hz 85 ºC
DxL
(µF)
Part Number
(mΩ)
potted(A) rilled (A)
(in)
10 Vdc (12 Volts Surge)
33000 3199BA333M010APA1
9.6
8.1
8.8
1.375x2.125
39000 3199BB393M010APA1
8.4
9.4
10.2 1.375x2.625
47000 3199BC473M010APA1
7.5
10.3
11.1 1.375x3.125
56000 3199BC563M010APA1
6.9
11.1
12.0 1.375x3.125
68000 3199BD683M010APA1
6.1
12.6
13.6 1.375x3.625
82000 3199BE823M010APA1
5.5
4.7
5.1
1.375x4.125
100000 3199BG104M010APA1
4.5
17.1
18.5 1.375x5.125
120000 3199DD124M010APA1
4.6
16.5
18.0
1.75x3.625
150000 3199DE154M010APA1
4.2
18.2
19.9
1.75x4.125
180000 3199DG184M010APA1
3.8
12.0
13.1
1.75x5.125
220000 3199DH224M010APA1
3.2
23.8
26.0
1.75x5.625
270000 3199EG274M010APA1
3.6
23.2
25.4
2.00x5.125
330000 3199FE334M010APA1
2.6
28.5
31.6
2.50x4.125
390000 3199FF394M010APA1
2.4
30.9
34.3
2.50x4.625
470000 3199FH474M010APA1
2.4
33.3
37.0
2.50x5.625
560000 3199GF564M010APA1
2.2
37.5
40.4
3.00x4.625
680000 3199GH684M010APA1
2.2
40.1
43.2
3.00x5.625
12000003199GN125M010APA1
1.7
46.4
50.0
3.00x8.625
For Case
Post Diameter
H max
min Full Thread
Torque
Terminal Style
Diameters Code
in
mm
in
mm Thread
in
mm
in·lb N·m
Low Post
1⅜ to 3
B
0.314 8.0
0.094 2.4 10–32 0.218
5.5
25
2.82
High Post
1⅜ to 3
A
0.314 8.0
0.281 7.1 10–32 0.375
9.5
25
2.82
High Current, Low
2½ & 3
D
0.684 17.4
0.125 3.2
¼–28 0.344
8.7
60
6.78
High Current, High 2½ & 3
K
0.684 17.4
0.281 7.1
¼–28 0.469
11.9
60
6.78
M5 Post, Small
1⅜ to 2
M
0.314 8.0
0.281 7.1
M5
0.375
9.5
25
2.82
M6 Low Post
3
J
0.684 17.4
0.125 3.2
M6
0.344
8.7
60
6.78
Terminal Dimensions
Click here to
see Hardware &
Mounting Options


Similar Part No. - 3199EG393M063APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3199EG184M016APA1 CDE-3199EG184M016APA1 Datasheet
92Kb / 7P
   Screw Terminal Capacitors for Power Output Filtering
3199EG274M010APA1 CDE-3199EG274M010APA1 Datasheet
92Kb / 7P
   Screw Terminal Capacitors for Power Output Filtering
More results

Similar Description - 3199EG393M063APA1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
3191BA153M7R5BPA1 CDE-3191BA153M7R5BPA1 Datasheet
362Kb / 4P
   Aluminum Electrolytic, Screw Terminals, Switching and Audio Output
3188BA223U016APA1 CDE-3188BA223U016APA1 Datasheet
231Kb / 5P
   Aluminum Electrolytic Screw Terminals
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
logo
EPCOS
B44020 EPCOS-B44020 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B43310 EPCOS-B43310 Datasheet
248Kb / 13P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com