Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFK226M63X16T Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AFK226M63X16T
Description  SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK226M63X16T Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AFK226M63X16T Datasheet HTML 1Page - Cornell Dubilier Electronics AFK226M63X16T Datasheet HTML 2Page - Cornell Dubilier Electronics AFK226M63X16T Datasheet HTML 3Page - Cornell Dubilier Electronics AFK226M63X16T Datasheet HTML 4Page - Cornell Dubilier Electronics AFK226M63X16T Datasheet HTML 5Page - Cornell Dubilier Electronics AFK226M63X16T Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Specifications
–55 °C to +105 °C
6.3, 10, 16, 25, 35, 50, 63, 80 & 100 Vdc
3.3 µF to 6800 µF
±20% @ 120 Hz and +20 °C
0.01 CV or 3 µA @ +20 °C, after two minutes (whichever is greater)
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
Highlights
• +105 °C, Up to 5000 Hour Load Life
• Capacitance Range: 3.3 µF to 6800 µF
• Voltage Range: 6.3 Vdc to 100 Vdc
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Ripple Current Multiplier:
Dissipation Factor:
AFK Series Marking
Outline Drawing
Case Dimensions
Add 0.02 per 1000 µF for values greater that 1000
Life Test: 2000 h @ 105 °C, 4.0 — 10.0 mm dia.
5000 h @ 105 °C, 12.5 — 18.0 mm dia.
Capacitance ±30%
DF:
200% of limit
DCL:
100% of limit
Shelf Test: 1000 h @ 105 °C
Capacitance ±30%
DF:
200% of limit
DCL:
100% of limit
Type AFK Capacitors are the best and by a wide margin. With 40%
to 60% lower impedance, 30% to 50% smaller case size and more
than twice the life compared to low-ESR type AFC, the Type AFK also
excels at cold performance down to –55 °C. In addition, this terrific low-
impedance performance, approaching low-ESR tantalum capacitors, is
at a significant cost savings compared to tantalum. The vertical cylindrical
cases facilitate automatic mounting and reflow soldering into the same
footprint of like-rated tantalum capacitors except without the need for
voltage derating.
Case
D ± .05
L
A ± 0.2
H
I
W
P
K
Code
(max)
(ref)
(ref)
(mm)
B
4.0
5.8 ± 0.3
4.3
5.5
1.8
0.65 ±0.1
1.0
0.35 +0.15/–0.20
C
5.0
5.8 ± 0.3
5.3
6.5
2.2
0.65 ±0.1
1.5
0.35 +0.15/–0.20
D
6.3
5.8 ± 0.3
6.6
7.8
2.6
0.65 ±0.1
1.8
0.35 +0.15/–0.20
X
6.3
7.9 ± 0.3
6.6
7.8
2.6
0.65 ±0.1
1.8
0.35 +0.15/–0.20
E
8.0
6.2 ± 0.3
8.3
9.5
3.4
0.65 ±0.1
2.2
0.35 +0.15/–0.20
F
8.0
10.2 ± 0.3
8.3
10.0
3.4
0.90 ±0.2
3.1
0.70 ±0.20
G
10.0
10.2 ± 0.3
10.3
12.0
3.5
0.90 ±0.2
4.6
0.70 ±0.20
H
12.5
13.5 ± 0.5
13.5
15.0
4.7
0.90 ±0.3
4.4
0.70 ±0.30
P
16.0
16.5 ± 0.5
17.0
19.0
5.5
1.2 ±0.3
6.7
0.70 ±0.30
R
18.0
16.5 ± 0.5
19.0
21.0
6.7
1.2 ±0.3
6.7
0.70 ±0.30
6.3V
10 V
16 V
25 V
35 V
50 V
63 V
80 V
100 V
0.26
0.19
0.16
0.14
0.12
0.1
0.08
0.08
0.07
Frequency
50/60 Hz
120 Hz
1 kHz
10 kHz
100 kHz
0.70
.0.75
0.90
0.95
1.00
Series
FK
220
Capacitance
(
µF)
Voltage
Lot No.
H
L
W
P
D
0.3 mm Max.
A
I
I
K
j6.3Vdc
A10Vdc
C16Vdc
E25Vdc
V35Vdc
H50Vdc
J63Vdc
K80Vdc
2A
100Vdc


Similar Part No. - AFK226M63X16T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK226M63X16T-F CDE-AFK226M63X16T-F Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AFK226M63X16T-F CDE-AFK226M63X16T-F Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFK226M63X16T

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVRF226M06B12T-F CDE-AVRF226M06B12T-F Datasheet
202Kb / 3P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ?C
AFK CDE-AFK Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
V-CHIP-KIT4 CDE-V-CHIP-KIT4 Datasheet
171Kb / 6P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
   SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
AFC CDE-AFC Datasheet
488Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com