Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH103T350X8L Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CGH103T350X8L
Description  Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGH103T350X8L Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CGH103T350X8L Datasheet HTML 1Page - Cornell Dubilier Electronics CGH103T350X8L Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Ratings
Catalog
Typical ESR
Max Ripple
Cap
Part Number 120 Hz 20 kHz 120 Hz 20 kHz Dia. Length
(µF)
(Ω)
(Ω) (A) RMS (A) RMS (In.) (In.)
350 WVdc ( 400 Vdc Surge )
1,000 CGH102T350V2L 162.6 104.1
2.9
3.6 2.0 2.625
1,700 CGH172T350V3L 81.9 52.4
4.6
5.8 2.0 3.625
2,400 CGH242T350V4L 58.8 37.6
6.0
7.5 2.0 4.625
2,700 CGH272T350W3L 54.3 34.8
6.5
8.1 2.5 3.625
2,900 CGH292T350W3L 53.1 34.0
6.8
8.5 2.5 3.625
3,100 CGH312T350V5L 46.2 29.6
7.4
9.3 2.0 5.625
3,800 CGH382T350W4L 39.3 25.2
8.4
10.5 2.5 4.625
4,000 CGH402T350X3L 44.3 28.4
8.1
10.1 3.0 3.625
4,100 CGH412T350W4L 38.6 24.7
8.6
10.8 2.5 4.625
4,300 CGH432T350X3L 43.5 27.8
8.4
10.5 3.0 3.625
4,900 CGH492T350W5L 31.5 20.2
10.1
12.6 2.5 5.625
5,200 CGH522T350W5L 31.1 19.9
10.3
12.9 2.5 5.625
5,700 CGH572T350X4L 32.5 20.8
10.3
12.9 3.0 4.625
6,000 CGH602T350X4L 32.3 20.7
10.6
13.3 3.0 4.625
7,300 CGH732T350X5L 25.9 16.6
12.5
15.6 3.0 5.625
7,800 CGH782T350X5L 25.6 16.4
12.8
16.0 3.0 5.625
10,000 CGH103T350X8L 20.7 13.2
16.6
20.8 3.0 8.625
450 WVdc ( 525 Vdc Surge )
620 CGH621T450V2L 159.6 102.1
2.9
3.6 2.0 2.625
1,000 CGH102T450V3L 83.4 53.4
4.8
6.0 2.0 3.625
1,400 CGH142T450V4L 60.3 38.6
5.9
7.4 2.0 4.625
1,700 CGH172T450W3L 55.3 35.4
6.4
8.0 2.5 3.625
1,800 CGH182T450V5L 47.6 30.5
7.2
9.0 2.0 5.625
2,400 CGH242T450W4L 40.1 25.7
8.3
10.4 2.5 4.625
2,500 CGH252T450X3L 44.9 28.7
8.0
10.0 3.0 3.625
Catalog
Typical ESR
Max Ripple
Cap
Part Number 120 Hz 20 kHz 120 Hz 20 kHz Dia. Length
(µF)
(Ω)
(Ω) (A) RMS (A) RMS (In.) (In.)
450 WVdc ( 525 Vdc Surge )
3,100 CGH312T450W5L 31.7 20.3
10.1
12.6 2.5 5.625
3,600 CGH362T450X4L 32.6 20.9
10.3
12.9
3 4.625
4,600 CGH462T450X5L 26.2 16.8
12.4
15.5
3 5.625
7,700 CGH772T450X8L 17.3 11.1
18.2
22.8
3 8.625
500 WVdc ( 550 Vdc Surge )
350 CGH351T500V2 C 692.0 612.0
1.3
1.5
2.0 2.125
520 CGH521T500V2L 470.0 416.0
1.7
1.9
2.0 2.625
710 CGH711T500V3 C 345.0 305.0
2.1
2.4
2.0 3.125
900 CGH901T500V3L 272.0 241.0
2.5
2.8
2.0 3.625
1100 CGH112T500V4 C 225.0 199.0
3.1
3.3
2.0 4.125
1200 CGH122T500W3 C 218.0 196.0
3.1
3.4
2.5 3.125
1300 CGH132T500V4L 192.0 170.0
3.3
3.7
2.0 4.625
1500 CGH152T500V5 C 168.0 148.0
3.7
4.1
2.0 5.125
1500 CGH152T500W3L 172.0 153.0
3.6
4.1
2.5 3.625
1700 CGH172T500V5L 149.0 132.0
4.0
4.5
2.0 5.625
1800 CGH182T500W4 C 142.0 126.0
4.2
4.7
2.5 4.125
2100 CGH212T500W4L 121.0 108.0
4.8
5.3
2.5 4.625
2200 CGH222T500X3L 124.0 111.0
4.8
5.4
3.0 3.625
2400 CGH242T500W5 C 106.0 99.1
5.3
6.0
2.5 5.125
2700 CGH272T500W5L 93.9 83.5
5.9
6.6
2.5 5.625
2700 CGH272T500X4 C 103.0 91.8
5.6
6.3
3.0 4.125
3100 CGH312T500X4L 87.4 78.4
6.3
7.0
3.0 4.625
3600 CGH362T500X5 C 76.3 68.4
7.0
7.8
3.0 5.125
4100 CGH412T500X5L 67.8 60.8
7.7
8.6
3.0 5.625
6900 CGH692T500X8L 41.0 36.9
11.9
13.2 3.0 8.625
Type CGH Inverter Grade Screw Terminal Aluminum Electrolytic


Similar Part No. - CGH103T350X8L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGH103T350X8L CDE-CGH103T350X8L Datasheet
1Mb / 3P
   Inverter Grade Screw Terminal Aluminum Electrolytic
More results

Similar Description - CGH103T350X8L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
1Mb / 3P
   Inverter Grade Screw Terminal Aluminum Electrolytic
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU_15 Datasheet
177Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LHR RUBYCON-LHR Datasheet
257Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com