Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH772T450X8L Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CGH772T450X8L
Description  Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGH772T450X8L Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CGH772T450X8L Datasheet HTML 1Page - Cornell Dubilier Electronics CGH772T450X8L Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGH Inverter Grade Screw Terminal Aluminum Electrolytic
85 ºC, Screw Terminal Capacitors
Type CGH screw terminal, aluminum electrolytic
capacitors have excellent reliability and a high
ripple current capability making them suitable for
most AC drive and UPS applications.
Highlights
High ripple current
High reliability at 85 ºC
Screw Terminal
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature:
Ripple Current Multipliers:
350 to 22,000 µF
250 to 500 WVdc
–10% +50%
–40 to +85 ºC
Ambient Temperature
+35 ºC
+45 ºC +55 ºC
+65 ºC +75 ºC +85 ºC
2.45
2.25
2.00
1.70
1.40
1.00
Rated
Frequency / Ripple Multiplier
Voltage
120 Hz 400 Hz 1000 Hz 2500 Hz 10 kHz
250 to 450 1.000
1.080
1.113
1.175
1.230
DC Leakage Current:
QA Stability Test:
I = .006 √CV after 5 minutes
Not to exceed 6.0 mA
C = Capacitance in µF
V = Rated Voltage
I = Leakage current in mA
Apply WVdc for 1000 h @ 85 ºC
Capacitance change ≤10% from initial limits
DC leakage current meets initial limits
ESR ≤175% of initial measured value
Ratings
Catalog
Typical ESR
Max Ripple
Cap
Part Number 120 Hz 20 kHz 120 Hz 20 kHz Dia. Length
(µF)
(Ω)
(Ω) (A) RMS (A) RMS (In.) (In.)
250 WVdc ( 300 Vdc Surge )
1,700 CGH172T250V2L 65.8 42.1
4.0
5.0
2.0 2.625
2,900 CGH292T250V3L 53.1 34.0
5.7
7.1
2.0 3.625
4,100 CGH412T250V4L 25.7 16.4
9.1
11.4 2.0 4.625
5,000 CGH502T250W3L 26.9 17.2
9.2
11.5 2.5 3.625
5,300 CGH532T250V5L 20.6 13.2
11.0
13.8 2.0 5.625
7,000 CGH702T250W4L 20.1 12.9
11.7
14.6 2.5 4.625
Catalog
Typical ESR
Max Ripple
Cap
Part Number 120 Hz 20 kHz 120 Hz 20 kHz Dia. Length
(µF)
(Ω)
(Ω) (A) RMS (A) RMS (In.) (In.)
250 WVdc ( 300 Vdc Surge )
7,400 CGH742T250X3L 27.1 17.3
10.3
12.9 3.0 3.625
9,000 CGH902T250W5L 16.3 10.4
14.1
17.6 2.5 5.625
10,000 CGH103T250X4L 20.4 13.1
13.0
16.3 3.0 4.625
13,000 CGH133T250X5L 16.8 10.8
15.6
19.5 3.0 5.625
22,000 CGH223T250X8L 11.5
7.4
22.3
27.9 3.0 8.625
Click here to see: Hardware & Mounting
Options
Click here to see: Mechanical Details


Similar Part No. - CGH772T450X8L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGH702T250W4L CDE-CGH702T250W4L Datasheet
1Mb / 3P
   Inverter Grade Screw Terminal Aluminum Electrolytic
CGH732T350X5L CDE-CGH732T350X5L Datasheet
1Mb / 3P
   Inverter Grade Screw Terminal Aluminum Electrolytic
CGH782T350X5L CDE-CGH782T350X5L Datasheet
1Mb / 3P
   Inverter Grade Screw Terminal Aluminum Electrolytic
More results

Similar Description - CGH772T450X8L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
1Mb / 3P
   Inverter Grade Screw Terminal Aluminum Electrolytic
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU_15 Datasheet
177Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LHR RUBYCON-LHR Datasheet
257Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com