Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDA15FD151J03 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CDA15FD151J03
Description  Especially for Reel-Packed, Mica Capacitors Best Value Choice for Auto Insertion Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CDA15FD151J03 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CDA15FD151J03 Datasheet HTML 1Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type CDA15 Especially for Reel-Packed, Mica Capacitors
Best Value Choice for Auto Insertion Applications
Type CDA15 is designed especially for auto-insertion and
is the best value choice for tape and reel and ammo-pack
feed systems. CDA15 is used in commercial and industrial
applications requiring high stability, high Q and close ca-
pacitance tolerances. Type CDA15 is ideal for tuned cir-
cuits, delay lines and filter circuits.
Highlights
Available only on tape/reel or ammo pack
High temperature — up to 150 ºC
100,000 V/µs dV/dt pulse capability minimum
Straight or crimp leads
1 pF to 1,500pF
100 Vdc to 500 Vdc
±½ pF (D), ±1 pF (C), ±½% (E), ±1% (F), ±2% (G),
±5% (J)
–55 ºC to +125 ºC (O)
–55 ºC to +150 ºC (P)
Copper
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Temperature Range:
Lead Material:
See ordering information on page
Ratings
L max.
T max.
H max.
.078
h
±.020
.250
±.051
.709 + .039
– .020
.354 + .030
– .020
.202
±.028
S
± .031
.157
± .012
.035 max.
.500
± .012
Catalog
Cap
Part Number
L
H
T
(pF)
Inches (mm) Inches (mm) Inches (mm)
910
CDA15FA911J03 .450 (11.4)
.400 (10.2)
.170 (4.3)
1000
CDA15FA102J03 .450 (11.4)
.400 (10.2)
.170 (4.3)
1100
CDA15FA112J03 .460 (11.7)
.400 (10.2)
.180 (4.6)
1200
CDA15FA122J03 .460 (11.7)
.420 (10.7)
.180 (4.6)
1500
CDA15FA152J03 .460 (11.7)
.430 (10.9)
.180 (4.6)
560
CDA15FC561J03 .450 (11.4)
.380 ( 9.7)
.160 (4.1)
620
CDA15FC621J03 .450 (11.4)
.380 ( 9.7)
.160 (4.1)
680
CDA15FC681J03 .450 (11.4)
.390 ( 9.9)
.160 (4.1)
750
CDA15FC751J03 .450 (11.4)
.390 ( 9.9)
.170 (4.3)
820
CDA15FC821J03 .450 (11.4)
.390 ( 9.9)
.170 (4.3)
1
CDA15CD010D03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
2
CDA15CD020D03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
3
CDA15CD030D03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
4
CDA15CD040D03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
5
CDA15CD050D03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
6
CDA15CD060D03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
7
CDA15CD070D03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
8
CDA15CD080D03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
10
CDA15CD100J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
12
CDA15CD120J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
15
CDA15CD150J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
18
CDA15CD180J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
20
CDA15ED200J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
22
CDA15ED220J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
24
CDA15ED240J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
27
CDA15ED270J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
30
CDA15ED300J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
33
CDA15ED330J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
36
CDA15ED360J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
100 Vdc
300 Vdc
500 Vdc
Catalog
Cap
Part Number
L
H
T
(pF)
Inches (mm) Inches (mm) Inches (mm)
39
CDA15ED390J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
43
CDA15ED430J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
47
CDA15ED470J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
50
CDA15ED500J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
51
CDA15ED510J03 .430 (10.9)
.360 ( 9.1)
.140 (3.6)
56
CDA15ED560J03 .430 (10.9)
.360 (9.1)
.140 (3.6)
62
CDA15ED620J03 .430 (10.9)
.360 (9.1)
.140 (3.6)
68
CDA15ED680J03 .430 (10.9)
.360 (9.1)
.140 (3.6)
75
CDA15ED750J03 .430 (10.9)
.360 (9.1)
.140 (3.6)
82
CDA15ED820J03 .430 (10.9)
.360 (9.1)
.140 (3.6)
91
CDA15FD910J03 .430 (10.9)
.360 (9.1)
.140 (3.6)
100
CDA15FD101J03 .430 (10.9)
.360 (9.1)
.140 (3.6)
110
CDA15FD111J03 .440 (11.2)
.360 (9.1)
.150 (3.8)
120
CDA15FD121J03 .440 (11.2)
.360 (9.1)
.150 (3.8)
130
CDA15FD131J03 .440 (11.2)
.360 (9.1)
.150 (3.8)
150
CDA15FD151J03 .440 (11.2)
.360 (9.1)
.150 (3.8)
160
CDA15FD161J03 .440 (11.2)
.360 (9.1)
.150 (3.8)
180
CDA15FD181J03 .440 (11.2)
.360 (9.1)
.160 (4.1)
200
CDA15FD201J03 .440 (11.2)
.360 (9.1)
.160 (4.1)
220
CDA15FD221J03 .440 (11.2)
.360 (9.1)
.160 (4.1)
240
CDA15FD241J03 .440 (11.2)
.360 (9.1)
.160 (4.1)
250
CDA15FD251J03 .440 (11.2)
.360 (9.1)
.160 (4.1)
270
CDA15FD271J03 .440 (11.2)
.360 (9.1)
.160 (4.1)
300
CDA15FD301J03 .440 (11.2)
.360 (9.1)
.160 (4.1)
330
CDA15FD331J03 .440 (11.2)
.360 (9.1)
.160 (4.1)
360
CDA15FD361J03 .440 (11.2)
.370 (9.4)
.160 (4.1)
390
CDA15FD391J03 .440 (11.2)
.370 (9.4)
.160 (4.1)
430
CDA15FD431J03 .440 (11.2)
.380 (9.7)
.160 (4.1)
470
CDA15FD471J03 .440 (11.2)
.380 (9.7)
.160 (4.1)
500
CDA15FD501J03 .440 (11.2)
.380 (9.7)
.160 (4.1)
510
CDA15FD511J03 .440 (11.2)
.380 (9.7)
.160 (4.1)
500 Vdc
Lead Spacing:
0.200 Inches (5.1 mm)
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - CDA15FD151J03

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CDA1585BC CDIL-CDA1585BC Datasheet
65Kb / 3P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
More results

Similar Description - CDA15FD151J03

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ZMM1 LEIDITECH-ZMM1 Datasheet
592Kb / 4P
   MiniMELF case especially for automatic insertion
logo
Suntan Capacitors
ZMM1 SUNTAN-ZMM1 Datasheet
1Mb / 8P
   In MiniMELF case especially for automatic insertion
logo
Vishay Siliconix
AN804 VISHAY-AN804 Datasheet
44Kb / 4P
   P-Channel MOSFETs, the Best Choice for High-Side Switching
10-Mar-97
logo
Cornell Dubilier Electr...
CD17 CDE-CD17 Datasheet
163Kb / 2P
   High-Frequency, Mica Capacitors High-Frequency Capacitors for CATV and RF Applications
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
logo
OSRAM GmbH
SFH-2332 OSRAM-SFH-2332 Datasheet
262Kb / 6P
   Especially suitable for applications from 350nm to 780nm
logo
List of Unclassifed Man...
HK-3-G-T ETC2-HK-3-G-T Datasheet
55Kb / 2P
   HK Series / Test Point for Auto Insertion
logo
OSRAM GmbH
SFH2332 OSRAM-SFH2332 Datasheet
262Kb / 6P
   Especially suitable for applications from 350nm to 780nm
logo
ECS, Inc.
ECX-3SX ECS-ECX-3SX_17 Datasheet
583Kb / 2P
   an excellent choice for surface mount applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com