Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEE100DPYM Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # CDEE100DPYM
Description  HIGH - RELIABILITY, MICA CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CDEE100DPYM Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  CDEE100DPYM Datasheet HTML 1Page - Cornell Dubilier Electronics CDEE100DPYM Datasheet HTML 2Page - Cornell Dubilier Electronics CDEE100DPYM Datasheet HTML 3Page - Cornell Dubilier Electronics CDEE100DPYM Datasheet HTML 4Page - Cornell Dubilier Electronics CDEE100DPYM Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7\SH&05+LJK5HOLDELOLW\0LFD&DSDFLWRUV
Specifications
Capacitance is within tolerance
when measured at these frequencies:
1–1000 pF @ 1 MHz
> 1000 pF @ 1 kHz
Dissipation Factor limits are be­
low. Measure dissipation factor at 1
MHz when the capacitance is 1 pF to
1,000 pF, and at 1 kHz when the ca­
pacitance is greater than 1,000 pF. Dis­
sipation factor is equal to DF = 2
πfRC,
where f is the test frequency, R is the
equivalent series resistance, and C is
the capacitance. For other capacitance
values, see Figure 1.
Capacitance
Dissipation Factor
100–1000 pF
0.00075 max at 1 MHz
1100–3300 pF
0.0014 max at 1 kHz
3600–9100 pF
0.0013 max at 1 kHz
10,000 pF
0.0012 max at 1 kHz
Quality Factor (Q) is the re­
ciprocal of dissipation factor.
Insulation Resistance for ca­
pacitances up to 10,000 pF is greater
than 100 GŸ at 25
°C, greater than 10
GŸ at 125
°C, and greater than 5 GŸ at
150
°C. For other capacitance values
and temperatures, see Figure 2.
Withstanding Voltage is two
times the rated voltage, and can be ap­
plied up to 5 seconds without damage.
Temperature Coefficient and
Capacitance Drift: Measure the
.10
.01
.001
.0001
CAPACITANCE (pF)
1
10
100
1,000
10,000
100,000
Maximum dissipation factor
at 1 MHz for capacitance
values of 1,000 pF or less
Maximum dissipation factor
at 1 kHz for capacitance
values greater than 1,000 pF
capacitors’ capacitance at 25
°C, –55 °C,
25
°C, 125 °C (or 150 °C) and at 25 °C af­
ter stabilizing at each temperature. The
capacitance will meet the limits of the
Characteristic table shown in Ordering
Information.
Failure Rate: Type CMR capacitors
have specified failure rate levels rang­
ing from 0.01% to 1.0% per 1,000
hours. The failure rate level is estab­
lished at a 90% confidence level and is
referred to operational life at full-rated
voltage at maximum-rated tempera­
ture.
High-Voltage Stabilization: We
subject capacitors with Failure Levels
M, P, and R to a burn-in at twice-rated
voltage, at rated temperature, for a
minimum of 48 hours. Capacitors that
show damage, arcing, breakdown, or
low IR are removed. We reject the lot if
more than 8% of the capacitors fail.
Solderability: After an 8-hour
steam aging, coat leads with a rosin
flux (R) and immerse in molten
245
°C ±5 °C 60/40 tin/lead solder. Solder
coverage will be no less than 95%
when examined at 10X magnification.
Life Test: Subject the capacitors to
maximum operating temperature
(+125
°C or +150 °C) with 1.5 times rated
voltage applied for 10,000 hours. Take
readings and make visual observations
100,000
10,000
1,000
100
every 2,000 hours. There will be no
visual damage and the capacitors will
meet the after-test limits on the following page.
Resistance to Solvents: Subject
the capacitors to three cycles of 3­
minute immersion in solvent, 10 strokes
with bristle brush and, where appli­
cable, 1/2 minute in vapor, per MIL-STD­
202, Method 215. Repeat the three
cycles for three solvent mixtures: Iso­
propyl alcohol mixture (Solvent 1),
azeotrope mixture (Solvent 3), and
water/propylene-glycol mixture (Sol­
vent 4). The marking will not rub off or
smear and there will be no visible dam­
age to the capacitor body. Refer to MIL­
STD-202 for details.
Resistance to Soldering Heat:
Capacitors will meet the requirements
of MIL-STD-202, Method 210 Test Con­
dition G. Immerse capacitor leads to
within .250 inches (6.4 mm) of the body
in molten tin/lead solder (260
°C±5 °C)
for 10
±2 seconds. Allow to cool. Capaci­
tors will meet the after-test limits on
the following page.
Marking of capacitors conforms to
method I of MIL-STD-1285, and in­
cludes the type designation, “JAN,”
brand, trademark, source code, date
code, rated voltage, capacitance, ca­
pacitance tolerance, and highest rated
temperature. Small capacitors are
marked with the letter “J.”
5 10
100
1,000
10,000
62,000
CAPACITANCE (pF)
+25
°C
+85
°C
+125
°C
+150
°C
Figure 1. DF vs. Capacitance
Figure 2. IR vs. Capacitance
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - CDEE100DPYM

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CDE-15PF HIROSE-CDE-15PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-15SF HIROSE-CDE-15SF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-25PF HIROSE-CDE-25PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-25SF HIROSE-CDE-25SF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-37PF HIROSE-CDE-37PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
More results

Similar Description - CDEE100DPYM

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD4FA911J03 CDE-CD4FA911J03 Datasheet
171Kb / 2P
   High-Frequency, Mica Capacitors
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
   MICA CAPACITORS
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com