Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105K400CS6 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 105K400CS6
Description  Metallized Polymer Network Radial Multi-pin Metallized Polymer Network for DC to DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

105K400CS6 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  105K400CS6 Datasheet HTML 1Page - Cornell Dubilier Electronics 105K400CS6 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CS (Capstick® ) Metallized Polymer Network
Radial Multi-pin Metallized Polymer Network for DC to DC Converters
The Type CS multi-pin metallized polymer network is
ideal for the low ESR/ESL requirements in DC to DC
converters and switching power supply applications.
This unique, robust, capacitor design offers high ripple
current capability and high capacitance in a small pack-
age. It is available with straight pins on 0.10“ centers
for through-hole mounting or with gull wing leads for
surface mount assembly. Type CS (Capstick®) is encap-
sulated in a rugged conformal coating and is packaged
in anti-static tubes for easy handling.
Highlights
Rugged conformal coated case meets UL94V-0
Low ESR/ESL
High ripple current
High capacitance in a small package
Non-inductive design
Non-polar
Surface mount or through hole assembly
Multi-pin leads on 0.10“ centers
Specifications
RoHS Compliant
Capacitance Range: 0.33 µF to 20.0 µF
Voltage Range:
50 Vdc, 100 Vdc, 250 Vdc, 400 Vdc, 500 Vdc
Capacitance Tolerance: ±10%
Operating Temperature Range for 50, 100 and 250 Vdc:
–55 ºC to +125 ºC (with 50% Vdc derating >85 ºC)
Operating Temperature Range for 400 and 500 Vdc:
Construction:
Temperature Coefficient:
–55 ºC to +125 ºC with no derating
Multilayer metallized polymer dielectric
+6% from –55 ºC to +85 ºC
Dielectric Withstand Voltage: 1.3 x rated voltage: 50/100/250/500 Vdc
Dissipation Factor (DF):
1.6 x rated voltage: 400 Vdc
1.0% @ 1 kHz
Total Self Inductance (L): <6 nH typical (CS6)
Lead Material:
Insulation Resistance
:
< 4 nH typical (CS4)
Tinned copper alloy frame
1000 MΩ µF - need not exceed 1000 MΩ
Part Numbering System
405
K
100
CS
4
G
Cap
Pin
"Optional"
(µF)
Tolerance
Voltage
Series
Spacing
( )
*
334 = 0.33 µF
K = ±10%
050 = 50 Vdc
CS
4 = 0.4" (10.0 mm) Blank = Straight Pins
405 = 4.0 µF
100 = 100 Vdc
6 = 0.6" (15.0 mm)
G = Gull Wing
206 = 20.0 µF
400 = 400 Vdc
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 105K400CS6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
105K KEMET-105K Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
STMicroelectronics
105K STMICROELECTRONICS-105K Datasheet
692Kb / 14P
   Switching applications
October 2014 Rev 5
logo
List of Unclassifed Man...
105K100RA4 ETC2-105K100RA4 Datasheet
546Kb / 6P
   Efficient size Rugged construction Does not fail short ??Self healing
logo
Cornell Dubilier Electr...
105K100RA4-FA CDE-105K100RA4-FA Datasheet
220Kb / 4P
   Radial PET Film Capacitors
logo
List of Unclassifed Man...
105K250RA6 ETC2-105K250RA6 Datasheet
546Kb / 6P
   Efficient size Rugged construction Does not fail short ??Self healing
More results

Similar Description - 105K400CS6

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
QRL CDE-QRL Datasheet
353Kb / 2P
   Radial Metallized Polyester RC Network for Transient Suppression
504M02QA100 CDE-504M02QA100 Datasheet
193Kb / 1P
   Arc Suppressor/Snubber Network Radial Metallized Polyester RC Network for Transient Suppression
logo
Quantic Paktron
RC QUANTIC-RC_V01 Datasheet
919Kb / 3P
   Angstor® Capacitor Metallized Polymer Dielectric
CC QUANTIC-CC_V01 Datasheet
1Mb / 3P
   Capstick® Capacitor Metallized Polymer Dielectric
logo
Yamar Electronics Ltd.
SIG102 YAMAR-SIG102 Datasheet
3Mb / 38P
   Multi I/O Control over DC Powerline Network
R 0.88
logo
Cornell Dubilier Electr...
930 CDE-930_15 Datasheet
143Kb / 5P
   Metallized Polypropylene Capacitors for DC Filtering
logo
Yamar Electronics Ltd.
SIG61 YAMAR-SIG61 Datasheet
594Kb / 15P
   Smart Slave for DC-BUS Powerline Network
logo
Fitipower Integrated Te...
FP9928A FITIPOWER-FP9928A Datasheet
656Kb / 18P
   Integrated Multi-Channel DC-DC Converters for Panels
logo
Yamar Electronics Ltd.
SIG60 YAMAR-SIG60 Datasheet
555Kb / 14P
   UART over Powerline for AC/DC-BUS Network
logo
MORNSUN Science& Techno...
LO15-21D0524-02-GY MORNSUN-LO15-21D0524-02-GY Datasheet
766Kb / 3P
   Special for Power distribution network AC/DC converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com