Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLBB12P32L68W Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # DLBB12P32L68W
Description  AC Rated 100 ?C Dry HID Lighting Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DLBB12P32L68W Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  DLBB12P32L68W Datasheet HTML 1Page - Cornell Dubilier Electronics DLBB12P32L68W Datasheet HTML 2Page - Cornell Dubilier Electronics DLBB12P32L68W Datasheet HTML 3Page - Cornell Dubilier Electronics DLBB12P32L68W Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type DL AC Rated 100 ºC Dry HID Lighting Capacitors
Part Numbering System
HID Mounting Hardware
Capacitor Diameter
Base Code
Bracket Part Number
(in)
(mm)
1.18
30
AA
PDUMS2445
1.58
40
BB
PDUMS3245
1.77
45
CC
PDUMS3245
1.97
50
DD
PDUMS3245
Marking Requirements
DL
BB
24
P
5
L
55
W
Type Base Type Rated AC Voltage
Case Material
Cap
Tol.
Height
Terminals
DL AA = 30 mm
12 = 120 Vac P = Plastic case, no cover
5 = 5.0 µF
L = ±3%
55 = 55 mm W = Insulated wire leads
BB = 40 mm
17 = 170 Vac Q = Plastic case, plastic cover 18.5 = 18.5 µF X = Other
68 = 68 mm WR = Insulated wire leads
CC = 45 mm
20 = 200 Vac X = Other case types
20 = 20 µF
92 = 92mm
with internal resistor
DD = 50 mm
24 = 240 Vac
117 = 117 mm WT = Insulated wire leads
28 = 280 Vac
with ¼" terminals
30 = 300 Vac
Z = Customer Specified
36 = 360 Vac
40 = 400 Vac
0.65"
(16.5mm)
0.5"
(12.7mm)
Finger Grip
Release
Tab
0.18"
(4.6mm)
Typical Release
Tab Location
1.10"
(2.79mm)
1.10"
(2.79mm)
Ø0.203"
(5.1mm)
CDE
XXXXXXXXXXXXXX
XX µF XX Vac 50/60Hz
XX°C XXX°C MAX
Not Protected No PCB'S
Made In XXXXXX Date Code
Manufacturers' name or symbol
Manufacturers' part number
Nominal capacitance in microfarads
Rated and maximum temperature rating
Protective device identification
Country of origin
Manufacturing date code identification
Non PCB identification
Rated operating frequency
Rated voltage (RMS)


Similar Part No. - DLBB12P32L68W

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DLBB12P32L68W CDE-DLBB12P32L68W Datasheet
172Kb / 5P
   Round Plastic Case, Insulated Stranded Wire Leads, Metallized Polypropylene
More results

Similar Description - DLBB12P32L68W

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFP28S5L238K-F CDE-SFP28S5L238K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
logo
EPCOS
B32427 EPCOS-B32427 Datasheet
202Kb / 5P
   AC Film Capacitors Lighting
B32436 EPCOS-B32436 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
B32325 EPCOS-B32325 Datasheet
354Kb / 4P
   AC Film Capacitors Lighting
B32326 EPCOS-B32326 Datasheet
332Kb / 5P
   AC Film Capacitors Lighting
logo
Cornell Dubilier Electr...
Z73S4026MN CDE-Z73S4026MN Datasheet
2Mb / 8P
   FILM CAPACITORS FOR HIGH INTENSITY DISCHARGE (HID) AND SIGN BALLAST LIGHTING
logo
NXP Semiconductors
UBA2035 NXP-UBA2035 Datasheet
71Kb / 13P
   HF full bridge control IC for HID lighting
Rev. 01-31 October 2008
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
   Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
UBA2036TS NXP-UBA2036TS Datasheet
74Kb / 13P
   Full bridge control IC for HID automotive lighting
Rev. 01-30 October 2008
logo
Cornell Dubilier Electr...
OTB CDE-OTB_17 Datasheet
415Kb / 3P
   DC/AC Dual Rated Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com