Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H24-B83 Datasheet(PDF) 2 Page - Meder Electronic

Part # H24-B83
Description  High Voltage Reed Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

H24-B83 Datasheet(HTML) 2 Page - Meder Electronic

  H24-B83 Datasheet HTML 1Page - Meder Electronic H24-B83 Datasheet HTML 2Page - Meder Electronic H24-B83 Datasheet HTML 3Page - Meder Electronic H24-B83 Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MEDER electronic
145
www.meder.com
Part Number Example
H24 - 1A83
24 is the nominal voltage
1A is the contact form
83 is the switch model
ORDER INFORMATION
DIMENSIONS
All dimensions in mm [inches]
H Series
Series
Nominal
Voltage
Contact
Form
Switch
Model
H
XX -
1X
XX
Options
05, 12, 24
A, B
69, 83
High Voltage
Reed Relays


Similar Part No. - H24-B83

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H24-1 MCC-H24-1 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
Meder Electronic
H24-1A69 MEDER-H24-1A69 Datasheet
177Kb / 2P
   H Reed Relay
H24-1A69_DE MEDER-H24-1A69_DE Datasheet
171Kb / 2P
   (deutsch) H Reed Relay
H24-1A83 MEDER-H24-1A83 Datasheet
163Kb / 2P
   H Reed Relay
H24-1A83 MEDER-H24-1A83_10 Datasheet
163Kb / 2P
   H Reed Relay
More results

Similar Description - H24-B83

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
DAT72415F CYNERGY3-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays
SAR91205 CYNERGY3-SAR91205 Datasheet
267Kb / 1P
   high voltage reed relays
logo
Coto Technology
5500 COTO-5500 Datasheet
741Kb / 2P
   5500 SERIES/HIGH VOLTAGE REED RELAYS
logo
List of Unclassifed Man...
DAT72415F ETC2-DAT72415F Datasheet
1Mb / 2P
   high voltage reed relays 15kV, 50W
logo
Meder Electronic
HE12-1A83-02 MEDER-HE12-1A83-02 Datasheet
759Kb / 4P
   High Voltage Reed Relays for PCB Mounting
logo
Coto Technology
9104 COTO-9104 Datasheet
590Kb / 2P
   9104 SERIES/HIGH VOLTAGE SIP REED RELAYS
logo
Meder Electronic
HM12-1A83-02 MEDER-HM12-1A83-02_10 Datasheet
387Kb / 4P
   High Voltage Reed Relays for PCB Mounting
logo
Coto Technology
9104-05-10 COTO-9104-05-10 Datasheet
241Kb / 2P
   Hi Voltage SIP Reed Relays
7000-05-1000 COTO-7000-05-1000 Datasheet
277Kb / 4P
   High Reliability Reed Relays
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com