Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT87F55WD-24AC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT87F55WD-24AC
Description  8-bit Microcontroller with 20K Bytes QuickFlash?
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87F55WD-24AC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT87F55WD-24AC Datasheet HTML 3Page - ATMEL Corporation AT87F55WD-24AC Datasheet HTML 4Page - ATMEL Corporation AT87F55WD-24AC Datasheet HTML 5Page - ATMEL Corporation AT87F55WD-24AC Datasheet HTML 6Page - ATMEL Corporation AT87F55WD-24AC Datasheet HTML 7Page - ATMEL Corporation AT87F55WD-24AC Datasheet HTML 8Page - ATMEL Corporation AT87F55WD-24AC Datasheet HTML 9Page - ATMEL Corporation AT87F55WD-24AC Datasheet HTML 10Page - ATMEL Corporation AT87F55WD-24AC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
AT87F55WD
7
Memory Organization
MCS-51 devices have a separate address space for Pro-
gram and Data Memory. Up to 64K bytes each of external
Program and Data Memory can be addressed.
Program Memory
If the EA pin is connected to GND, all program fetches are
directed to external memory.
On the AT87F55WD, if EA is connected to V
CC, program
fetches to addresses 0000H through 4FFFH are directed to
internal memory and fetches to addresses 5000H through
FFFFH are directed to external memory.
Data Memory
The AT87F55WD implements 256 bytes of on-chip RAM.
The upper 128 bytes occupy a parallel address space to
the Special Function Registers. That means the upper 128
bytes have the same addresses as the SFR space but are
physically separate from SFR space.
When an instruction accesses an internal location above
address 7FH, the address mode used in the instruction
specifies whether the CPU accesses the upper 128 bytes
of RAM or the SFR space. Instructions that use direct
addressing access SFR space.
For example, the following direct addressing instruction
accesses the SFR at location 0A0H (which is P2).
MOV 0A0H, #data
Instructions that use indirect addressing access the upper
128 bytes of RAM. For example, the following indirect
addressing instruction, where R0 contains 0A0H, accesses
the data byte at address 0A0H, rather than P2 (whose
address is 0A0H).
MOV @R0, #data
Note that stack operations are examples of indirect
addressing, so the upper 128 bytes of data RAM are avail-
able as stack space.


Similar Part No. - AT87F55WD-24AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87F51 ATMEL-AT87F51 Datasheet
170Kb / 15P
   8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F51-12AC ATMEL-AT87F51-12AC Datasheet
170Kb / 15P
   8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F51-12AI ATMEL-AT87F51-12AI Datasheet
170Kb / 15P
   8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F51-12JC ATMEL-AT87F51-12JC Datasheet
170Kb / 15P
   8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F51-12JI ATMEL-AT87F51-12JI Datasheet
170Kb / 15P
   8-Bit Microcontroller with 4K Bytes QuickFlash
More results

Similar Description - AT87F55WD-24AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87F51 ATMEL-AT87F51 Datasheet
170Kb / 15P
   8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F52 ATMEL-AT87F52 Datasheet
224Kb / 22P
   8-Bit Microcontroller with 8K Bytes QuickFlash
AT87LV55 ATMEL-AT87LV55 Datasheet
374Kb / 27P
   8-bit Microcontroller with 20K Bytes QuickFlash짰
AT87F51RC ATMEL-AT87F51RC Datasheet
357Kb / 25P
   8-bit Microcontroller with 32K Bytes QuickFlash
AT87LV52 ATMEL-AT87LV52 Datasheet
287Kb / 23P
   8-bit Microcontroller with 8K Bytes QuickFlash
AT89C55 ATMEL-AT89C55 Datasheet
606Kb / 24P
   8-Bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_06 Datasheet
688Kb / 32P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_02 Datasheet
293Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_01 Datasheet
484Kb / 24P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_08 Datasheet
522Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com