Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMC235U6R3FN2D Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # DCMC235U6R3FN2D
Description  85 ?C High Capacitance, Screw Terminal, Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DCMC235U6R3FN2D Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  DCMC235U6R3FN2D Datasheet HTML 1Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 2Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 3Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 4Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 5Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 6Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 7Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 8Page - Cornell Dubilier Electronics DCMC235U6R3FN2D Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type DCMC 85 ºC High Capacitance, Screw Terminal, Aluminum
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Uninsulated Case Dimensions
For insulated case, add 0.024”(0.610 mm) to “D”and 0.030”(0.762 mm) to height.
Part Numbering System
Diam. (D)
Length (L)
Terminals (S)
Case
±.031
±.78
±.062
±1.57
±0.015
±.38
Typical Weight
Code Inches
mm
Inches
mm
Inches
mm
oz
g
AK
1.375
34.93
1.625
41.28
0.50
12.70
1.9
54
AA
1.375
34.93
2.125
53.98
0.50
12.70
2.0
57
AH
1.375
34.93
2.625
66.68
0.50
12.70
2.7
77
AB
1.375
34.93
3.125
79.38
0.50
12.70
3.3
94
AJ
1.375
34.93
3.625
92.08
0.50
12.70
3.8
108
AC
1.375
34.93
4.125
104.78
0.50
12.70
4.4
125
AD
1.375
34.93
4.625
117.48
0.50
12.70
5.1
145
AE
1.375
34.93
5.125
130.18
0.50
12.70
6.8
193
AF
1.375
34.93
5.625
142.88
0.50
12.70
8.1
230
EA
1.750
44.45
2.125
53.98
0.75
19.05
2.7
76
EH
1.750
44.45
2.625
66.68
0.75
19.05
3.8
108
EB
1.750
44.45
3.125
79.38
0.75
19.05
5.1
145
EJ
1.750
44.45
3.625
92.08
0.75
19.05
6.8
193
EC
1.750
44.45
4.125
104.78
0.75
19.05
8.1
230
ED
1.750
44.45
4.625
117.48
0.75
19.05
9.0
255
EE
1.750
44.45
5.125
130.18
0.75
19.05
9.5
269
EF
1.750
44.45
5.625
142.88
0.75
19.05
10.5
298
BA
2.000
50.80
2.125
53.98
0.88
22.23
5.4
153
BH
2.000
50.80
2.625
66.68
0.88
22.23
6.1
173
BB
2.000
50.80
3.125
79.38
0.88
22.23
6.8
193
BJ
2.000
50.80
3.625
92.08
0.88
22.23
8.2
232
BC
2.000
50.80
4.125
104.78
0.88
22.23
9.5
269
BD
2.000
50.80
4.625
117.48
0.88
22.23
10.3
292
BE
2.000
50.80
5.125
130.18
0.88
22.23
10.7
303
BF
2.000
50.80
5.625
142.88
0.88
22.23
13.0
369
CH
2.500
63.50
2.625
66.68
1.13
28.58
9.2
261
CB
2.500
63.50
3.125
79.38
1.13
28.58
10.4
295
CJ
2.500
63.50
3.625
92.08
1.13
28.58
12.7
361
CC
2.500
63.50
4.125
104.78
1.13
28.58
15.0
425
CD
2.500
63.50
4.625
117.48
1.13
28.58
17.2
488
CE
2.500
63.50
5.125
130.18
1.13
28.58
19.3
547
CF
2.500
63.50
5.625
142.88
1.13
28.58
21.4
607
DB
3.000
76.20
3.125
79.38
1.25
31.75
16.7
473
DJ
3.000
76.20
3.625
92.08
1.25
31.75
20.0
567
DC
3.000
76.20
4.125
104.78
1.25
31.75
22.2
629
DD
3.000
76.20
4.625
117.48
1.25
31.75
25.5
723
DE
3.000
76.20
5.125
130.18
1.25
31.75
30.0
850
DF
3.000
76.20
5.625
142.88
1.25
31.75
31.9
904
DP
3.000
76.20
5.875
149.23
1.25
31.75
32.8
931
DN
3.000
76.20
7.625
193.68
1.25
31.75
39.5
1119
DG
3.000
76.20
8.625
219.08
1.25
31.75
43.3
1227
FC
3.500
88.90
4.125
104.78
1.25
31.75
30.0
850
FD
3.500
88.90
4.625
117.48
1.25
31.75
34.4
976
FE
3.500
88.90
5.125
130.18
1.25
31.75
40.5
1148
FF
3.500
88.90
5.625
142.88
1.25
31.75
43.1
1221
FP
3.500
88.90
5.875
149.23
1.25
31.75
44.3
1257
FN
3.500
88.90
7.625
193.68
1.25
31.75
53.3
1512
FG
3.500
88.90
8.625
219.08
1.25
31.75
58.5
1658
Type
Capacitance
Tolerance
Voltage
Case Code Insulation
Terminal
Can Style
DCMC
492
U
063
AA
2
B
S
Polyester insulation is not available for 3.5-inch diameter units.
Standard insulation is 0.008-in PVC sleeve with 0.01-in polypropylene end disk.
Typical Performance Curves
100 = 10 µF
101 = 100 µF
492 = 4900 µF
433= 43,000 µF
M = ±20%
U = –10%+75%
T = 10%+50%
6R3 = 6.3 Vdc
063 = 63 Vdc
100 = 100 Vdc
0= None
1= Polyester
2= PVC
A = Low Post
B = High Post
D = High Current,
Low Post
E = High Current,
High Post
F or M = M5 Post
G = M6 Low Post
H = M6 High Post
Blank=
Standard
Can
S= Stud
Bottom
P= Stud
with
Thermal
Pad


Similar Part No. - DCMC235U6R3FN2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC235U6R3FN2D CDE-DCMC235U6R3FN2D Datasheet
330Kb / 16P
   85 째C High Capacitance, Screw Terminal, Aluminum
More results

Similar Description - DCMC235U6R3FN2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
330Kb / 16P
   85 째C High Capacitance, Screw Terminal, Aluminum
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
234Kb / 2P
   Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
logo
List of Unclassifed Man...
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
CGR343U7R5U3C CDE-CGR343U7R5U3C Datasheet
231Kb / 2P
   105 ?C High Temp Screw Terminal Aluminum Electrolytic
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com