Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

935C2W20K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 935C2W20K-F
Description  Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

935C2W20K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  935C2W20K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 935C2W20K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd•New Bedford, MA 02744•Phone: (508)996-8561•Fax: (508)996-3830•www.cde.com
Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
Capacitors for Power Supplies and High Current Circuits
Type 935 axial-leaded, metallized polypropylene
capacitors are designed for 20-100 kHz switching power
supply input filtering, DC blocking and output filter
applications where high current, high capacitance and
low ESR values are important. Dry sections are sealed
with flame-retardant outer wrap and epoxy end seals for
moistureresistance.This filmcapacitorhasUnderwriters
Laboratories, Inc. recognition for construction only
under U.L. File Number E128034(N).
Specifications
*Full-rated voltage at 85°C, Derate linearly to 50% rated voltage at 105 °C
Highlights
Great for high current circuits
Available with lugs
Flame-retardant outer wrap
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Strength:
Dissipation Factor:
Insulation Resistance:
Life Test:
1.0 µF to 30.0 µF
100 Vdc to 400 Vdc (70 Vac to 250 Vac, 60 Hz)
±10 % (K) Standard; ±5% (J) Optional
–55 ºC to +105 ºC
200% for 1 minute
0.1% Max. @ 25 ºC, 1 kHz
200,000 MΩ x µF
1,000 hours @ 85 ºC, 125% rated voltage
Outline Drawings
L1
±0.062
Ratings
RoHS Compliant
Max. ESR
20-100 kHz
(mΩ)
Max. Ripple Current (Amps RMS) 20-100 kHz
Case Temperature
Cap.
(µF)
Catalog
Part Number
D
(Inches)
(mm)
L ±0.062
(Inches) (mm)
d
(Inches) (mm)
dV/dt
(V/μs) +25 ºC +35 ºC +45 ºC +55 ºC +65 ºC +75 ºC +85 ºC
With Wire Leads
100 Vdc (70 Vac)
1
935C1W1K-F
0.469 ± 0.062 (11.9) ± (1.6) 0.750
(19.0)
0.032
(0.8)
15
25
9.2
8.5
7.8
7.0
6.0
4.9
4.5
2
935C1W2K-F
0.534 ± 0.062 (13.6) ± (1.6) 0.938
(23.8)
0.032
(0.8)
12
16
10.8
10.0
9.1
8.2
7.0
5.8
5.3
3
935C1W3K-F
0.624 ± 0.093 (15.8) ± (2.4) 0.938
(23.8)
0.040
(1.0)
11
16
12.1
11.2
10.3
9.2
8.0
6.5
5.9
5
935C1W5K-F
0.640 ± 0.093 (16.3) ± (2.4) 1.250
(31.7)
0.040
(1.0)
10
10
13.8
12.7
11.6
10.4
9.0
7.4
6.7
10
935C1W10K-F
0.805 ± 0.093 (20.4) ± (2.4) 1.500
(38.1)
0.040
(1.0)
9
8
15.0
15.0 14.2
12.7
11.0
9.0
8.2
20
935C1W20K-F
0.875 ± 0.125 (22.2) ± (3.2) 2.250
(57.1)
0.040
(1.0)
8
5
15.0
15.0 15.0
15.0
13.6
11.1
10.0
30
935C1W30K-F
1.075 ± 0.125 (27.3) ± (3.2) 2.250
(57.1)
0.040
(1.0)
6
5
15.0
15.0 15.0
15.0
15.0
12.4
11.4
With Wire Leads
200 Vdc (140 Vac)
1
935C2W1K-F
0.450 ± 0.062 (11.4) ± (1.6) 1.250
(31.7)
0.032
(0.8)
20
15
7.3
7.3
7.3
7.3
7.2
5.9
5.4
2
935C2W2K-F
0.605 ± 0.093 (15.4) ± (2.4) 1.250
(31.7)
0.032
(0.8)
15
15
12.0
12.0
11.3
10.1
8.7
7.1
6.5
3
935C2W3K-F
0.654 ± 0.093 (16.6) ± (2.4) 1.500
(38.1)
0.040
(1.0)
13
12
15.0
13.8 12.6
11.3
9.8
8.0
7.3
5
935C2W5K-F
0.769 ± 0.093 (19.5) ± (2.4) 1.750
(44.4)
0.040
(1.0)
11
9
15.0
15.0 14.7
13.1
11.4
9.3
8.5
10
935C2W10K-F
0.905 ± 0.125 (23.0) ± (3.2) 2.250
(57.1)
0.040
(1.0)
9
7
15.0
15.0 15.0
15.0
13.8
11.3
10.3
20
935C2W20K-F
1.315 ± 0.125 (33.4) ± (3.2) 2.250
(57.1)
0.040
(1.0)
6
7
15.0
15.0 15.0
15.0
15.0
14.1
12.8
L
L
±0.062
Complies with the EU Directive 2002/95/EC
requirement restricting the use of Lead (Pb), Mercury
(Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 935C2W20K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
935C2W20K-F CDE-935C2W20K-F Datasheet
231Kb / 5P
   High Current Capacitors for Switching Power Supplies
935C2W20K-F CDE-935C2W20K-F Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
More results

Similar Description - 935C2W20K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
472PPA302KG ILLINOISCAPACITOR-472PPA302KG_13 Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105MPL100K ILLINOISCAPACITOR-105MPL100K_13 Datasheet
195Kb / 2P
   Axial leaded metallized polypropylene film capacitors with Lug terminals
682PPS302KG ILLINOISCAPACITOR-682PPS302KG_13 Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
logo
Cornell Dubilier Electr...
170223J160AA1 CDE-170223J160AA1 Datasheet
409Kb / 3P
   Type 170 Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com