Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPFF2S22JS-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DPFF2S22JS-F
Description  High AC Current Polypropylene Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DPFF2S22JS-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DPFF2S22JS-F Datasheet HTML 1Page - Cornell Dubilier Electronics DPFF2S22JS-F Datasheet HTML 2Page - Cornell Dubilier Electronics DPFF2S22JS-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type DPFF High AC Current Polypropylene Film Capacitors
High Voltage Single and Series Section Film/Foil Polypropylene Capacitors
Highlights
High dv/dt
High AC current
Good for pulse applications
Low DF
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Strength:
Dissipation Factor:
Insulation Resistance:
Life Test:
Pulse Capability:
Outline Drawing
0.001 to 0.47 µF
200 to 1600 Vdc (155 to 500 Vac 60 Hz)
±10% standard, ±5% optional
–55 ºC to +105 ºC (derate linearly to 50% rated
voltage at +105 ºC
250% (≤800 Vdc ) 200% (1200 and 1600 Vdc) for
1 minute
0.10% Max. (+25 ºC, 1 KHz)
50,000 MΩ·µF, 100,000 MΩ Min.
500 hr @ 85 ºC @ 125% rated voltage
0.032” (0.8 mm)
Tinned Copper
1.18” Min
(30 mm)
NOTE: Other capacitance values, sizes and performance specifications are available. Please contact CDE.
Rated
Body Length
Volts
.700-.750
.900-.950
1.250-1.300 1.650-1.700
dV/dt — volts per microsecond, maximum
200
4600
2400
1400
720
400
6000
3200
1800
840
600
8000
6600
2800
1200
800
6000
3200
1200
6800
3200
1600
11600
6000
L Max.
S
.06” (1.5 mm).
H Max.
.250” Max.
T
Max.
Type DPFF radial leaded polypropylene film/foil ca-
pacitors feature single and series section construction.
Part numbers with the “S” suffix have extended alu-
minum foil with a floating metallized film. Excellent
temperature stability to 105 ºC and low loss character-
istics, make Type DPFF ideal for high AC current and
pulse applications.
RoHS Compliant
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - DPFF2S22JS-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPFF CDE-DPFF Datasheet
644Kb / 4P
   High Voltage Single and Series Section Film/Foil Polypropylene Capacitors
More results

Similar Description - DPFF2S22JS-F

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
AMPP MERITEK-AMPP Datasheet
113Kb / 1P
   Metallized Polypropylene Film Capacitors - AC use
logo
Vishay Siliconix
MKP1844 VISHAY-MKP1844 Datasheet
95Kb / 1P
   AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
Revision: 05-Jul-05
MKP1844 VISHAY-MKP1844_05 Datasheet
124Kb / 2P
   AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
Revision: 05-Jul-05
MKP1842 VISHAY-MKP1842 Datasheet
118Kb / 2P
   AC-Capacitors (Metallized Polypropylene Film-MKP), AC 400V
Revision: 05-Jul-05
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com