Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPPS10D15K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DPPS10D15K-F
Description  High Voltage, High Frequency, Ultra High Peak Currents
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DPPS10D15K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DPPS10D15K-F Datasheet HTML 1Page - Cornell Dubilier Electronics DPPS10D15K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type DPPS High Voltage, High Frequency, Ultra high Peak Currents
Film/Foil Radial Leaded Polypropylene Capacitors
Type DPPS radial-leaded polypropylene film/foil
capacitors utilize wound extended foil with a floating
common foil. Smaller size and shorter length result
in very low inductance. High pulse current and
voltage capability make Type DPPS ideal for snubber
applications. High frequency characteristics further
enhance performance.
Highlights
High dv/dt
High AC current
Good for pulse applications
Low DF
Outline Drawing
NOTE: Other capacitance values, sixes and performance specifications are available. Please contact CDE.
MAX.
L
T
MAX.
H MAX.
1.5mm
.984 MIN.
d
MAX.
(25mm)
TINNED
COPPER
0.32” (0.8 mm)
Tinned Copper
S
±.06 (±1.5)
Specifications
Capacitance Range: .001 to .033 µF
Voltage Range: 1000 to 2000 Vdc (450 to 500 Vac @ 60 Hz)
Capacitance Tolerance: ±10% (K) standard, ±5% (J), ±20% (M) optional
Operating Temperature Range: –55 ºC to +105 ºC, Full rated voltage at +85 ºC and
derated linearly to 50% rated voltage at +105 ºC
Dielectric Strength: 175%
Dissipation Factor: 0.10% Max. (+25 ºC, 1 kHz)
Insulation Resistance: 200,000 MΩxµF, 400,000 MΩ Min.
Life Test: 500 hr @ 85 ºC @ 150% rated voltage
Pulse Capability:
Pulse Capacility
Body Length
Rated
0.984
≥1.259
Voltage dv/dt — volts per microsecond, maximum
1000
8400
6400
1600
16000
12000
2000
16800
12800
Complies with the EU Directive 2002/95/EC
requirement restricting the use of Lead (Pb), Mercury
(Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)),
PolyBrominatedBiphenyls(PBB)andPolyBrominated
Diphenyl Ethers (PBDE).
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - DPPS10D15K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
RSG Electronic Componen...
DPP100-24 RSG-DPP100-24 Datasheet
231Kb / 3P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
DPP100-24 RSG-DPP100-24 Datasheet
468Kb / 4P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DPP100-24 TDK-DPP100-24 Datasheet
228Kb / 1P
   AC-DC Power Supplies
June 03, 2022
logo
TE Connectivity Ltd
DPP101Z000 TEC-DPP101Z000 Datasheet
129Kb / 4P
   Digital Pressure Sensor
More results

Similar Description - DPPS10D15K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DMT CDE-DMT Datasheet
64Kb / 3P
   General Purpose, High Peak Currents, High Insulation Resistance
logo
Illinois Capacitor, Inc...
PPB ILLINOISCAPACITOR-PPB Datasheet
428Kb / 3P
   High Pulse Currents - High voltage
PPR ILLINOISCAPACITOR-PPR Datasheet
343Kb / 3P
   High Pulse Currents - High voltage
logo
Cornell Dubilier Electr...
DMT1D1K-F CDE-DMT1D1K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors General Purpose, High Peak Currents, High Insulation Resistance
logo
Unisonic Technologies
2N6116L-T92-B UTC-2N6116L-T92-B Datasheet
134Kb / 3P
   High peak output voltage
logo
GETAI ELECTRONICS DEVIC...
SHV-08DN GETEDZ-SHV-08DN Datasheet
621Kb / 2P
   5.0mA 8.0kV 75nS--Ultra-High Frequency High Voltage Diodes
SHV-10DN GETEDZ-SHV-10DN Datasheet
620Kb / 2P
   5.0mA 8.0kV 75nS--Ultra-High Frequency High Voltage Diodes
SHV-12DN GETEDZ-SHV-12DN Datasheet
620Kb / 2P
   5.0mA 12kV 75nS--Ultra-High Frequency High Voltage Diodes
logo
ON Semiconductor
PCS3P625Z05B ONSEMI-PCS3P625Z05B Datasheet
168Kb / 13P
   High Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P624Z05B ONSEMI-PCS3P624Z05B Datasheet
174Kb / 13P
   High Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com