Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51IC2-RLTIM Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89C51IC2-RLTIM
Description  8-bit Flash Microcontroller with 2-wire Interface
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-RLTIM Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89C51IC2-RLTIM Datasheet HTML 4Page - ATMEL Corporation AT89C51IC2-RLTIM Datasheet HTML 5Page - ATMEL Corporation AT89C51IC2-RLTIM Datasheet HTML 6Page - ATMEL Corporation AT89C51IC2-RLTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51IC2-RLTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51IC2-RLTIM Datasheet HTML 9Page - ATMEL Corporation AT89C51IC2-RLTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51IC2-RLTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51IC2-RLTIM Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 146 page
background image
8
AT89C51IC2
4301A–8051–01/04
Table 10. Two-Wire Interface Controller SFRs
Mnemonic
Add
Name
76543210
SSCON
93h
Synchronous Serial control
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
SSCS
94h
Synchronous Serial Status
SSC4
SSC3
SSC2
SSC1
SSC0
0
0
0
SSDAT
95h
Synchronous Serial Data
SSD7
SSD6
SSD5
SSD4
SSD3
SSD2
SSD1
SSD0
SSADR
96h
Synchronous Serial Address
SSA7
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSGC
Table 11. Keyboard Interface SFRs
Mnemonic
Add
Name
76543210
KBLS
9Ch
Keyboard Level Selector
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3
KBLS2
KBLS1
KBLS0
KBE
9Dh
Keyboard Input Enable
KBE7
KBE6
KBE5
KBE4
KBE3
KBE2
KBE1
KBE0
KBF
9Eh
Keyboard Flag Register
KBF7
KBF6
KBF5
KBF4
KBF3
KBF2
KBF1
KBF0


Similar Part No. - AT89C51IC2-RLTIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2-RLTIM ATMEL-AT89C51IC2-RLTIM Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2-RLTIM ATMEL-AT89C51IC2-RLTIM Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
More results

Similar Description - AT89C51IC2-RLTIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
   8-bit Microcontroller with Flash and I2C Interface
AT89LP2052 ATMEL-AT89LP2052_08 Datasheet
1Mb / 93P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 89P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_09 Datasheet
1Mb / 94P
   8-bit Microcontroller with 2/4-Kbyte Flash
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com