Electronic Components Datasheet Search |
|
DIL12-2C75-15LHR Datasheet(PDF) 4 Page - Meder Electronic |
|
DIL12-2C75-15LHR Datasheet(HTML) 4 Page - Meder Electronic |
4 / 5 page 137 MEDER electronic www.meder.com DIL Series Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option RELAY DATA All Data at 20° C Switch Model → Contact Form → Switch 75 Form A Switch 90 Form C Contact Ratings Conditions Min. Typ. Max. Min. Typ. Max. Units Switching Power Any DC combination of V & A not to exceed their individual max.‘s. 10 10 W Switching Voltage DC or peak AC 500 175 V Switching Current DC or peak AC 0.5 0.5 A Carry Current DC or peak AC 1.0 1.0 A Static Contact Resistance w/ 0.5 V & 50mA 200 150 mΩ Dynamic Contact Resistance Measured w/ 0.5 V & 50mA , 1.5 ms after closure 200 250 mΩ Insulation Resistance (100 Volts applied) Across Contact Contact to coil 1010 1012 109 1012 Ω Breakdown Voltage Across Contact Contact to coil 1500 1.5*s 200 1.5 VDC kVDC Operate Time incl. Bounce With nominal voltage 0.5 0.7 ms Release Time Measured w/ no coil suppression 0.1 1.5 ms Capacitance Across Contact Contact to coil 0.4 4.0 1.0 4.0 pF Life Expectancies Switching 5V - 10 mA DC <10 pF stray cap. 500 100 106 Cycles For other load requirements, see the life test section on P. 112. Environmental Data Shock Resistance 1/2 sine wave duration for 11 ms 50 50 g Vibration Resistance From 10 - 2000 Hz 20 20 g Ambient Temperature max. 10°C/ minute allowable -20 70 -20 70 o C Storage Temperature max. 10°C/ minute allowable -25 85 -25 85 o C Soldering Temperature 5 sec. dwell 260 260 o C * 4.25 kVDC / 3.0 kVRMS for Pin-outs 13 and 15. |
Similar Part No. - DIL12-2C75-15LHR |
|
Similar Description - DIL12-2C75-15LHR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |