Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCA1210C105M-G2 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # FCA1210C105M-G2
Description  Acrylic Surface Mount Film Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCA1210C105M-G2 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  FCA1210C105M-G2 Datasheet HTML 1Page - Cornell Dubilier Electronics FCA1210C105M-G2 Datasheet HTML 2Page - Cornell Dubilier Electronics FCA1210C105M-G2 Datasheet HTML 3Page - Cornell Dubilier Electronics FCA1210C105M-G2 Datasheet HTML 4Page - Cornell Dubilier Electronics FCA1210C105M-G2 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type FCA Acrylic Surface Mount Film Capacitors
Typical Applications
Filtering Performance:
Switching
Power Supply
10 Vdc
200 kHz
FCA
Oscilloscope
In the above circuit, one 1 µF FCA capacitor results in the same ripple reduction performance as a 10 µF tantalum
capacitor at 200 kHz. With a 1 µF tantalum capacitor in the circuit the measured ripple voltage was 70 mVpp, and
with a 10 µF tantalum or a 1 µF FCA capacitor the ripple voltage was 8 mVpp.
Impedance vs. Frequency
Capacitance Change vs. Temperature
Comparison
1000
30
20
100
Tantalum
10
10
1.0 µF
Tantalum
0
1.0 µF
1
MLCC
-10
MLCC
1.0 µF
FCA
0.1
X7R
-20
Acrylic Film
FCA
1.0 µF
1.0 µF
1.0 µF
0.01
-30
1
10
100
1000
10000
-60
-40
-20
0
20
40
60
80
100
Frequency (kHz)
Temperature (°C)
Type FCA capacitors have very low ESR and stable capacitance vs. temperature.
Design Kits
See the Capacitor Kits section at the end of this catalog for design
Kits containing various ratings of FCA, FCN and FCP surface
mount film capacitors as well as kits for alluminum electrolytic,
polymer aluminum, and mica surface mount capacitors
Cornell Dubilier 1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com


Similar Part No. - FCA1210C105M-G2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCA1210C105M-G2 ETC2-FCA1210C105M-G2 Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA1210C105M-G2 ETC2-FCA1210C105M-G2 Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA1210C105M-G2 CDE-FCA1210C105M-G2 Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
More results

Similar Description - FCA1210C105M-G2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA0805C104M ETC2-FCA0805C104M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
NIC-Components Corp.
NSPH NIC-NSPH Datasheet
508Kb / 6P
   Multilayer Acrylic Polymer Film Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
FCA CDE-FCA Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
logo
3M Electronics
1218 3M-1218 Datasheet
536Kb / 2P
   Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com