Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450C991M450AD8 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 450C991M450AD8
Description  Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

450C991M450AD8 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  450C991M450AD8 Datasheet HTML 1Page - Cornell Dubilier Electronics 450C991M450AD8 Datasheet HTML 2Page - Cornell Dubilier Electronics 450C991M450AD8 Datasheet HTML 3Page - Cornell Dubilier Electronics 450C991M450AD8 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 450C 105 °C Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded
Type 450C 105 °C Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
ESR Max.
25 ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple Amps,
85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog Part
Number
Cap.
(µF)
Catalog Part
Number
1800 450C182M300AD8 60.60 30.50 7.50 10.60 1 3/8 X 4 3/4
2100 450C212M400ED8 51.60 23.70 9.60 14.20 1 3/4 X 4 3/4
2100 450C212M300AE8 53.70 27.50 8.40 11.70 1 3/8 X 5 1/4
2200 450C222M400BC8 50.10 24.30 10.20 14.70
2 X 4 1/4
2100 450C212M300EJ8 54.50 26.10 8.40 12.10 1 3/4 X 3 3/4
2300 450C232M400EE8 45.70 21.20 10.80 15.90 1 3/4 X 5 1/4
2100 450C212M300BB8 58.40 29.30 8.40 11.90
2 X 3 1/4
2600 450C262M400EF8 41.10 19.40 12.20 17.80 1 3/4 X 5 3/4
2300 450C232M300AF8 48.40 25.10 9.30 12.90 1 3/8 X 5 3/4
2600 450C262M400BD8 43.30 20.70 11.40 16.40
2 X 4 3/4
2500 450C252M300EC8 48.10 23.30 9.50 13.60 1 3/4 X 4 1/4
3100 450C312M400BE8 37.00 18.10 12.70 18.20
2 X 5 1/4
2600 450C262M300BJ8 47.60 24.10 10.40 14.70
2 X 3 3/4
3400 450C342M400BF8 33.40 16.60 13.90 19.70
2 X 5 3/4
2900 450C292M300ED8 41.80 20.50 10.70 15.30 1 3/4 X 4 3/4
450 Vdc (500 Vdc Surge)
3100 450C312M300BC8 41.10 21.50 11.30 15.60
2 X 4 1/4
210 450C211M450AK8 384.00 171.00 2.00
3.10
1 3/8 X 1 3/4
3300 450C332M300EE8 37.10 18.40 12.00 17.10 1 3/4 X 5 1/4
310 450C311M450AA8 256.00 115.00 2.90
4.30
1 3/8 X 2 1/4
3600 450C362M300BD8 35.50 18.30 12.50 17.50
2 X 4 3/4
400 450C401M450AH8 178.00 80.40 3.50
5.30
1 3/8 X 2 3/4
3700 450C372M300EF8 33.50 16.90 13.50 19.10 1 3/4 X 5 3/4
520 450C521M450EA8 157.00 69.20 4.10
6.30
1 3/4 X 2 1/4
4300 450C432M300BE8 30.50 16.10 14.00 19.30
2 X 5 1/4
580 450C581M450AB8 137.00 62.30 4.30
6.40
1 3/8 X 3 1/4
4700 450C472M300BF8 27.60 14.80 15.30 20.80
2 X 5 3/4
650 450C651M450BA8 138.00 63.30 4.80
7.10
2 X 2 1/4
350 Vdc (400 Vdc Surge)
700 450C701M450EH8 116.00 50.10 5.20
7.90
1 3/4 X 2 3/4
300 450C301M350AK8 325.00 150.00 2.20
3.30
1 3/8 X 1 3/4
710 450C711M450AJ8 111.00 51.10 5.10
7.50
1 3/8 X 3 3/4
460 450C461M350AA8 217.00 100.00 3.10
4.60
1 3/8 X 2 1/4
840 450C841M450AC8 93.90 43.60 5.80
8.50
1 3/8 X 4 1/4
600 450C601M350AH8 151.00 70.30 3.80
5.60
1 3/8 X 2 3/4
870 450C871M450BH8 99.20 45.00 6.10
9.10
2 X 2 3/4
770 450C771M350EA8 135.00 61.90 4.50
6.60
1 3/4 X 2 1/4
920 450C921M450EB8 88.90 38.80 6.40
9.60
1 3/4 X 3 1/4
860 450C861M350AB8 116.00 54.50 4.70
6.90
1 3/8 X 3 1/4
990 450C991M450AD8 81.50 38.30 6.50
9.50
1 3/8 X 4 3/4
960 450C961M350BA8 119.00 57.40 5.20
7.50
2 X 2 1/4
1100 450C112M450EJ8 72.30 31.80 7.30
11.00 1 3/4 X 3 3/4
1000 450C102M350EH8 99.00 44.70 5.60
8.30
1 3/4 X 2 3/4
1100 450C112M450AE8 72.10 34.30 7.20 10.50 1 3/8 X 5 1/4
1000 450C102M350AJ8 94.40 44.90 5.50
8.00
1 3/8 X 3 3/4
1200 450C122M450AF8 64.80 31.20 8.00
11.60 1 3/8 X 5 3/4
1200 450C122M350AC8 79.80 38.40 6.30
9.10
1 3/8 X 4 1/4
1200 450C122M450BB8 76.30 34.90 7.40 10.90
2 X 3 1/4
1300 450C132M350BH8 85.60 40.70 6.60
9.60
2 X 2 3/4
1400 450C142M450BJ8 62.10 28.70 9.10 13.50
2 X 3 3/4
1400 450C142M350EB8 76.10 34.70 6.90 10.20 1 3/4 X 3 1/4
1400 450C142M450EC8 63.60 28.30 8.20 12.30 1 3/4 X 4 1/4
1500 450C152M350AD8 69.30 33.80 7.00 10.10 1 3/8 X 4 3/4
1600 450C162M450ED8 55.20 24.80 9.30 13.90 1 3/4 X 4 3/4
1700 450C172M350EJ8 62.00 28.50 7.90 11.60 1 3/4 X 3 3/4
1700 450C172M450BC8 53.40 25.40 9.90 14.40
2 X 4 1/4
1700 450C172M350BB8 65.80 31.60 7.90 11.40
2 X 3 1/4
1800 450C182M450EE8 48.90 22.30 10.50 15.50 1 3/4 X 5 1/4
1700 450C172M350AE8 61.40 30.30 7.80 11.20 1 3/8 X 5 1/4
2000 450C202M450EF8 44.00 20.30 11.80 17.40 1 3/4 X 5 3/4
1800 450C182M350AF8 55.20 27.70 8.70 12.30 1 3/8 X 5 3/4
2000 450C202M450BD8 46.20 21.60 11.00 16.10
2 X 4 3/4
2000 450C202M350EC8 54.60 25.40 8.90 13.00 1 3/4 X 4 1/4
2300 450C232M450BE8 39.40 18.90 12.30 17.80
2 X 5 1/4
2100 450C212M350BJ8 53.70 26.00 9.80 14.10
2 X 3 3/4
2600 450C262M450BF8 35.60 17.30 13.40 19.30
2 X 5 3/4
2300 450C232M350ED8 47.40 22.30 10.00 14.60 1 3/4 X 4 3/4
500 Volts (550 Volts Surge)
2500 450C252M350BC8 46.20 23.10 10.70 15.10
2 X 4 1/4
150 450C151M500AK8 440.00 158.00 1.90
3.20
1 3/8 X 1 3/4
2600 450C262M350EE8 42.00 20.00 11.30 16.40 1 3/4 X 5 1/4
230 450C231M500AA8 294.00 106.00 2.70
4.50
1 3/8 X 2 1/4
2900 450C292M350BD8 40.00 19.70 11.80 16.80
2 X 4 3/4
330 450C331M500AH8 204.00 73.80 3.30
5.50
1 3/8 X 2 3/4
3000 450C302M350EF8 37.80 18.30 12.70 18.30 1 3/4 X 5 3/4
350 450C351M500EA8 262.00 146.00 3.70
6.00
1 3/4 X 2 1/4
3500 450C352M350BE8 34.20 17.30 13.20 18.60
2 X 5 1/4
430 450C431M500AB8 157.00 57.00 4.10
6.70
1 3/8 X 3 1/4
3800 450C382M350BF8 30.90 15.80 14.40 20.10
2 X 5 3/4
440 450C441M500BA8 208.00 122.00 4.40
6.90
2 X 2 1/4
400 Vdc (450 Vdc Surge)
500 450C501M500EH8 182.00 102.00 4.80
7.70
1 3/4 X 2 3/4
270 450C271M400AK8 356.00 161.00 2.10
3.10
1 3/8 X 1 3/4
530 450C531M500AJ8 128.00 46.70 4.70
7.80
1 3/8 X 3 3/4
410
450C411M400AA8 238.00 108.00 3.00
4.40
1 3/8 X 2 1/4
620 450C621M500BH8 144.00 85.30 5.70
9.00
2 X 2 3/4
600 450C601M400AH8 166.00 75.70 3.70
5.40
1 3/8 X 2 3/4
630 450C631M500AC8 145.00 82.80 5.40
8.90
1 3/8 X 4 1/4
690 450C691M400EA8 147.00 65.80 4.30
6.40
1 3/4 X 2 1/4
660 450C661M500EB8 140.00 78.60 5.90
9.50
1 3/4 X 3 1/4
770 450C771M400AB8 127.00 58.70 4.50
6.60
1 3/8 X 3 1/4
700 450C701M500AD8 93.50 34.70 6.10
9.90
1 3/8 X 4 3/4
860 450C861M400BA8 129.00 60.60 5.00
7.30
2 X 2 1/4
820 450C821M500EJ8 114.00 64.40 6.80 10.90 1 3/4 X 3 3/4
930 450C931M400EH8 108.00 47.60 5.30
8.10
1 3/4 X 2 3/4
830 450C831M500BB8 111.00 66.00 6.90 10.70
2 X 3 1/4
930
450C931M400AJ8 103.40 48.20 5.20
7.70
1 3/8 X 3 3/4
830 450C831M500AE8 82.70 31.00 6.80
11.00 1 3/8 X 5 1/4
1100 450C112M400AC8 87.40 41.20 6.00
8.70
1 3/8 X 4 1/4
930 450C931M500AF8 74.30 28.20 7.50 12.20 1 3/8 X 5 3/4
1200 450C122M400EB8 83.00 36.90 6.60
9.90
1 3/4 X 3 1/4
970 450C971M500EC8 96.00 54.80 7.60 12.20 1 3/4 X 4 1/4
1200 450C122M400BH8 92.90 43.00 6.30
9.30
2 X 2 3/4
1000 450C102M500BJ8 90.40 54.10 8.50 13.30
2 X 3 3/4
1300 450C132M400AD8 75.90 36.20 6.70
9.70
1 3/8 X 4 3/4
1100 450C112M500ED8 83.30 48.00 8.60 13.70 1 3/4 X 4 3/4
1500 450C152M400BB8 71.40 33.30 7.60 11.10
2 X 3 1/4
1200 450C122M500BC8 76.40 46.20 9.30 14.50
2 X 4 1/4
1500 450C152M400AE8 67.20 32.50 7.50 10.80 1 3/8 X 5 1/4
1300 450C132M500EE8 73.70 42.80 9.70 15.40 1 3/4 X 5 1/4
1500 450C152M400EJ8 67.50 30.30 7.50 11.30 1 3/4 X 3 3/4
1400 450C142M500EF8 66.30 38.90 11.00 17.30 1 3/4 X 5 3/4
1600 450C162M400AF8 60.40 29.60 8.30 11.90 1 3/8 X 5 3/4
1400 450C142M500BD8 66.40 40.50 10.30 15.90
2 X 4 3/4
1800 450C182M400EC8 59.40 26.90 8.50 12.60 1 3/4 X 4 1/4
1700 450C172M500BE8 57.30 35.40 11.50 17.70
2 X 5 1/4
1900 450C192M400BJ8 58.20 27.40 9.40 13.70
2 X 3 3/4
1900 450C192M500BF8 51.80 32.30 12.60 19.10
2 X 5 3/4
Case
Inches
Millimeters
Code D ± .031 L MAX C ± .015 S ± .031 E ± .031 F ± .015 D ± .78 L MAX C ± .78 S ± .78 E ± .78 F ± .38
AK
1.375
1.75
0.50
0.175
0.25
0.55
34.93
44.45
12.70
4.45
6.35
13.97
AA
1.375
2.25
0.50
0.175
0.25
0.55
34.93
57.15
12.70
4.45
6.35
13.97
AH
1.375
2.75
0.50
0.175
0.25
0.55
34.98
69.85
12.70
4.45
6.35
13.97
AB
1.375
3.25
0.50
0.175
0.25
0.55
34.93
82.55
12.70
4.45
6.35
13.97
AJ
1.375
3.75
0.50
0.175
0.25
0.55
34.93
95.25
12.70
4.45
6.35
13.97
AC
1.375
4.25
0.50
0.175
0.25
0.55
34.93 107.95 12.70
4.45
6.35
13.97
AD
1.375
4.75
0.50
0.175
0.25
0.55
34.93 120.65 12.70
4.45
6.35
13.97
AE
1.375
5.25
0.50
0.175
0.25
0.55
34.93 133.35 12.70
4.45
6.35
13.97
AF
1.375
5.75
0.50
0.175
0.25
0.55
34.93 146.05 12.70
4.45
6.35
13.97
EA
1.75
2.25
0.70
0.375
0.35
0.90
44.45
57.15
17.78
9.53
8.89
22.86
EH
1.75
2.75
0.70
0.375
0.35
0.90
44.45
69.85
17.78
9.53
8.89
22.86
EB
1.75
3.25
0.70
0.375
0.35
0.90
44.45
82.55
17.78
9.53
8.89
22.86
EJ
1.75
3.75
0.70
0.375
0.35
0.90
44.45
95.25
17.78
9.53
8.89
22.86
EC
1.75
4.25
0.70
0.375
0.35
0.90
44.45 107.95 17.78
9.53
8.89
22.86
ED
1.75
4.75
0.70
0.375
0.35
0.90
44.45 120.65 17.78
9.53
8.89
22.86
EE
1.75
5.25
0.70
0.375
0.35
0.90
44.45 133.35 17.78
9.53
8.89
22.86
EF
1.75
5.75
0.70
0.375
0.35
0.90
44.45 146.05 17.78
9.53
8.89
22.86
BA
2.00
2.25
0.80
0.425
0.40
1.00
50.80
57.15
20.32
10.80
10.16
25.40
BH
2.00
2.75
0.80
0.425
0.40
1.00
50.80
69.85
20.32
10.80
10.16
25.40
BB
2.00
3.25
0.80
0.425
0.40
1.00
50.80
82.55
20.32
10.80
10.16
25.40
BJ
2.00
3.75
0.80
0.425
0.40
1.00
50.80
95.25
20.32
10.80
10.16
25.40
BC
2.00
4.25
0.80
0.425
0.40
1.00
50.80 107.95 20.32
10.80
10.16
25.40
BD
2.00
4.75
0.80
0.425
0.40
1.00
50.80 120.65 20.32
10.80
10.16
25.40
BE
2.00
5.25
0.80
0.425
0.40
1.00
50.80 133.25 20.32
10.80
10.16
25.40
BF
2.00
5.75
0.80
0.425
0.40
1.00
50.80 146.05 20.32
10.80
10.16
25.40
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com


Similar Part No. - 450C991M450AD8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
450C991M450AD8 CDE-450C991M450AD8 Datasheet
438Kb / 5P
   The Ultimate in Ripple for Plug-in
More results

Similar Description - 450C991M450AD8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C CDE-420C Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
450C CDE-450C_15 Datasheet
438Kb / 5P
   The Ultimate in Ripple for Plug-in
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com