Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFA37S3K156B-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SFA37S3K156B-F
Description  Motor-Run and Power Supply Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SFA37S3K156B-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SFA37S3K156B-F Datasheet HTML 1Page - Cornell Dubilier Electronics SFA37S3K156B-F Datasheet HTML 2Page - Cornell Dubilier Electronics SFA37S3K156B-F Datasheet HTML 3Page - Cornell Dubilier Electronics SFA37S3K156B-F Datasheet HTML 4Page - Cornell Dubilier Electronics SFA37S3K156B-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Type SF Motor-Run and Power Supply Capacitors
Options
Tinplated steel cans are standard. Aluminum
cases are available upon request.
Tighter capacitance tolerances such as ±3%
or ±6% are available.
+90 °C ratings are available for HID lighting
and power supply applications.
Discharge resistors are available.
Special terminal lugs such as 2 tines plus 1
fork lugs are available.
Dual capacitance values are available for 370
Vac and 440 Vac applications.
Part Numbering System
Ratings
- Oval
Hardware and Brackets: See Capacitor Hardware, page 5.000
Cap. Stock
Catalog
Case
H
(µF)
Items
Part Number
Code (Inches)
660 Vac Oval 70 °C Case Temperature
1.0
S
SFA66S1K156B-F
A
1.56
1.0
*
SFA66S1K219B-F
A
2.19
2.0
S
SFA66S2K156B-F
A
1.56
2.0
*
SFA66S2K219B-F
A
2.19
3.0
S
SFA66S3K288B-F
A
2.88
4.0
S
SFA66S4K288B-F
A
2.88
5.0
S
SFA66S5K375B-F
A
3.75
6.0
S
SFA66S6K375B-F
A
3.75
8.0
S
SFA66S8K475B-F
A
4.75
8.0
*
SFC66S8K291B-F
C
2.91
10.0
S
SFA66S10K475B-F
A
4.75
10.0
S
SFC66S10K291B-F
C
2.91
12.0
S
SFC66S12K391B-F
C
3.91
15.0
S
SFC66S15K391B-F
C
3.91
18.0
S
SFC66S18K391B-F
C
3.91
20.0
S
SFD66S20K391B-F
D
3.91
25.0
S
SFD66S25K391B-F
D
3.91
30.0
S
SFD66S30K391B-F
D
3.91
35.0
S
SFD66S35K491B-F
D
4.91
40.0
S
SFD66S40K491B-F
D
4.91
SF
C
37
S
35
K
291
B
-F
Series
Case
AC Volt
Case Material
Cap
Tol. ±%
Can Height
VAR
RoHS
SF
A = 1 1/4" Oval 24 = 240 Vac S = Steel
7 = 7.0 µF L = ±3%
238 = 2.38" A = 2 way 70ºC
Compliant
B = 1 1/2 Oval 37 = 370 Vac T = Aluminum
35 = 35.0 µF H = ±6%
291 = 2.91" B = 4 way 70 ºC
-F = Compliant
C = 1 3/4" Oval 44 = 440 Vac
w/steel cover
K = ±10% 388 = 3.88" C = 2 way 90 ºC
Blank = Not
D = 2.0" Oval
66 = 660 Vac A = All Aluminum
475 = 4.75" D = 4 way 90 ºC
Compliant
488 = 4.88" E = Dual 2,3,4 70 ºC
F = Forks 70 ºC
G = Forks 90 ºC
H = Forks 100 ºC
J = Forks, 70 ºC Res.
K = Forks, 90 ºC Res.
L = Forks 100 ºC Res.


Similar Part No. - SFA37S3K156B-F

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SFA30 SENSIRION-SFA30 Datasheet
662Kb / 16P
   Formaldehyde Sensor Module for HVAC and Indoor Air Quality Applications
V1.1 - November 2020
logo
List of Unclassifed Man...
SFA30PJE ETC1-SFA30PJE Datasheet
342Kb / 2P
   6 AMP 100-300 VOLTS 40 nsec HYPER FAST POSITIVE CENTERTAP RECTIFIER
logo
Solid States Devices, I...
SFA30PJE SSDI-SFA30PJE Datasheet
283Kb / 2P
   6 AMP 100-300 VOLTS 40 nsec HYPER FAST POSITIVE CENTERTAP RECTIFIER
logo
Cornell Dubilier Electr...
SFA30S10L288K-F CDE-SFA30S10L288K-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
SFA30S10L288L-F CDE-SFA30S10L288L-F Datasheet
268Kb / 4P
   Lighting Capacitors, 90 ?C Rated, Oil Filled
More results

Similar Description - SFA37S3K156B-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
PDA37U205M24 CDE-PDA37U205M24 Datasheet
393Kb / 2P
   Leak-Free Motor Run and Power Supply Capacitors
KTSM66U186M3E CDE-KTSM66U186M3E Datasheet
95Kb / 4P
   Type SM Motor-Run and Power Supply Capacitors
6.004
logo
Kemet Corporation
C878BF34300AA4J KEMET-C878BF34300AA4J Datasheet
400Kb / 10P
   Motor Run Capacitors
logo
TDK Electronics
B32329 TDK-B32329_16 Datasheet
128Kb / 8P
   Motor run capacitors
B32328 TDK-B32328_16 Datasheet
128Kb / 8P
   Motor run capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
   AC Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com