Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDLSD224V5R5C Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # EDLSD224V5R5C
Description  Electric Double Layer Supercapacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

EDLSD224V5R5C Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  EDLSD224V5R5C Datasheet HTML 1Page - Cornell Dubilier Electronics EDLSD224V5R5C Datasheet HTML 2Page - Cornell Dubilier Electronics EDLSD224V5R5C Datasheet HTML 3Page - Cornell Dubilier Electronics EDLSD224V5R5C Datasheet HTML 4Page - Cornell Dubilier Electronics EDLSD224V5R5C Datasheet HTML 5Page - Cornell Dubilier Electronics EDLSD224V5R5C Datasheet HTML 6Page - Cornell Dubilier Electronics EDLSD224V5R5C Datasheet HTML 7Page - Cornell Dubilier Electronics EDLSD224V5R5C Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type EDL Electric Double Layer Supercapacitors
How to Select an Electric Double Layer Supercapacitor
Series
Maximum Operating (Discharge) Current
0.047 F
0.1 F to 0.33 F
0.47 F to 1.5 F
3.3 F to 4.7 F
10 F to 50 F
SG, SD, NF
200 µA
300 µA
1 mA
F
200 µA
300 µA
300 µA
EN
10 µA
HW
100 mA
300 mA
1 A
Estimated initial back-up time
Back-up time for Type EDL Electric Double Layer Supercapacitors decreases with use and over time
especially when the current is large or operating at high temperature. Be sure to specify extra back-up
time initially to allow for product changes.
Select the optimum supercapacitor according to applied current.
The internal resistance of the supercapacitor prevents drawing high discharge currents. Select the
supercapacitor capable of delivering the peak current at switchover to back-up mode using the follow-
ing table.
Back-up Time Example
Back-up time is the time it takes for the applied voltage to decay to the cut-off voltage set by the user
after applying the application’s maximum voltage at application maximum temperature.
Example: An F Type EDL, P/N EDLF105B5R5C (Rated at 5.5 V, 1.0 F) is charged to 5.0 Vdc. The circuit
requirement is such that it must maintain a memory circuit with a current drain of 10 µA in an ambient
temperature of +40 ºC. The memory RTC cut-off voltage is 2.0 Vdc.
Using minimum capacitance, calculate the back-up time as
follows:
t = CΔV ⁄ I = C[V
0–(iR)–V1] ⁄ (i+iL)
C = 1.0 F–20% = 0.8 F, R=50 Ω, V
0=5 V. V1=2 V, i=10 µA
Therefore,
t = 0.8 (5–0.0005–2) ⁄ (10+2) ⁄ 10–6 = 55 hours
And thus the initial back-up time is 55 hours. After 1000 hours,
t: Back-up time (s)
C: Capacitance of Type EDL (F)
V
0: Applied voltage (V)
V
1: Cut-off voltage (V)
i: Current during back-up (A)
i
L: Leakage current (A)
R: Internal resistance (Ω) at 1 kHz
Life Design for Electric Double Layer Supercapacitors
Type EDL supercapacitors have a useful lifetime that decreases with increasing operating temperature,
humidity, applied-voltage, current and backup-time requirements.
Expected lifetime is the product of four factors:
Expected Life = (Lifetime)•(Temperature Factor)•(Voltage Factor)•(Moisture Factor)


Similar Part No. - EDLSD224V5R5C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDLSD224V5R5C CDE-EDLSD224V5R5C Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
More results

Similar Description - EDLSD224V5R5C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
EDLC381420-501-2F-70 TDK-EDLC381420-501-2F-70 Datasheet
98Kb / 1P
   Electric Double-Layer Capacitors (EDLC / Supercapacitors)
EDLC302520-501-2F-11 TDK-EDLC302520-501-2F-11 Datasheet
126Kb / 1P
   Electric Double-Layer Capacitors (EDLC / Supercapacitors)
logo
Nichicon corporation
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com