Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN221M063ST Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SN221M063ST
Description  85 쨘C Non-Polar Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SN221M063ST Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SN221M063ST Datasheet HTML 1Page - Cornell Dubilier Electronics SN221M063ST Datasheet HTML 2Page - Cornell Dubilier Electronics SN221M063ST Datasheet HTML 3Page - Cornell Dubilier Electronics SN221M063ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SN 85 ºC Non-Polar Aluminum Electorlytic Capacitors
Part Numbering System
SN
100
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SN
1R0 = 1
M = ±20
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 WVNP (8 VNP Surge)
33
SN330M6R3ST
9.65
63
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SN470M6R3ST
6.78
84
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
100
SN101M6R3ST
3.18
140
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
220
SN221M6R3ST
1.45
235
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
330
SN331M6R3ST
0.97
310
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
470
SN471M6R3ST
0.68
400
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SN102M6R3ST
0.32
690
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
2200
SN222M6R3ST
0.16
1250
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
10 WVNP (13 VNP Surge)
10
SN100M010ST
26.54
42
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SN220M010ST
12.06
57
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SN330M010ST
8.04
77
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SN470M010ST
5.65
93
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
100
SN101M010ST
2.65
193
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
220
SN221M010ST
1.21
255
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
330
SN331M010ST
0.80
380
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
470
SN471M010ST
0.56
470
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SN102M010ST
0.27
885
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
2200
SN222M010ST
0.13
1450
.630 (16.0) 1.42 (36.0)
.295 (7.5)
.0315 (0.8)
16 WVNP (20 VNP Surge)
10
SN100M016ST
22.56
42
.236 (6.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SN220M016ST
10.25
69
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
33
SN330M016ST
6.84
98
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
47
SN470M016ST
4.80
115
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
100
SN101M016ST
2.26
205
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
220
SN221M016ST
1.03
330
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
330
SN331M016ST
0.68
445
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
470
SN471M016ST
0.48
570
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
1000
SN102M016ST
0.23
1020
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
Ratings
RoHS Compliant


Similar Part No. - SN221M063ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SN221M063ST CDE-SN221M063ST Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
More results

Similar Description - SN221M063ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SS220M6R3ST CDE-SS220M6R3ST Datasheet
405Kb / 3P
   85 쨘C Sub-Miniature Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
   NON−POLAR ALUMINUM ELECTROLYTIC
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com