Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIL05-2A72-15DHR Datasheet(PDF) 1 Page - Meder Electronic

Part # DIL05-2A72-15DHR
Description  Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIL05-2A72-15DHR Datasheet(HTML) 1 Page - Meder Electronic

  DIL05-2A72-15DHR Datasheet HTML 1Page - Meder Electronic DIL05-2A72-15DHR Datasheet HTML 2Page - Meder Electronic DIL05-2A72-15DHR Datasheet HTML 3Page - Meder Electronic DIL05-2A72-15DHR Datasheet HTML 4Page - Meder Electronic DIL05-2A72-15DHR Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
134
MEDER electronic
www.meder.com
DESCRIPTION
Several pin out options are possible with the 14
pin DIL series. Suitable for telecommunication
applications where breakdown voltages up to 4.25
kVDC is required.
Compatible with DIL socket
Coil resistance up to 11 kΩ
Diode option
CHARACTERISTICS
DIL Series
DIMENSIONS
All dimensions in mm [inches]
ORDER INFORMATION
Part Number Example
DIL12 - 1A72 - 10LHR
12 is the nominal voltage
1A is the contact form
72 is the switch model
13 is the pin out
L is the option
HR is the high resistance version
FEATURES
2 Form C available
High resistance available
2 Form A switches available
Magnetic shield available
4.25 kVDC breakdown voltage available
High power switching available
Series
Nominal
Voltage
Contact
Form
Switch
Model
Pin Out
Option
() Version with
magnetic Shield
Version
DIL
XX -
XX
XX -
XX
X
XX
Options
05, 12, 24
1A
66, 72, 75
13*,15
L(M),D(Q),E(R)t,
F(S)tt
HR, L
2A
66, 72, 75
21
L
05, 12
1C
90
51*
HR, L
05, 12, 24
2C
90
62, 63
L
* When HR is selected, 24 V coil is not available.
L = No Option.
t
Not available with Pin out 62, 63.
Sealed DIL Version w/ up to 4.25
kVDC Breakdown Voltage Option


Similar Part No. - DIL05-2A72-15DHR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL05-2A71-20D MEDER-DIL05-2A71-20D Datasheet
97Kb / 2P
   DIL Reed Relay
DIL05-2A71-20D_DE MEDER-DIL05-2A71-20D_DE Datasheet
114Kb / 2P
   (deutsch) DIL Reed Relay
DIL05-2A71-21M MEDER-DIL05-2A71-21M Datasheet
97Kb / 2P
   DIL Reed Relays
DIL05-2A71-21M MEDER-DIL05-2A71-21M Datasheet
83Kb / 2P
   DIL Reed Relay
DIL05-2A71-21M_DE MEDER-DIL05-2A71-21M_DE Datasheet
100Kb / 2P
   (deutsch) DIL Reed Relay
More results

Similar Description - DIL05-2A72-15DHR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
logo
E-CMOS Corporation
5KP E-CMOS-5KP Datasheet
372Kb / 5P
   Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
Vishay Siliconix
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
660R VISHAY-660R Datasheet
89Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
logo
Shenzhen Luguang Electr...
1N6267 LUGUANG-1N6267 Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com