Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21E15AB Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # 21E15AB
Description  crystal filter that supports surface mounting.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

21E15AB Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  21E15AB Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Filter
2 Pole MCF
(Surface-mount Type)
cf12_071102_NM7050SA_e1
Model
Number of poles
Nominal frequency
3dB Passband width
Stop bandwidth
Ripple
Insertion loss
(insertion attenuation)
Guaranteed attenuation
Spurious characteristics
Terminating impedance
Operating temperature range
Package type
Code for placing an order
21E7.5AD
2
21.4MHz
±3.75kHz min.
±12.5 kHz max.
at 15 dB
1dB max.
2dB max.
60 dB min.
at –910 kHz
15 dB min.
1500Ω//5pF
–20 to +70°C
NM7050SA
21E7.5AD-21.4M-
MN15-358
21E15AB
2
21.4MHz
±7.5kHz min.
±25 kHz max.
at 15 dB
1dB max.
1.5dB max.
60 dB min.
at –910 kHz
15 dB min.
1500Ω//1pF
–20 to +70°C
NM7050SA
21E15AB-21.4M-
MN15-211
21E30AD
2
21.4MHz
±15kHz min.
±50 kHz max.
at 15 dB
1.5dB max.
1.5dB max.
50 dB min.
at –910 kHz
15 dB min.
2500Ω//1.2pF
–20 to +70°C
NM7050SA
21E30AD-21.4M-
MN15-359
21E7.5A
2
21.7MHz
±3.75kHz min.
±12.5 kHz max.
at 15 dB
1dB max.
2dB max.
60 dB min.
at –910 kHz
15 dB min.
850Ω//6pF
–20 to +70°C
NM7050SA
21E7.5A-21.7M-
MN15-366
21E15AA
2
21.7MHz
±7.5kHz min.
±25 kHz max.
at 15 dB
1dB max.
1.5dB max.
60 dB min.
at –910 kHz
15 dB min.
1500Ω//1pF
–20 to +70°C
NM7050SA
21E15AA-21.7M-
MN15-209
21E30AF
2
21.7MHz
±15kHz min.
±50 kHz max.
at 15 dB
1.5dB max.
1.5dB max.
50 dB min.
at –910 kHz
15 dB min.
2000Ω//1.2pF
–20 to +70°C
NM7050SA
21E30AF-21.7M-
MN15-365
Model
Number of poles
Nominal frequency
3dB Passband width
Stop bandwidth
Ripple
Insertion loss
(insertion attenuation)
Guaranteed attenuation
Spurious characteristics
Terminating impedance
Operating temperature range
Package type
Code for placing an order
45E7.5AB
2
45MHz
±3.75kHz min.
±25 kHz max.
at 20 dB
1dB max.
2dB max.
60 dB min.
at –910 kHz
10 dB min.
200Ω//4pF
–20 to +70°C
NM7050SA
45E7.5AB-45M-
MN15-367
45E15A
2
45MHz
±7.5kHz min.
±25 kHz max.
at 13 dB
1dB max.
3dB max.
70 dB min.
at –910 kHz
10 dB min.
1000Ω//4pF
–30 to +70°C
NM7050SA
45E15A-45M-
MN15-297
45E30AN
2
45MHz
±15kHz min.
±60 kHz max.
at 20 dB
1dB max.
2dB max.
60 dB min.
at –910 kHz
5 dB min.
650Ω//1.5pF
–20 to +70°C
NM7050SA
45E30AN-45M-
MN15-369
90E9A
2
90MHz
±4kHz min.
±50 kHz max.
at 25 dB
0.5dB max.
5dB max.
70 dB min.
at –910 kHz
20 dB min.
200Ω//8pF
–20 to +70°C
NM7050SA
90E9A-90M-
MN15-226
mm
NM7050SA
7.0±0.2
1.35±0.15
2
5
4
1
3
6
61.2
62.2
6.0
PAD No
1
2
3
4
5
6
PAD CONNECTION
GND
GND
OUTPUT
GND
GND
INPUT
Reference land pattern
Pb
Free
n Features
This is a crystal filter that supports surface mounting. Adoption of a ceramic container
has enabled the dimensions of the filter to be 7 x 5 x 1.35 mm. Supports a wide
frequency range.
l Supports IR reflow and VSP.
(Contact us for information on the temperature profile.)
l Supports surface mounting. (Packed with embossed tape)
l Excellent heat- and shock-resistance.
l Good guaranteed attenuation.
l Frequency range Fundamental: 20 to 100 MHz, Overtone: 45 to 150 MHz
l Also supports 3-pole MCF.
n Specifications
n Dimensions


Similar Part No. - 21E15AB

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
21E15AB NDK-21E15AB Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
21E15AB NDK-21E15AB Datasheet
952Kb / 2P
   2 Pole SMD MCF
More results

Similar Description - 21E15AB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
ASCF21UB ABRACON-ASCF21UB Datasheet
146Kb / 1P
   SURFACE MOUNT CRYSTAL FILTER
logo
Raltron Electronics Cor...
F13 RALTRON-F13 Datasheet
30Kb / 1P
   SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
F10 RALTRON-F10 Datasheet
27Kb / 1P
   SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
Lite-On Technology Corp...
LTV-354T LITEON-LTV-354T Datasheet
316Kb / 9P
   Hybrid substrates that require high density mounting
logo
Vectron International, ...
QF1.4-0030-08 VECTRON-QF1.4-0030-08 Datasheet
41Kb / 1P
   Crystal filter
QF21.4-12000 VECTRON-QF21.4-12000 Datasheet
76Kb / 1P
   Crystal filter
QF2.5-U0290 VECTRON-QF2.5-U0290 Datasheet
73Kb / 1P
   Crystal filter
logo
Shoulder Electronics Li...
UM-1-45M SHOULDER-UM-1-45M Datasheet
82Kb / 2P
   CRYSTAL FILTER
logo
List of Unclassifed Man...
ATFN6036A ETC1-ATFN6036A Datasheet
73Kb / 2P
   Crystal Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com