Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGS313U025R2L Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CGS313U025R2L
Description  High-Cap Screw Terminal Aluminum Electrolytic Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGS313U025R2L Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CGS313U025R2L Datasheet HTML 1Page - Cornell Dubilier Electronics CGS313U025R2L Datasheet HTML 2Page - Cornell Dubilier Electronics CGS313U025R2L Datasheet HTML 3Page - Cornell Dubilier Electronics CGS313U025R2L Datasheet HTML 4Page - Cornell Dubilier Electronics CGS313U025R2L Datasheet HTML 5Page - Cornell Dubilier Electronics CGS313U025R2L Datasheet HTML 6Page - Cornell Dubilier Electronics CGS313U025R2L Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGS High-Cap Screw Terminal Aluminum Electrolytic Capacitor
High CV, Screw Terminal Capacitors Type CGS screw terminal, aluminum electrolytic ca-
pacitors have a high CV rating and are suitable for use
in most demanding applications requiring high current
filtering or energy storage.
Highlights
High CV rating
High current filtering
Screw terminal
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature:
Ripple Current Multipliers:
75 to 1,500,000 µF
6.3 to 500 WVdc
–10% +75% (6.3 - 150 WVdc)
–10% +50% (200 - 450 WVdc)
–40 ºC to +85 ºC
Ambient Temperature
+45 ºC
+55 ºC
+65 ºC
+75 ºC
+85 ºC
2.24
2.00
1.73
1.41
1.00
Rated
Ripple Multiplier
Voltage
60 Hz
120 Hz 300 Hz 1000 Hz 10 kHz
16 to 150
0.9
1.0
1.15
1.25
1.30
200 to 500
0.9
1.0
1.25
1.40
1.50
DC Leakage Current:
QA Stability Test:
I = .006 √ CV
Not to exceed 6.0 mA max. after 5 minutes
C = Capacitance in µF
V = Rated Voltage
I = Leakage current in mA
Apply WVdc for 2000 h @ 85 ºC
Capacitance change ± 10% from initial limits
DC leakage current: 200% of limit
ESR: 175% of limit
Typical Performance Curves
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).
Click here to see: Hardware & Mounting
Options
Click here to see: Mechanical Details


Similar Part No. - CGS313U025R2L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CGS313U025R2L ETC1-CGS313U025R2L Datasheet
1Mb / 7P
   Computer Grade Aluminum Electrolytic Capacitor
logo
Cornell Dubilier Electr...
CGS313U025R2L CDE-CGS313U025R2L Datasheet
824Kb / 8P
   High-Cap Screw Terminal Aluminum Electrolytic Capacitor
More results

Similar Description - CGS313U025R2L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGS733U6R3R2L CDE-CGS733U6R3R2L Datasheet
488Kb / 8P
   High-Cap Screw Terminal Aluminum Electrolytic Capacitor
CGS CDE-CGS_17 Datasheet
824Kb / 8P
   High-Cap Screw Terminal Aluminum Electrolytic Capacitor
CG CDE-CG Datasheet
1Mb / 3P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com