Selected language     English  ā–¼


AT89LV55_01 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. AT89LV55_01
Description  8-bit Microcontroller with 20K Bytes Flash
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 5 page
background image
AT89LV55
5
Table 1. AT89LV55 SFR Map and Reset Values
0F8H
0FFH
0F0H
B
00000000
0F7H
0E8H
0EFH
0E0H
ACC
00000000
0E7H
0D8H
0DFH
0D0H
PSW
00000000
0D7H
0C8H
T2CON
00000000
T2MOD
XXXXXX00
RCAP2L
00000000
RCAP2H
00000000
TL2
00000000
TH2
00000000
0CFH
0C0H
0C7H
0B8H
IP
XX000000
0BFH
0B0H
P3
11111111
0B7H
0A8H
IE
0X000000
0AFH
0A0H
P2
11111111
0A7H
98H
SCON
00000000
SBUF
XXXXXXXX
9FH
90H
P1
11111111
97H
88H
TCON
00000000
TMOD
00000000
TL0
00000000
TL1
00000000
TH0
00000000
TH1
00000000
8FH
80H
P0
11111111
SP
00000111
DPL
00000000
DPH
00000000
PCON
0XXX0000
87H




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT89LV55_068-bit Microcontroller with 20K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation
AT89C55WD_058-bit Microcontroller with 20K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation
AT89C55WD_028-bit Microcontroller with 20K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY13V_078-bit Microcontroller with 1K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89C51_008-bit Microcontroller with 4K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY26_068-bit Microcontroller with 2K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY25_06128-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA888-bit Microcontroller with 8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY26_078-bit Microcontroller with 2K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl