Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR13G225K Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # CSR13G225K
Description  Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CSR13G225K Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  CSR13G225K Datasheet HTML 1Page - Cornell Dubilier Electronics CSR13G225K Datasheet HTML 2Page - Cornell Dubilier Electronics CSR13G225K Datasheet HTML 3Page - Cornell Dubilier Electronics CSR13G225K Datasheet HTML 4Page - Cornell Dubilier Electronics CSR13G225K Datasheet HTML 5Page - Cornell Dubilier Electronics CSR13G225K Datasheet HTML 6Page - Cornell Dubilier Electronics CSR13G225K Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CSR13 (MIL-C-39003/01) Solid Tantalum Capacitors
* Failure rate level indicator
(M, P, R, S)
Ratings
MIL-C-39003/1 (CSR 13) Dash Numbers
Max.
Exponential Failure Rate
Weibull Failure Rate
Max
DF
(% per 1000 hours)
(% per 1000 hours)
Catalog
Cap
Case
DCL
@ +25 ºC
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap
Part Number Tolerance Code @ +25 ºC 120 Hz
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
6 WVdc @ +85 ºC — 4 WVdc @ +125 ºC
5.6
CSR13B565K*
10
A
0.3
4
2241
2481
2721
2961
6002
7002
8002
6.8
CSR13B685K*
10
A
0.3
6
2242
2482
2722
2962
6004
7004
8004
6.8
CSR13B685M*
20
A
0.3
6
2243
2483
2723
2963
6005
7005
8005
47
CSR13B476K*
10
B
1.5
6
2244
2484
2724
2964
6007
7007
8007
47
CSR13B476M*
20
B
1.5
6
2245
2485
2725
2965
6008
7008
8008
56
CSR13B566K*
10
B
1.5
6
2246
2486
2726
2966
6010
7010
8010
150
CSR13B157K*
10
C
4.5
6
2247
2487
2727
2967
6012
7012
8012
150
CSR13B157M*
20
C
4.5
6
2248
2488
2728
2968
6013
7013
8013
180
CSR13B187K*
10
C
5.5
6
2249
2489
2729
2969
6015
7015
8015
270
CSR13B277K*
10
D
6.0
8
2250
2490
2730
2970
6017
7017
8017
330
CSR13B337K*
10
D
7.5
8
2251
2491
2731
2971
6019
7019
8019
330
CSR13B337M*
20
D
7.5
8
2252
2492
2732
2972
6020
7020
8020
10 WVdc @ +85 ºC — 7 WVdc @ +125 ºC
3.9
CSR13C395K*
10
A
0.3
4
2253
2493
2733
2973
6022
7022
8022
4.7
CSR13C475K*
10
A
0.4
4
2254
2494
2734
2974
6024
7024
8024
4.7
CSR13C475M*
20
A
0.4
4
2255
2495
2735
2975
6025
7025
8025
27
CSR13C276K*
10
B
2.0
6
2256
2496
2736
2976
6027
7027
8027
33
CSR13C336K*
10
B
2.0
6
2257
2497
2737
2977
6029
7029
8029
33
CSR13C336M*
20
B
2.0
6
2258
2498
2738
2978
6030
7030
8030
39
CSR13C396K*
10
B
2.0
6
2259
2499
2739
2979
6032
7032
8032
82
CSR13C826K*
10
C
3.0
6
2260
2500
2740
2980
6034
7034
8034
100
CSR13C107K*
10
C
5.0
6
2261
2501
2741
2981
6036
7036
8036
100
CSR13C107M*
20
C
5.0
6
2262
2502
2742
2982
6037
7037
8037
120
CSR13C127K*
10
C
6.0
6
2263
2503
2743
2983
6039
7039
8039
180
CSR13C187K*
10
D
9.0
6
2264
2504
2744
2984
6041
7041
8041
220
CSR13C227K*
10
D
10.0
8
2265
2505
2745
2985
6043
7043
8043
220
CSR13C227M*
20
D
10.0
8
2266
2506
2746
2986
6044
7044
8044
15 WVdc @ +85 ºC — 10 WVdc @ +125 ºC
2.7
CSR13D275K*
10
A
0.3
4
2267
2507
2747
2987
6046
7046
8046
3.3
CSR13D335K*
10
A
0.4
4
2268
2508
2748
2988
6048
7048
8048
3.3
CSR13D335M*
20
A
0.4
4
2269
2509
2749
2989
6049
7049
8049
18
CSR13D186K*
10
B
2.0
6
2270
2510
2750
2990
6051
7051
8051
22
CSR13D226K*
10
B
2.0
6
2271
2511
2751
2991
6053
7053
8053
22
CSR13D226M*
20
B
2.0
6.0
2272
2512
2752
2992
6054
7054
8054
56
CSR13D566K*
10
C
4.0
6.0
2273
2513
2753
2993
6056
7056
8056
68
CSR13D686K*
10
C
5.0
6.0
2274
2514
2754
2994
6058
7058
8058
68
CSR13D686M*
20
C
5.0
6.0
2275
2515
2755
2995
6059
7059
8059
120
CSR13D127K*
10
D
6.0
6.0
2276
2516
2756
2996
6061
7061
8061
150
CSR13D157K*
10
D
8.0
6.0
2277
2517
2757
2997
6063
7063
8063
150
CSR13D157M*
20
D
8.0
6.0
2278
2518
2758
2998
6064
7064
8064
MIL-C-39003/1 (CSR13) Dash Numbers
Max.
Exponential Failure Rate
Weibull Failure Rate
Max
DF
(% per 1000 hours)
(% per 1000 hours)
Catalog
Cap
Case
DCL
@ +25 ºC
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap
Part Number
Tol. ±
Code
@ +25 ºC 120 Hz
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
20 WVdc @ +85 ºC — 13 WVdc @ +125 ºC
1.2
CSR13E125K*
10
A
0.3
6
2279
2519
2759
2999
6066
7066
8066
1.5
CSR13E155K*
10
A
0.3
6
2280
2520
2760
3000
6068
7068
8068
1.5
CSR13E155M*
20
A
0.3
6
2281
2521
2761
3001
6069
7069
8069
1.8
CSR13E185K*
10
A
0.3
6
2282
2522
2762
3002
6071
7071
8071
2.2
CSR13E225K*
10
A
0.4
6
2283
2523
2763
3003
6073
7073
8073
2.2
CSR13E225M*
20
A
0.4
6
2284
2524
2764
3004
6074
7074
8074
8.2
CSR13E825K*
10
B
1.0
6
2285
2525
2765
3005
6076
7076
8076
10
CSR13E106K*
10
B
1.0
6
2286
2526
2766
3006
6078
7078
8078
10
CSR13E106M*
20
B
1.0
6
2287
2527
2767
3007
6079
7079
8079
12
CSR13E126K*
10
B
1.0
6
2288
2528
2768
3008
6081
7081
8081
15
CSR13E156K*
10
B
2.0
6
2289
2529
2769
3009
6083
7083
8083
15
CSR13E156M*
20
B
2.0
6
2290
2530
2770
3010
6084
7084
8084
27
CSR13E276K*
10
C
2.5
6
2291
2531
2771
3011
6086
7086
8086
33
CSR13E336K*
10
C
3.0
6
2292
2532
2772
3012
6088
7088
8088
33
CSR13E336M*
20
C
3.0
6
2293
2533
2773
3013
6089
7089
8089
39
CSR13E396K*
10
C
3.0
6
2294
2534
2774
3014
6091
7091
8091
47
CSR13E476K*
10
C
4.5
6
2295
2535
2775
3015
6093
7093
8093
47
CSR13E476M*
20
C
4.5
6
2296
2536
2776
3016
6094
7094
8094
56
CSR13E566K*
10
D
5.5
6
2297
2537
2777
3017
6096
7096
8096
68
CSR13E686K*
10
D
6.0
6
2298
2538
2778
3018
6098
7098
8098
68
CSR13E686M*
20
D
6.0
6
2299
2539
2779
3019
6099
7099
8099
82
CSR13E826K*
10
D
6.0
6
2300
2540
2780
3020
6101
7101
8101
100
CSR13E107K*
10
D
10.0
6
2301
2541
2781
3021
6103
7103
8103
100
CSR13E107M*
20
D
10.0
6
2302
2542
2782
3022
6104
7104
8104
35 WVdc @ +85 ºC — 23 WVdc @ +125 ºC
5.6
CSR13F565K*
10
B
1.0
4
2303
2543
2783
3023
6106
7106
8106
6.8
CSR13F685K*
10
B
1.5
4
2304
2544
2784
3024
6108
7108
8108
6.8
CSR13F685M*
20
B
1.5
4
2305
2545
2785
3025
6109
7109
8109
22.0
CSR13F226K*
10
C
4.0
4
2306
2546
2786
3026
6111
7111
8111
22.0
CSR13F226M*
20
C
4.0
4
2307
2547
2787
3027
6112
7112
8112
27.0
CSR13F276K*
10
D
4.5
4
2308
2548
2788
3028
6114
7114
8114
33.0
CSR13F336K*
10
D
5.5
4
2309
2549
2789
3029
6116
7116
8116
33.0
CSR13F336M*
20
D
5.5
4
2310
2550
2790
3030
6117
7117
8117
39.0
CSR13F396K*
10
D
6.0
4
2311
2551
2791
3031
6119
7119
8119
47.0
CSR13F476K*
10
D
6.0
4
2312
2552
2792
3032
6121
7121
8121
47.0
CSR13F476M*
20
D
8.0
4
2313
2553
2793
3033
6122
7122
8122
50 WVdc @ +85 ºC — 33 WVdc @ +125 ºC
0.0047 CSR13G472K*
10
A
0.1
2
2314
2554
2794
3034
6124
7124
8124
0.0047 CSR13G472M*
20
A
0.1
2
2315
2555
2795
3035
6125
7125
8125
0.0056 CSR13G562K*
10
A
0.1
2
2316
2556
2796
3036
6127
7127
8127


Similar Part No. - CSR13G225K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSR13B553JA KEMET-CSR13B553JA Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JB KEMET-CSR13B553JB Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JC KEMET-CSR13B553JC Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JD KEMET-CSR13B553JD Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
CSR13B553JM KEMET-CSR13B553JM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
More results

Similar Description - CSR13G225K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com