Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500C714U025DG2D Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 500C714U025DG2D
Description  Long-Life, Screw Terminal, Aluminum Electrolytic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C714U025DG2D Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

Back Button 500C714U025DG2D Datasheet HTML 2Page - Cornell Dubilier Electronics 500C714U025DG2D Datasheet HTML 3Page - Cornell Dubilier Electronics 500C714U025DG2D Datasheet HTML 4Page - Cornell Dubilier Electronics 500C714U025DG2D Datasheet HTML 5Page - Cornell Dubilier Electronics 500C714U025DG2D Datasheet HTML 6Page - Cornell Dubilier Electronics 500C714U025DG2D Datasheet HTML 7Page - Cornell Dubilier Electronics 500C714U025DG2D Datasheet HTML 8Page - Cornell Dubilier Electronics 500C714U025DG2D Datasheet HTML 9Page - Cornell Dubilier Electronics 500C714U025DG2D Datasheet HTML 10Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 500C 95 °C Long-Life, Screw Terminal, Aluminum Electrolytic
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
51000
500C513U025AC2B
16.3
11.30
1 3/8 x 4 1/8
32000
500C323U035AC2B
18.7
10.50
1 3/8 x 4 1/8
53000
500C533U025BH2B
16.5
12.00
2 x 2 5/8
33000
500C333U035BH2B
20.1
10.80
2 x 2 5/8
54000
500C543U025EB2B
15.2
12.20
1 3/4 x 3 1/8
34000
500C343U035EB2B
15.5
12.10
1 3/4 x 3 1/8
60000
500C603U025AD2B
15.4
12.10
1 3/8 x 4 5/8
37000
500C373U035AD2B
16.7
11.60
1 3/8 x 4 5/8
69000
500C693U025AE2B
14.4
13.00
1 3/8 x 5 1/8
42000
500C423U035AE2B
14.8
12.90
1 3/8 x 5 1/8
69000
500C693U025BB2B
12.2
14.80
2 x 3 1/8
43000
500C433U035EJ2B
13.2
13.80
1 3/4 x 3 5/8
70000
500C703U025EJ2B
12.8
14.10
1 3/4 x 3 5/8
43000
500C433U035BB2B
15.9
13.00
2 x 3 1/8
77000
500C773U025AF2B
13.4
14.00
1 3/8 x 5 5/8
48000
500C483U035AF2B
13.5
14.00
1 3/8 x 5 5/8
82000
500C823U025CH2B
9.5
18.10
2 1/2 x 2 5/8
51000
500C513U035CH2B
14.8
14.50
2 1/2 x 2 5/8
86000
500C863U025EC2B
11.2
15.70
1 3/4 x 4 1/8
53000
500C533U035EC2B
11.8
15.30
1 3/4 x 4 1/8
89000
500C893U025BJ2B
9.8
17.40
2 x 3 5/8
55000
500C553U035BJ2B
13.2
15.00
2 x 3 5/8
100000
500C104U025ED2B
10.2
17.10
1 3/4 x 4 5/8
62000
500C623U035ED2B
10.6
16.80
1 3/4 x 4 5/8
110000
500C114U025BC2B
8.3
19.70
2 x 4 1/8
67000
500C673U035BC2B
11.6
16.70
2 x 4 1/8
110000
500C114U025CB2B
7.6
21.50
2 1/2 x 3 1/8
71000
500C713U035CB2B
11.5
17.50
2 1/2 x 3 1/8
120000
500C124U025EE2B
9.6
18.40
1 3/4 x 5 1/8
72000
500C723U035EE2B
9.8
18.20
1 3/4 x 5 1/8
130000
500C134U025EF2B
9.1
19.50
1 3/4 x 5 5/8
80000
500C803U035BD2B
10.5
18.20
2 x 4 5/8
130000
500C134U025BD2B
7.3
21.90
2 x 4 5/8
82000
500C823U035EF2B
9.4
19.20
1 3/4 x 5 5/8
150000
500C154U025BE2B
6.6
23.90
2 x 5 1/8
91000
500C913U035CJ2B
9.4
20.30
2 1/2 x 3 5/8
150000
500C154U025CJ2B
6.4
24.60
2 1/2 x 3 5/8
92000
500C923U035BE2B
9.8
19.50
2 x 5 1/8
170000
500C174U025BF2B
6.1
25.70
2 x 5 5/8
100000
500C104U035BF2B
9.4
20.70
2 x 5 5/8
170000
500C174U025DB2B
5.0
29.70
3 x 3 1/8
110000
500C114U035CC2B
8.2
22.60
2 1/2 x 4 1/8
180000
500C184U025CC2B
5.8
27.00
2 1/2 x 4 1/8
110000
500C114U035DB2B
6.9
25.30
3 x 3 1/8
210000
500C214U025CD2B
5.2
29.50
2 1/2 x 4 5/8
130000
500C134U035CD2B
7.4
24.80
2 1/2 x 4 5/8
220000
500C224U025DJ2D
4.3
31.10
3 x 3 5/8
140000
500C144U035DJ2B
5.7
29.10
3 x 3 5/8
250000
500C254U025CE2D
5.0
33.60
2 1/2 x 5 1/8
150000
500C154U035CE2B
6.8
26.80
2 1/2 x 5 1/8
270000
500C274U025DC2D
3.9
36.90
3 x 4 1/8
170000
500C174U035CF2B
6.1
29.20
2 1/2 x 5 5/8
280000
500C284U025CF2D
4.6
33.70
2 1/2 x 5 5/8
170000
500C174U035DC2D
5.2
32.00
3 x 4 1/8
320000
500C324U025DD2D
3.5
40.00
3 x 4 5/8
200000
500C204U035DD2D
4.7
34.80
3 x 4 5/8
370000
500C374U025DE2D
3.3
42.70
3 x 5 1/8
230000
500C234U035DE2D
4.4
37.20
3 x 5 1/8
390000
500C394U025FC2D
3.8
40.90
3 1/2 x 4 1/8
240000
500C244U035FC2D
4.9
36.00
3 1/2 x 4 1/8
420000
500C424U025DF2D
3.2
44.90
3 x 5 5/8
260000
500C264U035DF2D
4.0
39.90
3 x 5 5/8
440000
500C444U025DP2D
3.1
46.50
3 x 5 7/8
270000
500C274U035DP2D
3.9
41.30
3 x 5 7/8
460000
500C464U025FD2D
3.5
44.40
3 1/2 x 4 5/8
280000
500C284U035FD2D
4.5
39.00
3 1/2 x 4 5/8
530000
500C534U025FE2D
3.2
47.40
3 1/2 x 5 1/8
330000
500C334U035FE2D
4.0
42.60
3 1/2 x 5 1/8
600000
500C604U025FF2D
3.1
50.20
3 1/2 x 5 5/8
370000
500C374U035FF2D
3.6
46.00
3 1/2 x 5 5/8
610000
500C614U025DN2D
3.1
50.20
3 x 7 5/8
380000
500C384U035DN2D
3.8
45.30
3 x 7 5/8
630000
500C634U025FP2D
2.9
51.80
3 1/2 x 5 7/8
390000
500C394U035FP2D
3.5
47.50
3 1/2 x 5 7/8
710000
500C714U025DG2D
3.0
52.80
3 x 8 5/8
440000
500C444U035DG2D
3.6
48.10
3 x 8 5/8
870000
500C874U025FN2D
3.0
55.60
3 1/2 x 7 5/8
540000
500C544U035FN2D
3.4
52.10
3 1/2 x 7 5/8
1000000 500C105U025FG2D
2.9
58.30
3 1/2 x 8 5/8
630000
500C634U035FG2D
3.3
55.20
3 1/2 x 8 5/8
35 Vdc (40 Vdc Surge)
50 Vdc (65 Vdc Surge)
6600
500C662U035AK2B
41.7
5.00
1 3/8 x 1 5/8
4500
500C452U050AK2B
47.9
4.70
1 3/8 x 1 5/8
11000
500C113U035AA2B
26.7
6.90
1 3/8 x 2 1/8
7600
500C762U050AA2B
30.9
6.40
1 3/8 x 2 1/8
16000
500C163U035AH2B
19.5
8.70
1 3/8 x 2 5/8
11000
500C113U050AH2B
21.8
8.30
1 3/8 x 2 5/8
20000
500C203U035EA2B
22.3
8.80
1 3/4 x 2 1/8
14000
500C143U050AB2B
20.9
9.00
1 3/8 x 3 1/8
21000
500C213U035AB2B
19.4
9.30
1 3/8 x 3 1/8
14000
500C143U050EA2B
22.8
8.70
1 3/4 x 2 1/8
24000
500C243U035EH2B
19.2
10.20
1 3/4 x 2 5/8
16000
500C163U050EH2B
20.2
10.00
1 3/4 x 2 5/8
26000
500C263U035AJ2B
19.7
9.80
1 3/8 x 3 5/8
17000
500C173U050BA2B
25.3
9.00
2 x 2 1/8
26000
500C263U035BA2B
24.5
9.10
2 x 2 1/8
18000
500C183U050AJ2B
17.8
10.30
1 3/8 x 3 5/8


Similar Part No. - 500C714U025DG2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C714U025DG2D CDE-500C714U025DG2D Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C714U025DG2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com