Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9263 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91SAM9263
Description  Thumb Microcontrollers
Download  1029 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91SAM9263 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9263 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1029 page
background image
7
6249B–ATARM–14-Dec-06
AT91SAM9263 Preliminary
EBI0_CFOE
CompactFlash Output Enable
Output
Low
EBI0_CFWE
CompactFlash Write Enable
Output
Low
EBI0_CFIOR
CompactFlash IO Read
Output
Low
EBI0_CFIOW
CompactFlash IO Write
Output
Low
EBI0_CFRNW
CompactFlash Read Not Write
Output
EBI0_CFCS0 - EBI0_CFCS1
CompactFlash Chip Select Lines
Output
Low
NAND Flash Support
EBIx_NANDCS
NAND Flash Chip Select
Output
Low
EBIx_NANDOE
NAND Flash Output Enable
Output
Low
EBIx_NANDWE
NAND Flash Write Enable
Output
Low
SDRAM Controller
EBIx_SDCK
SDRAM Clock
Output
EBIx_SDCKE
SDRAM Clock Enable
Output
High
EBIx_SDCS
SDRAM Controller Chip Select
Output
Low
EBIx_BA0 - EBIx_BA1
Bank Select
Output
EBIx_SDWE
SDRAM Write Enable
Output
Low
EBIx_RAS - EBIx_CAS
Row and Column Signal
Output
Low
EBIx_SDA10
SDRAM Address 10 Line
Output
Multimedia Card Interface
MCIx_CK
Multimedia Card Clock
Output
MCIx_CDA
Multimedia Card Slot A Command
I/O
MCIx_CDB
Multimedia Card Slot B A Command
I/O
MCIx_DA0 - MCIx_DA3
Multimedia Card Slot A Data
I/O
MCIx_DB0 - MCIx_DB3
Multimedia Card Slot B Data
I/O
Universal Synchronous Asynchronous Receiver Transmitter USART
SCKx
USARTx Serial Clock
I/O
TXDx
USARTx Transmit Data
I/O
RXDx
USARTx Receive Data
Input
RTSx
USARTx Request To Send
Output
CTSx
USARTx Clear To Send
Input
Synchronous Serial Controller SSC
TDx
SSCx Transmit Data
Output
RDx
SSCx Receive Data
Input
TKx
SSCx Transmit Clock
I/O
RKx
SSCx Receive Clock
I/O
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91SAM9263

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9263 ATMEL-AT91SAM9263 Datasheet
791Kb / 48P
   AT91 ARM Thumb Microcontrollers
AT91SAM9263 ATMEL-AT91SAM9263 Datasheet
1,012Kb / 51P
   AT91 ARM Thumb Microcontrollers
AT91SAM9263 ATMEL-AT91SAM9263 Datasheet
919Kb / 51P
   AT91 ARM Thumb Microcontrollers
AT91SAM9263 ATMEL-AT91SAM9263 Datasheet
14Mb / 1110P
   AT91 ARM Thumb Microcontrollers
AT91SAM9263-CU ATMEL-AT91SAM9263-CU Datasheet
791Kb / 48P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91SAM9263

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9R64 ATMEL-AT91SAM9R64 Datasheet
13Mb / 911P
   Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260_06 Datasheet
8Mb / 45P
   Thumb Microcontrollers
AT91M55800A ATMEL-AT91M55800A Datasheet
3Mb / 227P
   ARM Thumb Microcontrollers
AT91M43300 ATMEL-AT91M43300 Datasheet
156Kb / 9P
   ARM Thumb Microcontrollers
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
   Thumb-based Microcontrollers
AT91M63200 ATMEL-AT91M63200 Datasheet
244Kb / 12P
   ARM Thumb Microcontrollers
AT91SAM7SE512 ATMEL-AT91SAM7SE512 Datasheet
7Mb / 47P
   Thumb-based Microcontrollers
AT91F40816 ATMEL-AT91F40816 Datasheet
248Kb / 22P
   ARM Thumb Microcontrollers
AT91SAM9G45 ATMEL-AT91SAM9G45_14 Datasheet
377Kb / 10P
   Thumb-based Microcontrollers
AT91FR40161 ATMEL-AT91FR40161 Datasheet
179Kb / 22P
   ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com