Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAA6RO04 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GAA6RO04
Description  AIRTRIM AIR DIELECTRIC MULTITURN TRIMMER CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GAA6RO04 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GAA6RO04 Datasheet HTML 1Page - List of Unclassifed Manufacturers GAA6RO04 Datasheet HTML 2Page - List of Unclassifed Manufacturers GAA6RO04 Datasheet HTML 3Page - List of Unclassifed Manufacturers GAA6RO04 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.120-80
UNS-2A
0.22
5.6
0.26
6.6
0.05
1
0.16
4.1
0.21
5.3
0.28
7.1
0.11
2.8
0.12
3.0
0.16
4.1
0.03
0.8
0.01
0.3
0.02
0.5
0.03
0.8
0.22
5.6
0.40
10
0.16
4.1
0.10
2.5
Round Nut
0.120-80
UNS-2A
0.22
5.6
0.26
6.6
0.073-80
UNS-2A
0.120-80
UNS-2A
Hex Nut
0.16
4.1
0.13
3.3
Round Nut
0.13
3.3
0.15
3.8
0.16
4.1
0.01
0.3
0.24
6.1
0.28
7.1
0.21
5.3
0.10
2.5
0.120-80
UNS-2A
0.25
6.4
0.28
7.1
0.21
5.3
0.01
0.3
0.120-80
UNS-2A
0.21
5.3
0.28
7.1
0.12
3.0
0.16
4.1
0.10
2.5
0.01
0.3
0.120 - 80
UNS -2A
GAA3R501
GAA3R513
GAA3R514
GAA3R503
GAA3R505
DIA
DIA
DIA
Bottom view shown
without nut for clarity
DIA
TYP
TYP
TYP
DIA
DIA
DIA
TYP
TYP
0.02
0.5
DIA
GAA3R501
GAA3R503
GAA3R505
GAA3R512
GAA3R513
GAA3R514
AIRTRIM
® AIR DIELECTRIC MULTITURN TRIMMER CAPACITORS
SG-660B
2
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
GA
A
6R0
Air
Dielectric
Multiturn
PART NUMBERING SYSTEM
Maximum Rated Capacitance —
expressed in pF by three digits. The
first two are significant figures; the
last specifies the number of zeros
that follow. The letter R indicates a
decimal point.
01
Mounting Modifications
01 — Panel mount, turret
02 — Panel mount, lug
03 — Panel mount, threaded stud
04 — PC mount, 3 lugs (1 stator,
2 rotor)
05 — Horizontal surface mount
06 — Vertical mount, turret and
lug (wide single)
07 — Vertical mount, stud and
lug (wide single)
08 — Vertical mount, through
board
0.35–3.5 pF CAPACITANCE RANGE
• Torque: 0.3 to 3.0 oz-in (22 to 216 g-cm)
• Temperature Coefficient: ±30 ppm/ °C
• Self-Resonant Frequency: > 6 GHz at min capacitance
Dimensions are in/mm
Adjust screw slot: 0.060/1.5 x 0.016/0.41
09 — Vertical surface mount
(wide lead)
10 — Vertical turret and lugs
(wide double)
11 — Vertical turret and lugs
(narrow double)
12 — Vertical turret and lug
(narrow single)
13 — PC mount, 2 lugs
14 — Vertical surface mount
(narrow lead)


Similar Part No. - GAA6RO04

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GAAB40L GOOD-ARK-GAAB40L Datasheet
55Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 20 to 24Volts Current 40 Amps
GAAB40M GOOD-ARK-GAAB40M Datasheet
55Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 37 to 41Volts Current 40 Amps
GAAB40Z GOOD-ARK-GAAB40Z Datasheet
55Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 24 to 32Volts Current 40 Amps
GAAB50ZN GOOD-ARK-GAAB50ZN Datasheet
387Kb / 8P
   PRESS FIT AUTOMOTIVE RECTIFIER
GAAB50ZP GOOD-ARK-GAAB50ZP Datasheet
387Kb / 8P
   PRESS FIT AUTOMOTIVE RECTIFIER
More results

Similar Description - GAA6RO04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GKRP10066 ETC2-GKRP10066 Datasheet
550Kb / 12P
   CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-500D ETC2-SG-500D Datasheet
104Kb / 4P
   MICA DIELECTRIC COMPRESSION TRIMMER CAPACITORS
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com