Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLZ1N225 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GLZ1N225
Description  SURFCOIL SMT INDUCTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLZ1N225 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GLZ1N225 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLZ1N225 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLZ1N225 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLZ1N225 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLZ1N225 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLZ1N225 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLZ1N225 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLZ1N225 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLZ1N225 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SURFCOIL
® SMT INDUCTORS
SG-800H
4
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 •TEL: 516-334-8700 •FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
*±5% Inductance tolerance is available for inductance values of 0.033 µH and up.
0.049
± 0.01
1.25
± 0.3
0.039
± 0.004
1.0
± 0.1
0.047
± 0.008
1.2
± 0.2
0.079
2.00
0.049
± 0.008
1.25
± 0.2
0.016
± 0.008
0.40
± 0.2
+ 0.01
_ 0.008
+ 0.3
_ 0.2
0.039 TO 0.047
1.0 TO 1.2
0.20 TO 0.15
3.0 TO 3.8
0.035 TO 0.051
0.9 TO 1.3
PAD LAYOUT
All dimensions are in/mm.
GLX Series Outline Drawing
0.047
± 0.004
1.2
± 0.1
0.079
± 0.008
2.0
± 0.2
0.098
± 0.012
2.5
± 0.3
0.055
± 0.008
1.4
± 0.2
0.055
± 0.004
1.4
± 0.1
0.055
± 0.008
1.4
± 0.2
PAD LAYOUT
MARKING
(inductance & tolerance)
0.063
± 0.008
1.6
± 0.2
0.016
± 0.008
0.4
± 0.2
TYP
TERMINALS APPROX. FLUSH
TO MOUNTING SURFACE
GLW SERIES — HIGH CURRENT MOLDED BOBBIN WOUND 1008 SIZE
Induct-
Standard
SRF
Q/L Test Rated
DCR
ance Inductance
Model
(MHz)
Q
Freq.
Current
(
Ω)
L (µH)
Tolerance
No.
min
min
(MHz)
(mA)
max
1.0
± 20%
GLW1R020
95
10
7.96
475
0.45
1.5
± 20%
GLW1R520
85
10
7.96
435
0.55
2.2
± 20%
GLW2R220
65
10
7.96
390
0.65
3.3
± 20%
GLW3R320
55
8
7.96
340
0.85
4.7
± 20%
GLW4R720
43
8
7.96
285
1.2
6.8
± 10%
GLW6R810
39
8
7.96
275
1.3
10.0
± 10%
GLW10010
32
20
2.52
210
2.2
12.0
± 10%
GLW12010
25
20
2.52
195
2.7
15.0
± 10%
GLW15010
21
20
2.52
175
3.2
22.0
± 10%
GLW22010
18
20
2.52
160
4.0
33.0
± 10%
GLW33010
16
20
2.52
120
6.5
GLU and GLW Series Outline Drawing
All dimensions are in/mm.
100
50
40
30
20
10
10
100
1000
FREQUENCY (MHz)
TYPICAL Q VERSUS FREQUENCY— Non Magnetic GLX Series
Q
0.1
µH
0.47
µH
0.22
µH
39 nH
15 nH
Q
GLX SERIES — HIGH FREQUENCY NONMAGNETIC WIREWOUND 0805 SIZE
Inductance
Standard
SRF
Q/L Test
Rated
DCR
L
Inductance
Model
(MHz)
Q
Frequency
Current
(
Ω)
(µH)
Tolerance*
No.
min
min
(MHz)
(mA)
max
0.010
± 10%
GLX10N10
2500
10
100
540
0.18
0.012
± 10%
GLX12N10
2500
10
100
535
0.23
0.015
± 10%
GLX15N10
2500
12
100
520
0.23
0.018
± 10%
GLX18N10
2000
12
100
480
0.29
0.022
± 10%
GLX22N10
2000
15
100
465
0.29
0.027
± 10%
GLX27N10
1800
15
100
455
0.34
0.033
± 10%
GLX33N10
1500
15
100
395
0.39
0.039
± 10%
GLX39N10
1500
15
100
390
0.40
0.047
± 10%
GLX47N10
1000
15
100
385
0.46
0.056
± 10%
GLX56N10
1000
15
100
360
0.51
0.068
± 10%
GLX68N10
800
15
100
340
0.57
0.082
± 10%
GLX82N10
800
15
100
330
0.62
0.10
± 10%
GLXR1010
800
8
25.2
285
0.86
0.12
± 10%
GLXR1210
600
8
25.2
275
0.99
0.15
± 10%
GLXR1510
600
10
25.2
230
1.47
0.18
± 10%
GLXR1810
600
10
25.2
195
1.61
0.22
± 10%
GLXR2210
500
10
25.2
170
1.83
0.27
± 10%
GLXR2710
300
10
25.2
165
1.95
0.33
± 10%
GLXR3310
200
10
25.2
160
2.16
0.39
± 10%
GLXR3910
150
10
25.2
150
2.37
0.47
± 10%
GLXR4710
150
10
25.2
145
2.56
0.56
± 10%
GLXR5610
100
10
25.2
140
2.69
0.68
± 10%
GLXR6810
100
10
25.2
130
3.02
0.82
± 10%
GLXR8210
80
10
25.2
125
3.38
1.00
± 10%
GLX1R010
80
8
7.96
120
3.87
Carrier and reel specifications on page 12.


Similar Part No. - GLZ1N225

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GLZ10 PANJIT-GLZ10 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Diotech Company.
GLZ10 DIOTECH-GLZ10 Datasheet
1Mb / 4P
   500mW SUFACE MOUNT ZENER DIODE
logo
EIC discrete Semiconduc...
GLZ10A EIC-GLZ10A Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ10A PANJIT-GLZ10A Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ10A FRONTIER-GLZ10A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
More results

Similar Description - GLZ1N225

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com