Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89SND2C-7FTUL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89SND2C-7FTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
Download  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2C-7FTUL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89SND2C-7FTUL Datasheet HTML 3Page - ATMEL Corporation AT89SND2C-7FTUL Datasheet HTML 4Page - ATMEL Corporation AT89SND2C-7FTUL Datasheet HTML 5Page - ATMEL Corporation AT89SND2C-7FTUL Datasheet HTML 6Page - ATMEL Corporation AT89SND2C-7FTUL Datasheet HTML 7Page - ATMEL Corporation AT89SND2C-7FTUL Datasheet HTML 8Page - ATMEL Corporation AT89SND2C-7FTUL Datasheet HTML 9Page - ATMEL Corporation AT89SND2C-7FTUL Datasheet HTML 10Page - ATMEL Corporation AT89SND2C-7FTUL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 235 page
background image
7
AT8xC51SND2C
4341D–MP3–04/05
Table 7. UART Signal Description
Table 8. SPI Controller Signal Description
Table 9. TWI Controller Signal Description
Table 10. Keypad Interface Signal Description
Signal
Name
Type
Description
Alternate
Function
RXD
I/O
Receive Serial Data
RXD sends and receives data in serial I/O mode 0 and receives data in
serial I/O modes 1, 2 and 3.
P3.0
TXD
O
Transmit Serial Data
TXD outputs the shift clock in serial I/O mode 0 and transmits data in
serial I/O modes 1, 2 and 3.
P3.1
Signal
Name
Type
Description
Alternate
Function
MISO
I/O
SPI Master Input Slave Output Data Line
When in master mode, MISO receives data from the slave peripheral.
When in slave mode, MISO outputs data to the master controller.
P4.0
MOSI
I/O
SPI Master Output Slave Input Data Line
When in master mode, MOSI outputs data to the slave peripheral.
When in slave mode, MOSI receives data from the master controller.
P4.1
SCK
I/O
SPI Clock Line
When in master mode, SCK outputs clock to the slave peripheral. When
in slave mode, SCK receives clock from the master controller.
P4.2
SS
I
SPI Slave Select Line
When in controlled slave mode, SS enables the slave mode.
P4.3
Signal
Name
Type
Description
Alternate
Function
SCL
I/O
TWI Serial Clock
When TWI controller is in master mode, SCL outputs the serial clock to
the slave peripherals. When TWI controller is in slave mode, SCL
receives clock from the master controller.
-
SDA
I/O
TWI Serial Data
SDA is the bidirectional Two Wire data line.
-
Signal
Name
Type
Description
Alternate
Function
KIN0
I
Keypad Input Line
Holding this pin high or low for 24 oscillator periods triggers a keypad
interrupt.
-


Similar Part No. - AT89SND2C-7FTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89SND2C-7FTULL ATMEL-AT89SND2C-7FTULL Datasheet
1Mb / 236P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
More results

Similar Description - AT89SND2C-7FTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51SND2C ATMEL-AT89C51SND2C Datasheet
1Mb / 236P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_06 Datasheet
2Mb / 241P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
AT83SND1C ATMEL-AT83SND1C_06 Datasheet
2Mb / 212P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
DOC4106 ATMEL-DOC4106 Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
T83C51SND1 ATMEL-T83C51SND1 Datasheet
868Kb / 60P
   Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
logo
Princeton Technology Co...
PT8401 PTC-PT8401 Datasheet
228Kb / 28P
   MP3 Audio Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com