Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMC155U016FN2D Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DCMC155U016FN2D
Description  85 ?C High Capacitance, Screw Terminal, Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DCMC155U016FN2D Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DCMC155U016FN2D Datasheet HTML 1Page - Cornell Dubilier Electronics DCMC155U016FN2D Datasheet HTML 2Page - Cornell Dubilier Electronics DCMC155U016FN2D Datasheet HTML 3Page - Cornell Dubilier Electronics DCMC155U016FN2D Datasheet HTML 4Page - Cornell Dubilier Electronics DCMC155U016FN2D Datasheet HTML 5Page - Cornell Dubilier Electronics DCMC155U016FN2D Datasheet HTML 6Page - Cornell Dubilier Electronics DCMC155U016FN2D Datasheet HTML 7Page - Cornell Dubilier Electronics DCMC155U016FN2D Datasheet HTML 8Page - Cornell Dubilier Electronics DCMC155U016FN2D Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Type DCMC 85 ºC High Capacitance, Screw Terminal, Aluminum
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Highest Capacitance Screw Terminal Type
With more capacitance and often more ripple-current capabilty
than the best-value Type 3186 capacitor, the Type DCMC capaci-
tor is the better choice for high-capacitance, power supply filters
and energy storage applications such as welding equipment,UPS
systems and computer hold-up power. The extended cathode foil
of the DCMC assures cool operation with heatflow from the ca-
pacitor element to the can.
Highlights
Highest capacitance value
Right for Power Supply and UPS systems
Thermal-Pak™ extended cathode construction
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
DC Leakage Current:
Cold Impedence:
Ripple Current Multipliers:
–40 °C to +85 °C
6.3 to 550 Vdc
110 µF to 2.7 F
–10% +75% up to 100 Vdc, –10 + 50% 160 Vdc & up
≤6√CV µA (6 mA max.) at 5 minutes
–20 °C multiple of 25 °C Z ≤ 20 for 6.3–10V, 8 for 16–50V,
4 for 63–100V, 3 for 150V and up.
EIA Ripple Life:
Life Test:
Shelf Life:
Vibration:
2,000 h at full load @ +85 °C per EIA IS-749
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
4,000 h at 85 °C and rated voltage
Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
500 h @ 85 °C, capacitance, ESR and DCL, initial
requirements.
10 to 55 Hz, 0.06” and 10g max, 1.5 h ea. of 2 axis
Ambient Temperature
–40 °C to +85 °C, High Capacitance
45 °C
55 °C
65 °C
75 °C
85 °C
2.24
2.00
1.73
1.41
1.00
10 kHz
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz & up
1 3/8” & 1 3/4” Diameters
6.3 to 160 V
0.92 0.94
1.00
1.05
1.10 1.10
1.12
200 to 350 V
0.80 0.85
1.00
1.17
1.30 1.30
1.32
400 to 550 V
0.78 0.83
1.00
1.20
1.35 1.36
1.40
2” & 2 1/2” Diameters
6.3 to 160 V
0.93 0.95
1.00
1.04
1.07 1.11
1.12
200 to 350 V
0.81 0.87
1.00
1.13
1.20 1.24
1.26
400 to 550 V
0.79 0.83
1.00
1.17
1.26 1.30
1.34
3” & 3 1/2” Diameters
6.3 to 160 V
0.95 0.96
1.00
1.02
1.04 1.05
1.05
200 to 350 V
0.85 0.88
1.00
1.08
1.12 1.14
1.17
400 to 550 V
0.82 0.84
1.00
1.13
1.20 1.24
1.27
Frequency
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - DCMC155U016FN2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC154U6R3BH2B CDE-DCMC154U6R3BH2B Datasheet
330Kb / 16P
   85 째C High Capacitance, Screw Terminal, Aluminum
More results

Similar Description - DCMC155U016FN2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
330Kb / 16P
   85 째C High Capacitance, Screw Terminal, Aluminum
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
CGH172T250V2L CDE-CGH172T250V2L Datasheet
234Kb / 2P
   Inverter Grade Screw Terminal Aluminum Electrolytic 85 ?C, Screw Terminal Capacitors
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
220Kb / 5P
   High Capacitance, Aluminum Electrolytic Screw Terminal
3186BA223T016APA1 CDE-3186BA223T016APA1 Datasheet
195Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
3186 CDE-3186_17 Datasheet
908Kb / 8P
   Best Value 85 째C High Capacitance Screw Terminal Type
logo
List of Unclassifed Man...
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
CGR343U7R5U3C CDE-CGR343U7R5U3C Datasheet
231Kb / 2P
   105 ?C High Temp Screw Terminal Aluminum Electrolytic
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com