Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500C803U035BD2B Datasheet(PDF) 10 Page - Cornell Dubilier Electronics

Part # 500C803U035BD2B
Description  Long-Life, Screw Terminal, Aluminum Electrolytic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C803U035BD2B Datasheet(HTML) 10 Page - Cornell Dubilier Electronics

Back Button 500C803U035BD2B Datasheet HTML 4Page - Cornell Dubilier Electronics 500C803U035BD2B Datasheet HTML 5Page - Cornell Dubilier Electronics 500C803U035BD2B Datasheet HTML 6Page - Cornell Dubilier Electronics 500C803U035BD2B Datasheet HTML 7Page - Cornell Dubilier Electronics 500C803U035BD2B Datasheet HTML 8Page - Cornell Dubilier Electronics 500C803U035BD2B Datasheet HTML 9Page - Cornell Dubilier Electronics 500C803U035BD2B Datasheet HTML 10Page - Cornell Dubilier Electronics 500C803U035BD2B Datasheet HTML 11Page - Cornell Dubilier Electronics 500C803U035BD2B Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 500C 95 °C Long-Life, Screw Terminal, Aluminum Electrolytic
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
1700
500C172T250AC2B
57.8
6.00
1 3/8 x 4 1/8
1300
500C132T300AC2B
90.4
4.80
1 3/8 x 4 1/8
1700
500C172T250BH2B
65.7
6.00
2 x 2 5/8
1300
500C132T300BH2B
103.0
4.80
2 x 2 5/8
1800
500C182T250EB2B
61.1
6.10
1 3/4 x 3 1/8
1400
500C142T300EB2B
84.5
5.20
1 3/4 x 3 1/8
2000
500C202T250AD2B
51.5
6.60
1 3/8 x 4 5/8
1600
500C162T300AD2B
77.4
5.40
1 3/8 x 4 5/8
2300
500C232T250AE2B
44.1
7.40
1 3/8 x 5 1/8
1800
500C182T300AE2B
65.7
6.10
1 3/8 x 5 1/8
2300
500C232T250EJ2B
48.5
7.20
1 3/4 x 3 5/8
1800
500C182T300EJ2B
68.3
6.10
1 3/4 x 3 5/8
2400
500C242T250BB2B
46.2
7.60
2 x 3 1/8
1900
500C192T300BB2B
71.1
6.10
2 x 3 1/8
2600
500C262T250AF2B
38.4
8.30
1 3/8 x 5 5/8
2000
500C202T300AF2B
60.3
6.60
1 3/8 x 5 5/8
2600
500C262T250CH2B
51.6
7.80
2 1/2 x 2 5/8
2200
500C222T300EC2B
56.7
7.00
1 3/4 x 4 1/8
2800
500C282T250EC2B
40.4
8.30
1 3/4 x 4 1/8
2200
500C222T300CH2B
60.5
7.20
2 1/2 x 2 5/8
3100
500C312T250BJ2B
38.1
8.80
2 x 3 5/8
2400
500C242T300BJ2B
55.5
7.30
2 x 3 5/8
3300
500C332T250ED2B
34.7
9.30
1 3/4 x 4 5/8
2600
500C262T300ED2B
48.5
7.90
1 3/4 x 4 5/8
3700
500C372T250CB2B
32.0
10.50
2 1/2 x 3 1/8
2900
500C292T300BC2B
45.7
8.40
2 x 4 1/8
3800
500C382T250EE2B
30.5
10.30
1 3/4 x 5 1/8
2900
500C292T300CB2B
46.5
8.70
2 1/2 x 3 1/8
3800
500C382T250BC2B
31.4
10.10
2 x 4 1/8
3000
500C302T300EE2B
42.5
8.70
1 3/4 x 5 1/8
4300
500C432T250EF2B
27.3
11.20
1 3/4 x 5 5/8
3400
500C342T300EF2B
37.9
9.50
1 3/4 x 5 5/8
4500
500C452T250BD2B
26.9
11.40
2 x 4 5/8
3500
500C352T300BD2B
38.9
9.50
2 x 4 5/8
4700
500C472T250CJ2B
25.0
12.40
2 1/2 x 3 5/8
3700
500C372T300CJ2B
38.1
10.10
2 1/2 x 3 5/8
5200
500C522T250BE2B
23.6
12.60
2 x 5 1/8
4000
500C402T300BE2B
34.0
10.50
2 x 5 1/8
5600
500C562T250DB2B
27.6
12.60
3 x 3 1/8
4100
500C412T300DB2B
42.8
10.10
3 x 3 1/8
5800
500C582T250CC2B
20.7
14.30
2 1/2 x 4 1/8
4500
500C452T300BF2B
30.2
11.50
2 x 5 5/8
5900
500C592T250BF2B
21.0
13.80
2 x 5 5/8
4500
500C452T300CC2B
29.9
11.90
2 1/2 x 4 1/8
6900
500C692T250CD2B
17.7
16.10
2 1/2 x 4 5/8
5200
500C522T300DJ2B
34.0
11.90
3 x 3 5/8
7200
500C722T250DJ2B
21.6
15.00
3 x 3 5/8
5300
500C532T300CD2B
25.5
13.40
2 1/2 x 4 5/8
7900
500C792T250CE2B
15.5
17.70
2 1/2 x 5 1/8
6100
500C612T300CE2B
22.2
14.80
2 1/2 x 5 1/8
8800
500C882T250DC2B
17.6
17.30
3 x 4 1/8
6400
500C642T300DC2B
26.2
14.20
3 x 4 1/8
9000
500C902T250CF2B
13.8
19.40
2 1/2 x 5 5/8
6900
500C692T300CF2B
19.8
16.20
2 1/2 x 5 5/8
10000
500C103T250DD2B
16.3
18.60
3 x 4 5/8
7500
500C752T300DD2B
23.6
15.50
3 x 4 5/8
11000
500C113T250FC2D
19.5
18.10
3 1/2 x 4 1/8
8700
500C872T300DE2B
20.5
17.20
3 x 5 1/8
12000
500C123T250DE2B
14.3
20.60
3 x 5 1/8
8900
500C892T300FC2D
21.0
17.40
3 1/2 x 4 1/8
13000
500C133T250FD2D
17.2
19.90
3 1/2 x 4 5/8
9800
500C982T300DF2B
18.0
18.90
3 x 5 5/8
14000
500C143T250DF2B
12.0
23.20
3 x 5 5/8
10000
500C103T300DP2B
17.0
19.70
3 x 5 7/8
15000
500C153T250DP2B
11.5
23.90
3 x 5 7/8
10000
500C103T300FD2D
18.2
19.40
3 1/2 x 4 5/8
15000
500C153T250FE2D
15.1
22.00
3 1/2 x 5 1/8
12000
500C123T300FE2D
16.0
21.30
3 1/2 x 5 1/8
17000
500C173T250FF2D
13.2
24.20
3 1/2 x 5 5/8
13000
500C133T300FF2D
14.3
23.20
3 1/2 x 5 5/8
18000
500C183T250FP2D
12.8
24.80
3 1/2 x 5 7/8
14000
500C143T300FP2D
13.5
24.20
3 1/2 x 5 7/8
21000
500C213T250DN2D
9.6
30.90
3 x 7 5/8
15000
500C153T300DN2B
13.2
24.90
3 x 7 5/8
24000
500C243T250DG2D
7.0
34.60
3 x 8 5/8
17000
500C173T300DG2B
10.8
27.90
3 x 8 5/8
25000
500C253T250FN2D
10.5
30.00
3 1/2 x 7 5/8
19000
500C193T300FN2D
11.0
29.50
3 1/2 x 7 5/8
29000
500C293T250FG2D
9.2
33.00
3 1/2 x 8 5/8
22000
500C223T300FG2D
9.3
32.60
3 1/2 x 8 5/8
300 Vdc (350 Vdc Surge)
350 Vdc (400 Vdc Surge)
290
500C291T300AK2B
418.0
1.60
1 3/8 x 1 5/8
200
500C201T350AK2B
605.0
1.30
1 3/8 x 1 5/8
520
500C521T300AA2B
231.0
2.30
1 3/8 x 2 1/8
320
500C321T350AA2B
379.0
1.80
1 3/8 x 2 1/8
630
500C631T300AH2B
189.0
2.80
1 3/8 x 2 5/8
470
500C471T350AH2B
253.0
2.40
1 3/8 x 2 5/8
870
500C871T300AB2B
138.0
3.50
1 3/8 x 3 1/8
630
500C631T350AB2B
190.0
3.00
1 3/8 x 3 1/8
870
500C871T300EA2B
139.0
3.50
1 3/4 x 2 1/8
720
500C721T350EA2B
177.0
3.10
1 3/4 x 2 1/8
1000
500C102T300BA2B
131.0
3.90
2 x 2 1/8
770
500C771T350EH2B
162.0
3.50
1 3/4 x 2 5/8
1100
500C112T300AJ2B
107.0
4.20
1 3/8 x 3 5/8
790
500C791T350AJ2B
153.0
3.50
1 3/8 x 3 5/8
1100
500C112T300EH2B
117.0
4.10
1 3/4 x 2 5/8
790
500C791T350BA2B
168.0
3.50
2 x 2 1/8


Similar Part No. - 500C803U035BD2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C803U035BD2B CDE-500C803U035BD2B Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C803U035BD2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com