Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEC361FPAM Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # CDEC361FPAM
Description  HIGH - RELIABILITY, MICA CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CDEC361FPAM Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  CDEC361FPAM Datasheet HTML 1Page - Cornell Dubilier Electronics CDEC361FPAM Datasheet HTML 2Page - Cornell Dubilier Electronics CDEC361FPAM Datasheet HTML 3Page - Cornell Dubilier Electronics CDEC361FPAM Datasheet HTML 4Page - Cornell Dubilier Electronics CDEC361FPAM Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
7\SH&05 +LJK5HOLDELOLW\0LFD&DSDFLWRUV
0RLVWXUH5HVLVWDQFH&DSDFLWRUV
ZLOOPHHWWKHUHTXLUHPHQWVRI
0,/67'0HWKRG)DVRXWOLQHG
KHUHDQGGLDJUDPPHGRQWKH
ULJKW$SSO\9RUWKHUDWHGYROWDJH
ZKLFKHYHULVOHVV WRKDOIRIWKH
FDSDFLWRUV'RQ¶WDSSO\YROWDJHWR
WKHRWKHUKDOI5HIHUWR0,/67'
IRUGHWDLOV
'U\FDSDFLWRUVIRUKRXUVLQD
“ƒ&RYHQDQGWKHQDOORZWR
VWDELOL]HDWURRPWHPSHUDWXUH
6XEMHFWWKHFDSDFLWRUVWR
KRXUFRQWLQXRXVF\FOHVZLWK
UHODWLYHKXPLGLW\DQGWHPSHUDWXUH
DVVKRZQ
WRKRXUVDIWHUFRPSOHWLRQRI
WKHODVWF\FOHWKHFDSDFLWRUVZLOO
VKRZQRYLVXDOGDPDJHDQGZLOO
PHHWWKHDIWHUWHVWOLPLWVEHORZ
$IWHU7HVW/LPLWV
65 ±2 ºC
90-98 RH
25 ±2 ºC
90-98 RH
–10 ±2 ºC
Uncontrolled
Humidity
8
1-4
3
2 ½
3
2 ½
3
hours
7HVW
:LWKVWDQG
9ROWDJH
,QVXODWLRQ
5HVLVWDQFH
&DSDFLWDQFH&KDQJH
ZKLFKHYHULVJUHDWHU
')
4
0RLVWXUH5HVLVWDQFH
/LIH7HVW
6ROGHU+HDW
,/
,/
,/
*ȍ
,/
,/
19“RU“S)
19“RU“S)
,9“RU“S)
,/
,/
,/
[,/
[,/
,/
,/ ,QLWLDO/LPLW
19 1RPLQDO9DOXH ,9 ,QLWLDO9DOXH
2UGHULQJ,QIRUPDWLRQ
2UGHUE\FRPSOHWHSDUWQXPEHUDVEHORZ
)RURWKHURSWLRQVZULWH\RXUUHTXLUHPHQWVRQ\RXUTXRWHUHTXHVW
3DUW1XPEHULQJ6\VWHP
&05&

-
3 '
5
&'( &DSDFLWDQFH&DSDFLWDQFH7HPSHUDWXUH5DQJH
9ROWDJH
)DLOXUH5DWH
7\SH 5 S)7ROHUDQFH2 ±ƒ&WRƒ&
< 9GF
 S)' “SI3 ±ƒ&WRƒ&
$ 9GF0 KUV 
 S)) “ & 9GF3 KUV
* “ ' 9GF5 KUV
&KDUDFWHULVWLF
- “
Temp. Coeff.
ppm/
°C
Capacitance
Drift
Standard
Cap. Range
C
E
F
–200 to +200
–20 to +100
0 to + 70
±(0.5% +0.1pF)
±(0.1% +0.1pF)
±(0.05% +0.1pF)
1 – 18 pF
20 – 82 pF
91 pF and up
3WHPSHUDWXUHUDQJHDYDLODEOHIRU&05&05&05&05&05
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Similar Part No. - CDEC361FPAM

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CDE-15PF HIROSE-CDE-15PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-15SF HIROSE-CDE-15SF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-25PF HIROSE-CDE-25PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-25SF HIROSE-CDE-25SF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDE-37PF HIROSE-CDE-37PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
More results

Similar Description - CDEC361FPAM

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD4FA911J03 CDE-CD4FA911J03 Datasheet
171Kb / 2P
   High-Frequency, Mica Capacitors
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
   MICA CAPACITORS
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com