Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500C104U035BF2B Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # 500C104U035BF2B
Description  Long-Life, Screw Terminal, Aluminum Electrolytic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

500C104U035BF2B Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button 500C104U035BF2B Datasheet HTML 4Page - Cornell Dubilier Electronics 500C104U035BF2B Datasheet HTML 5Page - Cornell Dubilier Electronics 500C104U035BF2B Datasheet HTML 6Page - Cornell Dubilier Electronics 500C104U035BF2B Datasheet HTML 7Page - Cornell Dubilier Electronics 500C104U035BF2B Datasheet HTML 8Page - Cornell Dubilier Electronics 500C104U035BF2B Datasheet HTML 9Page - Cornell Dubilier Electronics 500C104U035BF2B Datasheet HTML 10Page - Cornell Dubilier Electronics 500C104U035BF2B Datasheet HTML 11Page - Cornell Dubilier Electronics 500C104U035BF2B Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 500C 95 °C Long-Life, Screw Terminal, Aluminum Electrolytic
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
11000
500C113U075BH2B
27.5
9.30
2 x 2 5/8
7300
500C732U100BH2B
37.8
7.90
2 x 2 5/8
13000
500C133U075AC2B
28.2
8.60
1 3/8 x 4 1/8
7600
500C762U100AC2B
30.7
8.20
1 3/8 x 4 1/8
14000
500C143U075EB2B
34.1
8.20
1 3/4 x 3 1/8
8100
500C812U100EB2B
38.0
7.70
1 3/4 x 3 1/8
15000
500C153U075AD2B
24.5
9.60
1 3/8 x 4 5/8
8900
500C892U100AD2B
29.0
8.80
1 3/8 x 4 5/8
16000
500C163U075BB2B
21.4
11.20
2 x 3 1/8
10000
500C103U100AE2B
28.3
9.30
1 3/8 x 5 1/8
17000
500C173U075AE2B
22.5
10.40
1 3/8 x 5 1/8
10000
500C103U100EJ2B
29.9
9.20
1 3/4 x 3 5/8
18000
500C183U075EJ2B
26.9
9.70
1 3/4 x 3 5/8
10000
500C103U100BB2B
30.6
9.30
2 x 3 1/8
19000
500C193U075AF2B
20.4
11.30
1 3/8 x 5 5/8
11000
500C113U100AF2B
27.6
9.70
1 3/8 x 5 5/8
19000
500C193U075CH2B
30.0
10.20
2 1/2 x 2 5/8
12000
500C123U100CH2B
33.7
9.60
2 1/2 x 2 5/8
21000
500C213U075EC2B
22.3
11.10
1 3/4 x 4 1/8
13000
500C133U100EC2B
24.8
10.60
1 3/4 x 4 1/8
21000
500C213U075BJ2B
18.0
12.80
2 x 3 5/8
13000
500C133U100BJ2B
22.3
11.50
2 x 3 5/8
25000
500C253U075ED2B
19.2
12.50
1 3/4 x 4 5/8
15000
500C153U100ED2B
21.2
11.90
1 3/4 x 4 5/8
25000
500C253U075BC2B
15.6
14.40
2 x 4 1/8
16000
500C163U100BC2B
19.9
12.80
2 x 4 1/8
26000
500C263U075CB2B
21.6
12.70
2 1/2 x 3 1/8
17000
500C173U100EE2B
18.7
13.10
1 3/4 x 5 1/8
29000
500C293U075EE2B
16.9
13.80
1 3/4 x 5 1/8
17000
500C173U100CB2B
23.4
12.30
2 1/2 x 3 1/8
30000
500C303U075BD2B
13.9
15.80
2 x 4 5/8
19000
500C193U100BD2B
17.7
14.10
2 x 4 5/8
33000
500C333U075EF2B
15.2
15.10
1 3/4 x 5 5/8
20000
500C203U100EF2B
16.8
14.30
1 3/4 x 5 5/8
34000
500C343U075BE2B
12.8
17.10
2 x 5 1/8
22000
500C223U100BE2B
15.6
15.50
2 x 5 1/8
34000
500C343U075CJ2B
17.8
14.80
2 1/2 x 3 5/8
22000
500C223U100CJ2B
19.1
14.30
2 1/2 x 3 5/8
39000
500C393U075BF2B
12.0
18.30
2 x 5 5/8
25000
500C253U100BF2B
14.9
16.40
2 x 5 5/8
40000
500C403U075DB2B
18.0
15.60
3 x 3 1/8
25000
500C253U100DB2B
19.9
14.90
3 x 3 1/8
42000
500C423U075CC2B
15.1
16.70
2 1/2 x 4 1/8
27000
500C273U100CC2B
16.5
16.00
2 1/2 x 4 1/8
49000
500C493U075CD2B
13.5
18.40
2 1/2 x 4 5/8
32000
500C323U100CD2B
14.7
17.60
2 1/2 x 4 5/8
51000
500C513U075DJ2B
14.4
18.30
3 x 3 5/8
33000
500C333U100DJ2B
16.4
17.20
3 x 3 5/8
57000
500C573U075CE2B
12.0
20.20
2 1/2 x 5 1/8
36000
500C363U100CE2B
13.4
19.10
2 1/2 x 5 1/8
62000
500C623U075DC2B
12.9
20.20
3 x 4 1/8
40000
500C403U100DC2B
14.4
19.10
3 x 4 1/8
64000
500C643U075CF2B
11.2
21.50
2 1/2 x 5 5/8
41000
500C413U100CF2B
12.5
20.40
2 1/2 x 5 5/8
74000
500C743U075DD2B
11.8
21.90
3 x 4 5/8
47000
500C473U100DD2B
13.0
20.90
3 x 4 5/8
85000
500C853U075DE2B
10.4
24.10
3 x 5 1/8
54000
500C543U100DE2B
12.0
22.50
3 x 5 1/8
85000
500C853U075FC2D
11.8
23.20
3 1/2 x 4 1/8
55000
500C553U100FC2D
13.4
21.80
3 1/2 x 4 1/8
96000
500C963U075DF2B
9.4
26.20
3 x 5 5/8
62000
500C623U100DF2B
11.2
23.90
3 x 5 5/8
100000
500C104U075DP2B
8.9
27.20
3 x 5 7/8
65000
500C653U100DP2B
11.1
24.40
3 x 5 7/8
100000
500C104U075FD2D
10.7
25.30
3 1/2 x 4 5/8
65000
500C653U100FD2D
12.1
23.80
3 1/2 x 4 5/8
120000
500C124U075FE2D
9.4
27.80
3 1/2 x 5 1/8
74000
500C743U100FE2D
10.9
25.90
3 1/2 x 5 1/8
130000
500C134U075FF2D
8.4
30.20
3 1/2 x 5 5/8
84000
500C843U100FF2D
10.2
27.50
3 1/2 x 5 5/8
140000
500C144U075DN2D
7.7
32.10
3 x 7 5/8
89000
500C893U100FP2D
10.0
28.10
3 1/2 x 5 7/8
140000
500C144U075FP2D
8.1
31.30
3 1/2 x 5 7/8
94000
500C943U100DN2D
9.2
29.40
3 x 7 5/8
160000
500C164U075DG2D
6.8
35.10
3 x 8 5/8
110000
500C114U100DG2D
8.2
32.10
3 x 8 5/8
190000
500C194U075FN2D
6.9
36.80
3 1/2 x 7 5/8
120000
500C124U100FN2D
8.3
33.70
3 1/2 x 7 5/8
220000
500C224U075FG2D
6.2
40.20
3 1/2 x 8 5/8
140000
500C144U100FG2D
7.3
36.80
3 1/2 x 8 5/8
100 Vdc (125 Vdc Surge)
160 Vdc (200 Vdc)
1600
500C162U100AK2B
98.4
3.30
1 3/8 x 1 5/8
750
500C751T160AK2B
150.0
2.60
1 3/8 x 1 5/8
2500
500C252U100AA2B
60.2
4.60
1 3/8 x 2 1/8
1200
500C122T160AA2B
93.0
3.70
1 3/8 x 2 1/8
3800
500C382U100AH2B
42.7
5.90
1 3/8 x 2 5/8
1500
500C152T160AH2B
70.5
4.60
1 3/8 x 2 5/8
4900
500C492U100EA2B
62.0
5.30
1 3/4 x 2 1/8
2100
500C212T160AB2B
58.5
5.40
1 3/8 x 3 1/8
5100
500C512U100AB2B
38.2
6.70
1 3/8 x 3 1/8
2300
500C232T160EA2B
62.0
5.30
1 3/4 x 2 1/8
5100
500C512U100BA2B
51.8
6.30
2 x 2 1/8
2400
500C242T160BA2B
70.5
5.40
2 x 2 1/8
5800
500C582U100EH2B
52.8
6.20
1 3/4 x 2 5/8
2700
500C272T160AJ2B
50.2
6.10
1 3/8 x 3 5/8
6300
500C632U100AJ2B
33.0
7.60
1 3/8 x 3 5/8
2700
500C272T160EH2B
52.8
6.20
1 3/4 x 2 5/8


Similar Part No. - 500C104U035BF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500C104U035BF2B CDE-500C104U035BF2B Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results

Similar Description - 500C104U035BF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com