Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVD20443-001 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GVD20443-001
Description  SUPER HYPERABRUPT TUNING VARACTOR DIODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GVD20443-001 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GVD20443-001 Datasheet HTML 1Page - List of Unclassifed Manufacturers GVD20443-001 Datasheet HTML 2Page - List of Unclassifed Manufacturers GVD20443-001 Datasheet HTML 3Page - List of Unclassifed Manufacturers GVD20443-001 Datasheet HTML 4Page - List of Unclassifed Manufacturers GVD20443-001 Datasheet HTML 5Page - List of Unclassifed Manufacturers GVD20443-001 Datasheet HTML 6Page - List of Unclassifed Manufacturers GVD20443-001 Datasheet HTML 7Page - List of Unclassifed Manufacturers GVD20443-001 Datasheet HTML 8Page - List of Unclassifed Manufacturers GVD20443-001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
VARACTOR DIODES
SG-950
3
SUPER HYPERABRUPT TUNING VARACTOR DIODES
• Low voltage wireless phase locked loop VCOs
• Phase shifters
SPECIFICATIONS
Reverse breakdown voltage at 10 µA DC
(at 25°C): 12 V min
Maximum reverse leakage current at –10 V
(at 25°C): 0.05 µA DC
Device dissipation at 25°C: 250 mW (derated
linearly to zero at +125°C)
Operating junction temperature: –55°C to +125°C
Storage temperature: –55°C to +125°C
SOT-23 PACKAGE - Consult factory for additional package configurations.
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
Capacitance
Capacitance
Model Number
Total
Ratio
Ratio
Capacitance
CT at –1 V
CT at –1 V
Q min
CT (pF) at –1 V
CT at –3 V
CT at –6 V
at –4 V
Common
min
max
min
max
min
max
(50 MHz)
Single
Cathode
3.00
3.60
1.4
1.9
2.6
3.3
1500
GVD20433-001
GVD20433-004
5.85
7.15
1.6
2.0
2.8
3.4
1200
GVD20434-001
GVD20434-004
10.35
12.65
1.6
2.0
2.9
3.4
1000
GVD20435-001
GVD20435-004
15.50
18.50
1.6
2.0
3.0
3.5
900
GVD20436-001
GVD20436-004
45.00
54.00
1.6
2.0
3.0
3.5
750
GVD20437-001
---
FEATURES
• Mesa epitaxial silicon construction
• Silicon dioxide passivated
• Superior mid range linear characteristics
• High tuning ratios
• High Q
• Available in common cathode Style
• Available in chip form (add suffix -000)
APPLICATIONS
• TCXOs, VCXOs
• Low voltage wireless open loop VCOs
0.115
± 0.005
2.93
± 0.13
0.038
± 0.003
0.96
± 0.065
0.051
± 0.004
1.3
± 0.1
0.075
± 0.005
1.91
± 0.13
0.091
± 0.008
2.3
± 0.2
0.021
± 0.003
0.53
± 0.08
0.040
± 0.007
1.03
± 0.18
0.007
± 0.003
0.18
± 0.08
0.0047
± 0.0013
0.12
± 0.033
TOP VIEW
(SINGLE)
(COMMON CATHODE)
0.035
0.90
0.031
0.80
0.079
2.0
0.037
0.95
0.037
0.95
0.016
± 0.002
0.41
± 0.04
TYP
TYP
1
PAD LAYOUT
2
3
12
3
TYP
TYP
100.0
10.0
5.0
1.0
0.5
0.3
1
2
3
45 6
10
20
30
50
REVERSE VOLTAGE
(VOLTS)
2.0
3.0
0.5
GVD20436-001
GVD20435-001
GVD20434-001
CT (pF)
50.0


Similar Part No. - GVD20443-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GVD-1010-40 ETC2-GVD-1010-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1010-55 ETC2-GVD-1010-55 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1012-40 ETC2-GVD-1012-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1012-55 ETC2-GVD-1012-55 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
More results

Similar Description - GVD20443-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMV1245-011 SKYWORKS-SMV1245-011 Datasheet
115Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMV1269-074 SKYWORKS-SMV1269-074 Datasheet
116Kb / 4P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com