Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLSV1R000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GLSV1R000
Description  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLSV1R000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GLSV1R000 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLSV1R000 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLSV1R000 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSV1R000 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSV1R000 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSV1R000 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSV1R000 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSV1R000 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLSV1R000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
6
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
APPLICATIONS
• RF circuits
• Mobile radio
• Satellite TV
• Cordless phones
FEATURES
• Compact design
• Suitable for automatic insertion
• For reflow and vapor phase soldering
• Ceramic base
• Terminals are formed from the ends of the coil
windings, eliminating solder joints between the
coil and the terminals which could open from the
heat of circuit assembly.
SPECIFICATIONS
Operating Temperature Range: –40°C to +125°C
Soldering Heat Resistance: 230°C, 5 s
WIDEBAND TRANSFORMERS - 4.5 x 4.5 x 2.8 mm
3 dB
Loss at 20 MHz
Impedance
Turns
Band Limits
(dB)
Model
(
Ω)
Ratio
(MHz)
max
Number
50 : 50
1 : 1
4 - 2000
0.5
GLSW4M202
TRANSFORMER WITH 2 WINDINGS
0.12
3.0
0.18
4.5
0.18
4.5
15
24
3
1
10
100
1000
10000
-10
-7
-6
-3
-2
-1
0
-4
-5
-8
-9
FREQUENCY (MHz)
dB
TYPICAL INSERTION LOSS
5
4
1
2
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
0.22
5.5
0.08
2.0
PAD LAYOUT
0.04
1.0
0.12
3.0
TYP
TYP
CONFIGURATION FOR BALUN TRANSFORMER (PAGE 7)


Similar Part No. - GLSV1R000

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
GLS OMRON-GLS Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-1 OMRON-GLS-1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-M1 OMRON-GLS-M1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-S1 OMRON-GLS-S1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
logo
Greenliant systems
GLS27SF010 GREENLIANT-GLS27SF010 Datasheet
951Kb / 23P
   Many-Time Programmable Flash
More results

Similar Description - GLSV1R000

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
CTX10-4P COOPER-CTX10-4P Datasheet
461Kb / 8P
   Power Inductors and Transformers
logo
Vishay Siliconix
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
   SMD Power Inductors and Transformers
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
   Current Sense Transformers and Inductors
logo
Filtran LTD
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
logo
Pulse A Technitrol Comp...
PA0648NL PULSE-PA0648NL Datasheet
78Kb / 1P
   SMT TRANSFORMERS
PE-68386NL PULSE-PE-68386NL Datasheet
1Mb / 2P
   SMT AND THT GATE DRIVE TRANSFORMERS
logo
Vishay Siliconix
PE30 VISHAY-PE30_08 Datasheet
131Kb / 6P
   Fully Sealed Container Cermet Potentiometer Military and Professional Grade
Revision: 04-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com