Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVD20445-004 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GVD20445-004
Description  SUPER HYPERABRUPT TUNING VARACTOR DIODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GVD20445-004 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GVD20445-004 Datasheet HTML 4Page - List of Unclassifed Manufacturers GVD20445-004 Datasheet HTML 5Page - List of Unclassifed Manufacturers GVD20445-004 Datasheet HTML 6Page - List of Unclassifed Manufacturers GVD20445-004 Datasheet HTML 7Page - List of Unclassifed Manufacturers GVD20445-004 Datasheet HTML 8Page - List of Unclassifed Manufacturers GVD20445-004 Datasheet HTML 9Page - List of Unclassifed Manufacturers GVD20445-004 Datasheet HTML 10Page - List of Unclassifed Manufacturers GVD20445-004 Datasheet HTML 11Page - List of Unclassifed Manufacturers GVD20445-004 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
VARACTOR DIODES
SG-950
11
MICROWAVE ABRUPT TUNING VARACTOR DIODES
Surface Mount Low Parasitic Package (SMLP)
APPLICATIONS
• PCS
• WANS
• AMPS
• GSM
• TAGS
• DECT
• Cellular
SPECIFICATIONS
Reverse breakdown voltage at 10 µA DC
(at 25°C): 30 V min
Maximum reverse leakage current at –25 V
(at 25°C): 0.05 µA DC
Device dissipation at 25°C: 250 mW (derated
linearly to zero at +125°C)
Operating junction temperature: –65°C to +125°C
Storage temperature: –65°C to +125°C
Capacitance
Capacitance
Total
Ratio
Ratio
Capacitance
CT at 0 V
CT at –4 V
Q min
CT (pF) at –4 V
CT at –4 V
CT at –30 V
at –4 V
Model
(±10%)
min
min
(50 MHz)
Number*
0.8
1.5
1.45
3900
GVD91300 – _ _ _
1.0
1.6
1.55
3800
GVD91301 – _ _ _
1.2
1.7
1.60
3700
GVD91302 – _ _ _
1.5
1.8
1.65
3600
GVD91303 – _ _ _
1.8
1.9
1.70
3500
GVD91304 – _ _ _
2.2
2.0
1.75
3400
GVD91305 – _ _ _
2.7
2.0
1.80
3300
GVD91306 – _ _ _
3.3
2.1
1.85
3100
GVD91307 – _ _ _
3.9
2.1
1.90
2700
GVD91308 – _ _ _
4.7
2.2
1.95
2600
GVD91309 – _ _ _
5.6
2.2
2.00
2500
GVD91310 – _ _ _
FEATURES
• Mesa epitaxial silicon construction
• Silicon dioxide passivated
• Fits Footprint for SOD-323, SOD-123 and smaller
• High Frequency (VHF to 8 GHz)
• Available on carrier and reel
• Available in chip form (add suffix -000)
• Two package styles including lower cost, flat
top version
• Alternate notched termination version available,
contact factory for outline drawing
All dimensions are in / mm. Unless otherwise specified, the tolerance on dimensions is ± 0.003/ 0.08.
Note: An SMLP package with three terminations sized to fit the pad layout for an SOT-23 package is also available. This
package can be used for multiple diode designs (such as common cathode or common anode). Contact factory
for the three-terminal SMLP outline drawing, and for further information on the multiple diode configurations.
D TYP
M
L
TERMINATIONS (GOLD PLATED)
BOTTOM VIEW
MOUNTING PAD LAYOUT
A
TOP VIEW
B
DOT INDICATES
CATHODE END
C1
SIDE VIEW FOR - 01__
EPOXY
ENCAPSULANT
EPOXY
ENCAPSULANT
C2
SIDE VIEW FOR - 11__
K TYP
Dash
No.
AB
C1
C2
DK
L
M
- 011
0.10
0.050 0.035 0.050
0.015 ± 0.004
0.030 0.070 0.112
- 111
2.5
1.3
0.89
1.3
0.38 ± 0.1
0.76
1.8
2.84
- 012
0.12
0.060 0.035 0.050
0.020 ± 0.005
0.030 0.080 0.132
- 112
3.0
1.5
0.89
1.3
0.51 ± 0.1
0.76
2.0
3.35
- 013
0.200 0.100 0.035 0.050
0.020 ± 0.005
0.030 0.120 0.212
- 113
5.08
2.54
0.89
1.3
0.51 ± 0.1
0.76
3.05
5.38
- 014
0.075 0.050 0.035 0.050
0.015 ± 0.004
0.030 0.070 0.087
- 114
1.9
1.3
0.89
1.3
0.38 ± 0.1
0.76
1.8
2.2
- 015
0.062 0.042 0.030 0.050
0.011 ± 0.003
0.020 0.060 0.072
- 115
1.6
1.1
0.76
1.3
0.28 ± 0.08
0.51
1.5
1.8
* For complete model number, select “Dash No.” from chart below.


Similar Part No. - GVD20445-004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GVD-1010-40 ETC2-GVD-1010-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1010-55 ETC2-GVD-1010-55 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1012-40 ETC2-GVD-1012-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1012-55 ETC2-GVD-1012-55 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
More results

Similar Description - GVD20445-004

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMV1245-011 SKYWORKS-SMV1245-011 Datasheet
115Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMV1269-074 SKYWORKS-SMV1269-074 Datasheet
116Kb / 4P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com