Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM01-009CC090A-TF Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MCM01-009CC090A-TF
Description  SMT Clad RF Capacitors Multilayer High Power, High Temperature Mica and PTFE Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MCM01-009CC090A-TF Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MCM01-009CC090A-TF Datasheet HTML 1Page - Cornell Dubilier Electronics MCM01-009CC090A-TF Datasheet HTML 2Page - Cornell Dubilier Electronics MCM01-009CC090A-TF Datasheet HTML 3Page - Cornell Dubilier Electronics MCM01-009CC090A-TF Datasheet HTML 4Page - Cornell Dubilier Electronics MCM01-009CC090A-TF Datasheet HTML 5Page - Cornell Dubilier Electronics MCM01-009CC090A-TF Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Types MCM and MIN SMT Clad RF Capacitors
2
Ratings Available
Part Numbering System
Capacitance
Temperature
Style
Range
Characteristic
C
1 pF to 20 pF
±200 ppm/ºC
D
21 pF to 56 pF
±100 ppm/ºC
E
57 pF to 1500 pF –20 to +100 ppm/ºC
*TC code letter is left blank for PTFE items
Capacitance
(pF)
Voltage
Ratings
Dielectric
(Vdc)
300
500
*1000
MIN02
1 - 9
X
PTFE
10 - 60
X
Mica
61 - 120
X
Mica
121 - 180
X
Mica
181 - 240
X
Mica
241 - 300
X
Mica
301 - 350
X
Mica
MCM01
1 - 7
X
X
PTFE
8 - 32
X
X
PTFE or Mica
33 - 250
X
X
Mica
251 - 500
X
X
Mica
501 - 750
X
X
Mica
751 - 1000
X
Mica
1001 - 1280
X
Mica
1281 - 1500
X
Mica
*1000 V available in MCM01-001 and -009 style
Measured at 1 MHz
for ≤1000 pF and
1 kHz for >1000 pF
MCM01
001
C
D
101
J
T
F
or
MIN02
Terminal
Temperature
Rated
Capacitance
RoHS
Type
"dash" Configuration Coefficient *
Voltages
Capacitance
Tolerance*
Packaging
Compliant
(mica only)
(Vdc)
(pF)
( pF or %)
C
C = 300 Vdc
090 = 9
A = ±1 pF 2 - 200 pF
–T = Tape
Blank = Not
D
D = 500 Vdc
9R2 = 9.2
B = ±0.25 pF 1 - 50 pF
Blank = Bulk
specified
E
F = 1000 Vdc
100 = 10
D = ±0.5 pF 1 - 100 pF
F = Compliant
101 = 100
E = ±0.5 % > 100 pF
(751) = 751 F = ±1 % > 33 pF
102 = 1000 G = ±2% > 11 pF
J = ±5%
> 11 pF
K = ±10% > 11 pF
MCM01 MIN02
0012
0021
0091,2
010
Most Popular Series, other's
available, consult factory
1 Surface mount and T&R
2 1kV


Similar Part No. - MCM01-009CC090A-TF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MCM CDE-MCM Datasheet
562Kb / 7P
   Multilayer High Power, High Temperature Mica and PTFE Capacitors
logo
TRINAMIC Motion Control...
MCM-343-H TRINAMIC-MCM-343-H Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
MCM-343-V TRINAMIC-MCM-343-V Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
MCM-351-E TRINAMIC-MCM-351-E Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
logo
List of Unclassifed Man...
MCM-7312 ETC-MCM-7312 Datasheet
1Mb / 4P
   Four independent, RS-232-C, Full-duplex, Serial Communications Channels.
More results

Similar Description - MCM01-009CC090A-TF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MCM CDE-MCM Datasheet
562Kb / 7P
   Multilayer High Power, High Temperature Mica and PTFE Capacitors
CD17 CDE-CD17 Datasheet
163Kb / 2P
   High-Frequency, Mica Capacitors High-Frequency Capacitors for CATV and RF Applications
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
CD4FA911J03 CDE-CD4FA911J03 Datasheet
171Kb / 2P
   High-Frequency, Mica Capacitors
MCH38FM100D-Y CDE-MCH38FM100D-Y Datasheet
842Kb / 6P
   Multilayer High RF Power Capacitors
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
   MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com