Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLZB3N306 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GLZB3N306
Description  SURFCOIL SMT INDUCTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLZB3N306 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GLZB3N306 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLZB3N306 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLZB3N306 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLZB3N306 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLZB3N306 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLZB3N306 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLZB3N306 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLZB3N306 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLZB3N306 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SURFCOIL
® SMT INDUCTORS
SG-800H
6
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 •TEL: 516-334-8700 •FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
GLA SERIES — MOLDED BOBBIN WOUND 1210 SIZE
Inductance
Standard Inductance
Model
SRF (MHz)
Q
Q/L Test
Rated Current
DCR (
Ω)
L (µH)
Tolerance †
No.
min
min
Freq. (MHz)
(mA)
max
0.22
± 10%
GLAR2210M
230
25
25.2
360
0.29
0.27
± 10%
GLAR2710M
210
25
25.2
345
0.32
0.33
± 10%
GLAR3310M
190
25
25.2
330
0.35
0.39
± 10%
GLAR3910M
175
25
25.2
305
0.39
0.47
± 10%
GLAR4710M
160
25
25.2
290
0.44
0.56
± 10%
GLAR5610M
150
25
25.2
275
0.49
0.68
± 10%
GLAR6810M
135
25
25.2
260
0.55
0.82
± 10%
GLAR8210M
125
25
25.2
245
0.61
1.00
± 10%
GLA1R010
115
30 *
7.96
230
0.69
1.20
± 10%
GLA1R210
100
30 *
7.96
215
0.75
1.50
± 10%
GLA1R510
90
30 *
7.96
210
0.75
1.80
± 10%
GLA1R810
85
30 *
7.96
200
0.82
2.20
± 10%
GLA2R210
80
30 *
7.96
190
0.95
2.70
± 10%
GLA2R710
75
30 *
7.96
180
1.1
3.30
± 10%
GLA3R310
65
30 *
7.96
180 *
1.2 *
3.90
± 10%
GLA3R910
60
30 *
7.96
175 *
1.3 *
4.70
± 10%
GLA4R710
55
30 *
7.96
165 *
1.5
5.60
± 10%
GLA5R610
50
30 *
7.96
160 *
1.6 *
6.80
± 10%
GLA6R810
45
30 *
7.96
150 *
1.8 *
8.20
± 10%
GLA8R210
40
30 *
7.96
140 *
2.0 *
10.0
± 10%
GLA10010
36
30
2.52
140 *
2.1 *
12.0
± 10%
GLA12010
33
30
2.52
125 *
2.5 *
15.0
± 10%
GLA15010
30
30
2.52
120 *
2.8 *
18.0
± 10%
GLA18010
27
30
2.52
110 *
3.3 *
22.0
± 10%
GLA22010
25
30
2.52
105 *
3.7 *
27.0
± 10%
GLA27010
22
30
2.52
90 *
5.0 *
33.0
± 10%
GLA33010
20
30
2.52
85 *
5.6 **
39.0
± 10%
GLA39010
20
30
2.52
80 *
6.4 **
47.0
± 10%
GLA47010
15
30
2.52
75
7.0
56.0
± 10%
GLA56010
15
30
2.52
70
8.0
68.0
± 10%
GLA68010
15
30
2.52
65
9.0
82.0
± 10%
GLA82010
11
30 *
2.52
60
10.0
100.0
± 10%
GLA10110
10
20 *
0.796
60
10.0
120.0
± 10%
GLA12110
10
20 *
0.796
55
11.0
150.0
± 10%
GLA15110
8
20
0.796
50
15.0
180.0
± 10%
GLA18110
7
20
0.796
50
17.0
220.0
± 10%
GLA22110
7
20
0.796
45
21.0
† Inductance values from 1.0 µH and up also available with ±5% inductance tolerance. Consult factory regarding these special units.
* Rerated 12/91
**Rerated 6/97
Inductance
Standard
SRF
Q /L Test Rated DCR
L
Inductance
Model
(MHz)
Q
Freq.
Current (
Ω)
(µH)
Tolerance
No.
min
min
(MHz)
(mA)
max
1.0
± 20%
GLAC1R020 100
7
7.96
500
0.09
1.5
± 20%
GLAC1R520
80
7
7.96
390
0.10
2.2
± 20%
GLAC2R220
65
7
7.96
350
0.13
3.3
± 20%
GLAC3R320
50
7
7.96
270
0.16
4.7
± 20%
GLAC4R720
46
7
7.96
240
0.18
6.8
± 20%
GLAC6R820
36
7
7.96
200
0.25
10.0
± 10%
GLAC10010
29
10
2.52
160
0.34
15.0
± 10%
GLAC15010
25
10
2.52
145
0.42
22.0
± 10%
GLAC22010
18
10
2.52
115
0.65
33.0
± 10%
GLAC33010
16
10
2.52
95
0.91
47.0
± 10%
GLAC47010
13
10
2.52
80
1.30
68.0
± 10%
GLAC68010
10
10
2.52
60
1.95
100.0
± 10%
GLAC10110
8
20
0.796
50
3.12
150.0
± 10%
GLAC15110
7
20
0.796
45
4.03
220.0
± 10%
GLAC22110
5
20
0.796
35
7.15
330.0
± 10%
GLAC33110
4
20
0.796
30
9.23
GLAC SERIES — HIGH POWER LOW DCR SHIELDED MOLDED BOBBIN WOUND 1210 SIZE
Carrier and reel specifications on page 12.
0.0 98
± 0.008
2.5
± 0.2
0.075
± 0.004
1.9
± 0.1
0.126
± 0.012
3.2
± 0.3
MARKING (inductance & tolerance)
0.087
± 0.008
2.2
± 0.2
0.024
± 0.008
0.6
± 0.2
TYP
TERMINALS APPROX. FLUSH
TO MOUNTING SURFACE
PAD LAYOUT
0.063
± 0.008
1.6
± 0.2
0.067
± 0.004
1.7
± 0.1
0.083
± 0.008
2.1
± 0.2
TYP
GLA, GLAC, GLC and GLD
Series Outline Drawing
All dimensions are in/mm.


Similar Part No. - GLZB3N306

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GLZ EIC-GLZ Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ10 PANJIT-GLZ10 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Diotech Company.
GLZ10 DIOTECH-GLZ10 Datasheet
1Mb / 4P
   500mW SUFACE MOUNT ZENER DIODE
logo
EIC discrete Semiconduc...
GLZ10A EIC-GLZ10A Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ10A PANJIT-GLZ10A Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - GLZB3N306

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com