Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH38FM121J-Y Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # MCH38FM121J-Y
Description  Multilayer High RF Power Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MCH38FM121J-Y Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  MCH38FM121J-Y Datasheet HTML 1Page - Cornell Dubilier Electronics MCH38FM121J-Y Datasheet HTML 2Page - Cornell Dubilier Electronics MCH38FM121J-Y Datasheet HTML 3Page - Cornell Dubilier Electronics MCH38FM121J-Y Datasheet HTML 4Page - Cornell Dubilier Electronics MCH38FM121J-Y Datasheet HTML 5Page - Cornell Dubilier Electronics MCH38FM121J-Y Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Types MCH and MCHN Multilayer High RF Power Capacitors
Soldering Specifications
Reflow Solder Profile
70
80
90
20
10
0
Time (sec)
300
260
200
150
100
50
25
220 ~255 ºC
Peak 230 ~255 ºC
5 sec. max.
Pre-heat
Solder-
Cooling
Wave Solder Profile
300
260
200
150
100
50
25
150
180
200
50
30
0
220 ~260 ºC
Pre-heat
Soldering
Cooling
Peak 230~260 ºC
10 sec. max.
Time (sec)
SnPb or SnAgCu recommended solder
Do not use strong acid type flux with RM or RMS
Soldering iron tip temperature should be
280 ºC to 350 ºC ≤ 5 sec.
80 Watt iron or less
Iron tip should not touch chip terminals
Solder
Solder
Tip of iron
Good
Bad
Capacitor
10-10-2007
Mount the capacitor as shown at right and
press the ram bar until a 2.0 mm deflection is
achieved. There will be no visual damage and
the capacitors will meet the limits of methods JIS
5102 8.11 and AEC-Q200-005 without cracking or
visual damage.
Hand Soldering Method
Bending Test:
Mechanical Specifications
6


Similar Part No. - MCH38FM121J-Y

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
logo
ON Semiconductor
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
MCH3007-TL-H ONSEMI-MCH3007-TL-H Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
logo
Teledyne Technologies I...
MCH3008 TELEDYNE-MCH3008 Datasheet
275Kb / 2P
   1 TO 3400 MHz TO-8H TRIPLE-MCH3008 BALANCED MIXER
MCH3009 TELEDYNE-MCH3009 Datasheet
175Kb / 2P
   1 TO 3400 MHz TO-8H TRIPLE-MCH3009 BALANCED MIXER
More results

Similar Description - MCH38FM121J-Y

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MCM01 CDE-MCM01 Datasheet
456Kb / 6P
   SMT Clad RF Capacitors Multilayer High Power, High Temperature Mica and PTFE Capacitors
MC08CA0R5D-F CDE-MC08CA0R5D-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
Vishay Siliconix
QUAD-HIFREQ VISHAY-QUAD-HIFREQ Datasheet
166Kb / 14P
   Surface Mount Multilayer Ceramic Capacitors for RF Power Applications
Revision: 07-Mar-17
QUADHIFREQ VISHAY-QUADHIFREQ Datasheet
166Kb / 14P
   Surface Mount Multilayer Ceramic Capacitors for RF Power Applications
Revision: 07-Mar-17
TDFZ170229 VISHAY-TDFZ170229_15 Datasheet
82Kb / 4P
   RF Power Pot Capacitors
Revision: 07-Sep-15
TOSZ080110 VISHAY-TOSZ080110 Datasheet
77Kb / 3P
   RF Power Barrel Capacitors
Revision: 11-Sep-15
logo
Cornell Dubilier Electr...
MCM CDE-MCM Datasheet
562Kb / 7P
   Multilayer High Power, High Temperature Mica and PTFE Capacitors
logo
AVX Corporation
HQCC AVX-HQCC Datasheet
148Kb / 3P
   Hi-Q High RF Power MLC Surface Mount Capacitors
HQCC7M152GAH6A AVX-HQCC7M152GAH6A Datasheet
718Kb / 5P
   Hi-Q짰 High RF Power MLC Surface Mount Capacitors
logo
Panasonic Semiconductor
ECD-G0E150J PANASONIC-ECD-G0E150J Datasheet
233Kb / 6P
   Multilayer Ceramic Capacitors(High-Q Capacitors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com