Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK010M100ST Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # SK010M100ST
Description  85 ?C Radial Leaded Aluminum Electorlytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SK010M100ST Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  SK010M100ST Datasheet HTML 1Page - Cornell Dubilier Electronics SK010M100ST Datasheet HTML 2Page - Cornell Dubilier Electronics SK010M100ST Datasheet HTML 3Page - Cornell Dubilier Electronics SK010M100ST Datasheet HTML 4Page - Cornell Dubilier Electronics SK010M100ST Datasheet HTML 5Page - Cornell Dubilier Electronics SK010M100ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SK 105 ºC Radial Leaded Aluminum Electorlytic Capacitors
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
200 Vdc (250 Volts Surge)
100
SK101M200ST
1.99
330
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
220
SK221M200ST
0.90
520
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
250 Vdc (300 Volts Surge)
0.47
SKR47M250ST
423.50
12
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
1.0
SK010M250ST
199.04
17
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
2.2
SK2R2M250ST
90.47
30
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
3.3
SK3R3M250ST
60.32
35
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
4.7
SK4R7M250ST
42.35
45
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
10
SK100M250ST
19.90
70
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
22
SK220M250ST
9.05
130
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
33
SK330M250ST
6.03
160
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
47
SK470M250ST
4.23
210
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
100
SK101M250ST
1.99
310
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
350 Vdc (400 Volts Surge)
0.47
SKR47M350ST
564.67
14
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SK010M350ST
265.39
18
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
2.2
SK2R2M350ST
120.63
28
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
3.3
SK3R3M350ST
80.42
35
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
4.7
SK4R7M350ST
56.47
40
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
10
SK100M350ST
26.54
70
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
22
SK220M350ST
12.06
110
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
33
SK330M350ST
8.04
140
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
47
SK470M350ST
5.65
220
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
100
SK101M350ST
2.65
360
.709 (18.0) 1.42 (36.0)
.295 (7.5)
.0315 (0.8)
400 Vdc (450 Volts Surge)
0.5
SKR47M400ST
564.67
14
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SK010M400ST
265.39
18
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
2.2
SK2R2M400ST
120.63
28
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
3.3
SK3R3M400ST
80.42
32
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
4.7
SK4R7M400ST
56.47
41
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
10
SK100M400ST
26.54
70
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
22
SK220M400ST
12.06
120
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
33
SK330M400ST
8.04
140
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
47
SK470M400ST
5.65
160
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
450 Vdc (500 Volts Surge)
0.47
SKR47M450ST
564.67
14
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SK010M450ST
265.39
19
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
2.2
SK2R2M450ST
120.63
29
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
3.3
SK3R3M450ST
80.42
35
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
4.7
SK4R7M450ST
56.47
50
.394 (10.0) .709 (18.0)
.197 (5.0)
.0236 (0.6)
10
SK100M450ST
26.54
75
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
22
SK220M450ST
12.06
110
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
33
SK330M450ST
8.04
150
.630 (16.0) 1.42 (36.0)
.295 (7.5)
.0315 (0.8)
47
SK470M450ST
5.65
230
.630 (16.0) 1.57 (40.0)
.295 (7.5)
.0315 (0.8)
Ratings


Similar Part No. - SK010M100ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SK010M100ST CDE-SK010M100ST Datasheet
551Kb / 8P
   2000 Hour Long Life, General Purpose Aluminum Electrolytic
More results

Similar Description - SK010M100ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST Datasheet
483Kb / 5P
   105 ?CRadial Leaded Aluminum Electorlytic Capacitors
logo
Vishay Siliconix
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com