Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLSA1R000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GLSA1R000
Description  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLSA1R000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GLSA1R000 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLSA1R000 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLSA1R000 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLSA1R000 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSA1R000 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSA1R000 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSA1R000 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSA1R000 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSA1R000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
3
Inductance
Frequency
Q Test
Pin Connection
Inductance
Test Freq.
Range
Adjustment
Q
Frequency
Model
(
µH)
(MHz)
(MHz)
Range
min
(MHz)
A
B
Turns
Number
0.047
10
50 - 200
±3.0 %
38
150
4
2
3 1/4
GLSV47N00
0.056
10
50 - 200
–6.0 %
40
150
2
4
3 3/4
GLSV56N00
0.068
10
50 - 200
±3.0 %
45
150
2
4
3 3/4
GLSV68N00
0.082
10
50 - 200
±3.5 %
38
150
2
4
4 3/4
GLSV82N00
0.10
10
50 - 200
±4.0 %
48
100
2
4
4 3/4
GLSVR1000
0.12
10
50 - 200
±5.0 %
32
100
2
4
5 3/4
GLSVR1200
0.15
10
50 - 200
±5.0 %
42
100
2
4
5 3/4
GLSVR1500
0.18
10
50 - 200
±5.0 %
40
100
4
2
6 1/4
GLSVR1800
0.22
10
20 - 150
±7.5 %
45
70
4
2
7 1/4
GLSVR2200
0.27
10
20 - 150
±7.5 %
35
70
2
4
7 3/4
GLSVR2700
0.33
10
20 - 150
±7.5 %
35
70
2
4
8 3/4
GLSVR3300
0.39
10
20 - 150
±7.5 %
40
70
2
4
9 3/4
GLSVR3900
0.47
10
20 - 150
±7.5 %
45
70
4
2
11 1/4
GLSVR4700
0.56
10
20 - 150
±7.5 %
42
70
2
4
12 3/4
GLSVR5600
0.68
10
10 - 100
±7.5 %
45
50
4
2
14 1/4
GLSVR6800
0.82
10
10 - 100
±7.5 %
42
50
2
4
15 3/4
GLSVR8200
1.0
10
2 - 40
±7.5 %
42
50
4
2
17 1/4
GLSV1R000
1.2
10
2 - 40
±7.5 %
45
20
4
2
19 1/4
GLSV1R200
1.5
10
2 - 40
±7.5 %
45
20
4
2
21 1/4
GLSV1R500
1.8
10
2 - 40
±7.5 %
45
20
2
4
23 3/4
GLSV1R800
2.2
1
2 - 40
±5.0 %
45
20
2
4
27 3/4
GLSV2R200
2.7
1
2 - 40
±5.0 %
40
20
4
2
30 1/4
GLSV2R700
3.3
1
2 - 40
±5.0 %
35
20
4
2
34 1/4
GLSV3R300
3.9
1
2 - 40
±5.0 %
35
10
2
4
34 3/4
GLSV3R900
4.7
1
2 - 40
±5.0 %
35
10
2
4
38 3/4
GLSV4R700
5.6
1
2 - 40
±5.0 %
35
10
2
4
413/4
GLSV5R600
6.8
1
1 - 10
±5.0 %
30
5
4
2
44 1/4
GLSV6R800
8.2
1
1 - 10
±5.0 %
23
5
4
2
48 1/4
GLSV8R200
10.0
1
1 - 10
±5.0 %
23
5
4
2
55 1/4
GLSV10000
12.0
1
1 - 10
±5.0 %
23
5
4
2
61 1/4
GLSV12000
15.0
0.5
1 - 10
±5.0 %
25
5
4
2
67 1/4
GLSV15000
STANDARD VALUES (1 Winding)
A
B


Similar Part No. - GLSA1R000

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
GLS OMRON-GLS Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-1 OMRON-GLS-1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-M1 OMRON-GLS-M1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
GLS-S1 OMRON-GLS-S1 Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
logo
Greenliant systems
GLS27SF010 GREENLIANT-GLS27SF010 Datasheet
951Kb / 23P
   Many-Time Programmable Flash
More results

Similar Description - GLSA1R000

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
CTX10-4P COOPER-CTX10-4P Datasheet
461Kb / 8P
   Power Inductors and Transformers
logo
Vishay Siliconix
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
   SMD Power Inductors and Transformers
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
   Current Sense Transformers and Inductors
logo
Filtran LTD
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
logo
Pulse A Technitrol Comp...
PA0648NL PULSE-PA0648NL Datasheet
78Kb / 1P
   SMT TRANSFORMERS
PE-68386NL PULSE-PE-68386NL Datasheet
1Mb / 2P
   SMT AND THT GATE DRIVE TRANSFORMERS
logo
Vishay Siliconix
PE30 VISHAY-PE30_08 Datasheet
131Kb / 6P
   Fully Sealed Container Cermet Potentiometer Military and Professional Grade
Revision: 04-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com