Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLS212M060EA0C Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MLS212M060EA0C
Description  125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLS212M060EA0C Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MLS212M060EA0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLS212M060EA0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLS212M060EA0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLS212M060EA0C Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type MLS 125 ºC Stainless Flatpack,Ultra-Long Life, Aluminum
Type MLS 125 ºC Stainless Flatpack,Ultra-Long Life, Aluminum
Specifications
Ripple Current Capability is set by the maximum
permissible internal core temperature, 125 ºC.
Air Cooled. The ripple currents in the ratings tables
are for 85 ºC case temperatures. For air temperatures
without a heatsink use the Ambient Temperature, No
Heatsink multipliers.
Heatsink Cooled. Temperature rise from the internal
hottest spot, the core, to ambient air is:
ΔT = I2(ESR)(Өcc + Өca)
where
Өcc is the thermal resistance from core to case
and
Өca from case to ambient. To calculate maximum
ripple capability with the MLP attached to a heatsink
use the maximum core temperature and the values for
Өcc.
As an illustration, suppose you operate an
MLS332M060EB1C in 65 ºC air and attach it to a com-
mercial heatsink with a free-air thermal resistance of
2.7 ºC/W. Use a good thermal grease between the MLS
and the heatsink, and the total thermal resistance is 2.7
+ 1.8 or 4.5 ºC/W. The power which would heat the
core to 125 ºC is (125-65)/4.5 or 13.3 W. For an ESR
of 31 m
Ω, 13.3 W equates to a ripple current of 20.7A,
however, the wire leads are rated for only 20 A.
Outline Drawings
MLS
821
M
200
EB
O
A
Type
Capacitance Tolerance
Rated
Voltage
Case Code
Insulation
Mounting Style
MLS
821=820 µF
102 = 1000 µF
M=±20%
Vdc
EK, L=1.5 in.
EA, L=2.0 in.
EB, L=3.0 in.
0 = bare can
1 = polyester
A = mounting tabs
C = two leads/no tabs
D = hook leads/tabs
Part Numbering System
Case
Length
Weight
Code
L (in)
(g)
EK
1.5
43
EA
2.0
76
EB
3.0
92
Style A: Mounting Tabs
Style C: Two Leads, No Tabs
Style D: Hook Leads
Note: The mounting tabs are at case potential and the negative lead connects to the case through the electrolyte.


Similar Part No. - MLS212M060EA0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLS212M060EA0C CDE-MLS212M060EA0C Datasheet
301Kb / 6P
   Now Available with High Vibration and High Reliability Options
MLS212M060EA0C CDE-MLS212M060EA0C Datasheet
1,017Kb / 6P
   Now Available with High Vibration and High Reliability Options
More results

Similar Description - MLS212M060EA0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLP193M7R5EK0A CDE-MLP193M7R5EK0A Datasheet
454Kb / 5P
   85 ?C Flatpack, Ultra-Long Life, Aluminum
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
   Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
United Chemi-Con, Inc.
GXL CHEMI-CON-GXL Datasheet
358Kb / 2P
   Long life, 125?
logo
Cornell Dubilier Electr...
381EL CDE-381EL Datasheet
372Kb / 5P
   Ultra-Long Life Snap-In, Aluminum
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
logo
United Chemi-Con, Inc.
EGXE800E CHEMI-CON-EGXE800E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE350E CHEMI-CON-EGXE350E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com