Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLS112M075EK0C Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # MLS112M075EK0C
Description  125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLS112M075EK0C Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  MLS112M075EK0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLS112M075EK0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLS112M075EK0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLS112M075EK0C Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type MLS 125 ºC Stainless Flatpack,Ultra-Long Life, Aluminum
Typical Performance Curves
Ratings
ESR max
25 °C (mΩ)
120 Hz 20 kHz
Ripple (A)
Case @ 85°C
120 Hz 20 kHz
ESR max
25 °C (mΩ)
120 Hz 20 kHz
Ripple (A)
Case @ 85°C
120 Hz 20 kHz
Cap
(µF)
Length
(inches)
Cap
(µF)
Length
(inches)
Catalog Part Number
Catalog Part Number
5 Vdc (7.5 Vdc Surge) [105 °C: 7.5 Vdc (10 Vdc Surge)]
2,100 MLS212M060EA0C
72
52
11.9
14.1
2.0
19,000 MLS193M5R0EK0C
76
66
12.6
13.6
1.5
3,300 MLS332M060EB0C
44
31
15.3
18.2
3.0
28,000 MLS283M5R0EA0C
50
44
19.9
21.4
2.0
75 Vdc (100 Vdc Surge) [105 °C: 100 Vdc (125 Vdc Surge)]
47,000 MLS473M5R0EB0C
30
26
32.0
34.4
3.0
1,100 MLS112M075EK0C
112
78
9.6
11.5
1.5
7.5 Vdc (10 Vdc Surge) [105 °C: 10 Vdc (13 Vdc Surge)]
1,600 MLS162M075EA0C
76
54
11.6
13.8
2.0
17,000 MLS173M7R5EK0C
77
67
12.5
13.5
1.5
2,700 MLS272M075EB0C
46
33
14.9
17.6
3.0
26,000 MLS263M7R5EA0C
51
45
19.8
21.1
2.0
100 Vdc (125 Vdc Surge) [105 °C: 150 Vdc (180 Vdc Surge)]
43,000 MLS433M7R5EB0C
31
27
31.5
33.8
3.0
500 MLS501M100EK0C
355
248
5.4
6.4
1.5
10 Vdc (15 Vdc Surge) [105 °C: 16 Vdc (20 Vdc Surge)]
770 MLS771M100EA0C
238
166
6.6
7.8
2.0
13,000 MLS133M010EK0C
81
69
12.2
13.3
1.5
1,300 MLS132M100EB0C
143
100
8.5
10.1
3.0
23,000 MLS233M010EA0C
51
45
19.8
21.1
2.0
150 Vdc (175 Vdc Surge) [105 °C: 200 Vdc (250 Vdc Surge)]
38,000 MLS383M010EB0C
31
27
31.5
33.8
3.0
400 MLS401M150EK0C
388
253
5.1
6.4
1.5
20 Vdc (30 Vdc Surge) [105 °C: 30 Vdc (40 Vdc Surge)]
600 MLS601M150EA0C
261
168
6.3
7.8
2.0
6,800 MLS682M020EK0C
84
69
11.0
12.2
1.5
1,000 MLS102M150EB0C
158
100
8.1
10.1
3.0
10,000 MLS103M020EA0C
56
46
13.6
15.0
2.0
200 Vdc (225 Vdc Surge) [105 °C: 250 Vdc (300 Vdc Surge)]
17,000 MLS173M020EB0C
33
27
17.6
19.5
3.0
330 MLS331M200EK0C
426
258
4.9
6.2
1.5
40 Vdc (50 Vdc Surge) [105 °C: 50 Vdc (63 Vdc Surge)]
490 MLS491M200EA0C
285
172
6.0
7.7
2.0
4,400 MLS442M040EK0C
97
70
10.3
12.1
1.5
820 MLS821M200EB0C
172
103
7.7
10.0
3.0
6,600 MLS662M040EA0C
62
46
12.9
15.0
2.0
250 Vdc (275 Vdc Surge) [105 °C: 250 Vdc (300 Vdc Surge)]
11,000 MLS113M040EB0C
36
27
16.9
19.5
3.0
220 MLS221M250EK0C
597
393
4.1
5.1
1.5
60 Vdc (75 Vdc Surge) [105 °C: 80 Vdc (100 Vdc Surge)]
330 MLS331M250EA0C
399
262
5.0
6.3
2.0
1,500 MLS152M060EK0C
106
77
9.8
11.5
1.5
560 MLS561M250EB0C
240
157
6.5
8.1
3.0


Similar Part No. - MLS112M075EK0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLS112M075EK0C CDE-MLS112M075EK0C Datasheet
301Kb / 6P
   Now Available with High Vibration and High Reliability Options
MLS112M075EK0C CDE-MLS112M075EK0C Datasheet
1,017Kb / 6P
   Now Available with High Vibration and High Reliability Options
More results

Similar Description - MLS112M075EK0C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLP193M7R5EK0A CDE-MLP193M7R5EK0A Datasheet
454Kb / 5P
   85 ?C Flatpack, Ultra-Long Life, Aluminum
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
   Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
logo
United Chemi-Con, Inc.
GXL CHEMI-CON-GXL Datasheet
358Kb / 2P
   Long life, 125?
logo
Cornell Dubilier Electr...
381EL CDE-381EL Datasheet
372Kb / 5P
   Ultra-Long Life Snap-In, Aluminum
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
logo
United Chemi-Con, Inc.
EGXE800E CHEMI-CON-EGXE800E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE350E CHEMI-CON-EGXE350E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com