Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLW50-16 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # NLW50-16
Description  105 ?C, Miniature Computer Grade, Axial Leaded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

NLW50-16 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  NLW50-16 Datasheet HTML 1Page - Cornell Dubilier Electronics NLW50-16 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type NLW 105 ºC, Miniature Computer Grade, Axial Leaded
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
105 ºComputer Grade
Type NLW Combines low DCL and ESR to provide
superior performance. Designed for industrial appli-
cations requiring resistance to vibration and extended
operating temperatures.
Highlights
Low DCL and ESR
Extended temperature
Subminiature, high capacitance, low cost
Extended Life
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Leakage Current:
Ripple Current Multipliers:
1.0 to 400 µF
6.3 to 150 Vdc
–10 +75%
–40 ºC to +105 ºC
<25 Vdc 0.1 √CV +2 µA
≥25 Vdc 0.2 √CV +2 µA
Ambient Temperature
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 ºC
105 ºC
1.61
1.48
1.34
1.18
1.00
0.77
0.45
Frequency 50 Hz
60 Hz 120 Hz 360 Hz 1 kHz
5 kHz 10 kHz+
0 - 60 Vdc
0.85
1.00
1.10
1.15
1.15
1.15
1.15
61 - 150 Vdc 0.83
1.00
1.15
1.20
1.20
1.20
1.20
Load Life:
Shelf Life:
Vibration:
1,000 h @ +105 ºC
∆ Capacitance ±20%
∆ ESR 200% of limit
∆ DCL 200% of limit
1,000 h @ +105 ºC
∆ Capacitance ±20%
∆ ESR 200% of limit
∆ DCL 200% of limit
10 to 55 Hz; 0.06” and 10 g max, 2 h in each
plane
Outline Drawing
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - NLW50-16

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
NLW50-16 CDE-NLW50-16 Datasheet
273Kb / 3P
   Subminiature, high capacitance, low cost
More results

Similar Description - NLW50-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
361R222M6R3EG2 ETC2-361R222M6R3EG2 Datasheet
285Kb / 5P
   105 ?C, Miniature, Industrial Grade, Radial Leaded
logo
Cornell Dubilier Electr...
556 CDE-556 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
logo
List of Unclassifed Man...
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
057152U6R3FE2 ETC2-057152U6R3FE2 Datasheet
175Kb / 4P
   Military Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
WBR100-16A CDE-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com